Part Number Hot Search : 
4400P TPD2125 DG540DJ MAX4839 6N1001JR IDT7226 ISL22446 RCWE1210
Product Description
Full Text Search
 

To Download 2SD596 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SD596 0.7a , 30v npn plastic encapsulated transistor elektronische bauelemente 15-jul-2011 rev. a page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 1 base 2 emitter collector 3 rohs compliant product a suffix of -c specifies halogen & lead-free features  high dc current gain  complementary to 2sb624 marking dv4 package information package mpq leader size sot-23 3k 7 inch absolute maximum ratings (t a =25 c unless otherwise specified) parameter symbol rating unit collector to base voltage v cbo 30 v collector to emitter voltage v ceo 25 v emitter to base voltage v ebo 5 v collector current - continuous i c 700 ma collector power dissipation p c 200 mw junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a =25 c unless otherwise specified) parameter symbol min. typ. max. unit test condition collector to base breakdown voltage v (br)cbo 30 - - v i c =100 a, i e =0 collector to emitter breakdown voltage v (br)ceo 25 - - v i c =1ma, i b =0 emitter to base breakdown voltage v (br)ebo 5 - - v i e =100 a, i c =0 collector cut-off current i cbo - - 0.1 a v cb =30v, i e =0 emitter cut-off current i ebo - - 0.1 a v eb =5v, i c =0 dc current gain 1 h fe (1) 200 - 320 v ce =1v, i c =100ma h fe (2) 50 - - v ce =1v, i c =700ma collector to emitter saturation voltage 1 v ce(sat) - - 0.6 v i c =700ma, i b =70ma base to emitter saturation voltage 1 v be 0.6 - 0.7 v v ce =6v, i c =10ma transition frequency f t 170 - - mhz v ce =6v, i c =10ma collector output capacitance c ob - 12 - pf v cb =6v, i e =0, f=10mh z note: 1. pulse width Q 350 s, duty cycle Q 2%. sot-23 top view a l c b d g h j f k e 1 2 3 1 2 3 ref. millimeter ref. millimeter min. max. min. max. a 2.80 3.04 g 0.09 0.18 b 2.10 2.55 h 0.45 0.60 c 1.20 1.40 j 0.08 0.177 d 0.89 1.15 k 0.6 ref. e 1.78 2.04 l 0.89 1.02 f 0.30 0.50
2SD596 0.7a , 30v npn plastic encapsulated transistor elektronische bauelemente 15-jul-2011 rev. a page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves
2SD596 0.7a , 30v npn plastic encapsulated transistor elektronische bauelemente 15-jul-2011 rev. a page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of 2SD596

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X