Part Number Hot Search : 
BYD33GZ DTV64 XP4117 ML74WLCE 10250 ATA00 NAS1835 AP9107
Product Description
Full Text Search
 

To Download 25PT06AI-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page1of5 semiconductor 25pt series rohs rohs stansard scrs, 25a main features symbol value unit i t(rms) v /v drm rrm i gt 25 a v ma 4 40 to 600to1600 description 2 1 2 3 to220ab (non-lnsulated) 1 2 3 to220ab (lnsulated) (25ptxxa) (25ptxxai) (g)3 1(a1) (a2) 2 www.nellsemi.com the25ptseriesofsiliconcontrolledrectifiersarehigh performance glass passivated technology, and are suitableforgeneralpurposeapplications. using clip assembly technology, they provide a superiorperformanceinsurgecurrentcapabilities. a 2 a 2 g a 1 to 263 ( d pak) 2 (25ptxxh) symbol i t rms ( ) rms on state current full sine wave i tsm non repetitive surge peak on state current full cycle t initial = 25 c) ( , j a i t 2 i t value for fusing 2 450 a s 2 di dt / critical rate of rise of on state current 50 i gm peak gate current p g av ( ) average gate power dissipation t stg storage temperature range operating junction temperature range 40 + 150 to 40 + 125 to oc a s / aa w unit value 300 f=50hz f=60hz t=20ms t=16.7ms t =10ms p f=60hz t =125oc j t =125oc j t =125oc j t =20s p t j absolute maximum ratings parameter test conditions v 600 to1600 t =125oc j v drm v rrm repetitivepeakoffstatevoltage repetitivepeakreversevoltage (180conductionangle) 4 1 averageonstatecurrent (180conductionangle) i t av ( ) 16 a i = 2xl , t ns g gt r 100 to263/to220ab to220abinsulated tc=100c tc=83c maximumgatepower p gm w 10 t =20 p s t =125oc j to263/to220ab to220abinsulated tc=100c tc=83c 25 314
semiconductor rohs rohs 25pt series page2of5 www.nellsemi.com note : xx voltage , y = sensitivity = 25ptxxxx unit i gt v gd i h ma dv dt / v tm i drm i rrm ma i l v =12v,r =33 d l v =v ,r =3.3k d drm l r =220 gk i =500ma,gateopen t i =1.2 i g gt v =67%v , gateopen d drm 0.2 40 20 500 ma vv ma v/s i =50a, t t =380s p t =125c j t =25c j t =25c j v a electrical specifications ( t j = 25 ) oc unless otherwise specified test conditions symbol v =v ,v =v d drm r rrm 1.6 5 2 r =220 gk max. max. min. max. min. min. max. max. max. 4 thermal resistance r th j c ( ) junction to case dc ( ) r th j a ( ) junction to ambient 1.0 45 c/w c/w unit value symbol parameter d pak 2 /to220ab to220abinsulated to263( pak) d 2 to220ab/to220abinsulated 2.0 60 v gt v 0.77 v to t =125c j product selector part number voltage x x ( ) sensitivity 600 v a 40 m 1000 v 25ptxxa/25ptxxal 25ptxxh v v 800 v v package to220ab v v d pak 2 a 40 m ordering information 25ptxxay 25ptxxay ordering type marking package weight base q , ty delivery mode to220ab 2.0g 50 tube 25ptxxaiy 25ptxxaiy 2.3g 50 tube 25ptxxhy 25ptxxhy to263(d pak) 2 2.0g 50 to220ab(insulated) tube r d m t =125c j t =125c j t =125c j max. max. 14 s=1cm 2 thresholdvoltage dynamicresistance min. 1.3 s=coppersurfaceundertab d 10 40 4 50 90 v 1200 v vv vv v v v v vv 25ptxxad/25ptxxald 25ptxxhd a 4~10 m a 4~10 m to220ab d pak 2 1600 v vv v v
semiconductor rohs rohs 25pt series page3of5 www.nellsemi.com ordering information scheme scr series package type current voltage code a to220ab(noninsulated) = ai to220ab(insulated) = 25=25a,i t(rms) 25 pt 06 06=600v h=to263(d pak) 2 08=800v 10=1000v fig.1 maximum average power dissipation versus average on-state current. fig.2 average and dc on-state current versus case temperature. fig.3 average and dc on-state current versus ambient temperature. fig.4 relative variation of thermal impedance versus pulse duration.(d2pak, and to-220ab) p w ( ) 0 8 10 12 14 16 18 20 22 0 2 4 6 8 10 12 0 2 4 6 8 10 12 14 16 18 0 25 50 75 100 125 0.0 0.5 1.0 1.5 2.0 2.5 3.5 3.0 l (a) t(av) l (a) t(av) 0 25 50 75 100 125 k=[z /r ] th th 1.00 0.10 0.01 1e3 1e2 1e1 1e+0 1e+1 1e+2 5e+2 - d i sensitivity gt 12=1200v d=4~10ma blank=4~40ma 360 i (a) t(av) 6 4 2 14 16 =180 d c . . to220abins to220ab d2pak t (c) case 20 22 24 26 28 t (c) amb =180 d c . . to220abins to220ab d2pak z j c th ( - ) z j a th ( - ) t (s) p 16=1600v
semiconductor rohs rohs 25pt series fig.7 surge peak on-state current versus number of cycles. fig.5 relative variation of thermal impedance versus pulse duration. (to-220ab ins) 1.0e02 l l l [t ]/l ,l ,l [t =25c] gt , , h l j gt h l j i a tm ( ) 0.0 0.5 1.0 1.5 2.0 2.5 40 100 fig.8 non-repetitive surge peak on-state current , and corresponding values of l t 2 50 0 1 10 100 1000 2000 100 1000 0.01 0.10 1.00 10.00 fig.9 on-state characteristics (maximum values) 1 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 10 page4of5 www.nellsemi.com t (s) p z th(ja) z th(jc) l gt i i h l & t (c) j 20 0 20 40 60 80 120 140 t ms p = 0 1 one cycle nonrepetitive t initial=25 c j repetitive t =83c case number of cycles 100 150 200 250 300 350 l tsm t initial=25c j l t 2 dl/dt limitattion sinusoidal pulse width t p (ms) t max.: v =0.77v r =14m j to d v (v) tm s(cm ) 2 epoxy printed circuit board f copper thickness = 35 m 100 1000 0 4 12 8 16 20 24 28 32 36 40 0 30 20 10 40 50 60 70 80 fig.10 thermal resistance junction to versus copper surface (d pak) 2 ambient under tab fig.6 relative variation of gate trigger holding, and latching currents versus junction temperature. i a , l2t (a2s) tsm ( ) i a tsm ( ) k=[z /r ] th th 1.0e01 1.0e+01 1.0e03 1.0e02 1.0e01 1.0e+00 1.0e+01 1.0e+02 1.0e+03 r (c/w) th ja ( ) r4,
semiconductor rohs rohs rohs (g)3 1(a1) (a2) 2 2.87 (0.113) 2.62(0.103) 9.40(0.370)9.14(0.360) 10.54(0.415) . max 16.13(0.635) 15.87 (0.625) pin 4.06(0.160)3.56(0.140) 1.45(0.057)1.14(0.045) 2.67(0.105)2.41(0.095) 2.65(0.104)2.45(0.096) 5.20 (0.205)4.95 (0.195) 0.90(0.035)0.70 (0.028) 3.91(0.154)3.74(0.148) 1 3 2 4.70(0.185) 4.44 0.1754 ( ) 1.39(0.055) 1.14 (0.045) 3.68(0.145)3.43(0.135) 8.89(0.350)8.38(0.330) 29.16(1.148) 28.40 (1.118) 14.22(0.560)13.46(0.530) 0.56(0.022)0.36(0.014) 2.79(0.110) 2.54(0.100) 15.32(0.603)14.55(0.573) to-220ab 25pt series to-263(d pak) 2 2.79(0.110) 0.36(0.014) 2.79(0.110)2.29(0.090) 1.40(0.055)1.19(0.047) 0 0.254(0 0.01) to to 1.40(0.055)1.14(0.045) 4.83(0.190)4.06(0.160) 10.45(0.411) 9.65(0.380) 6.22(0.245) 9.14(0.360)8.13(0.320) 15.00(0.591) 0.940(0.037)0.686(0.027) 2.67(0.105)2.41(0.095) 5.20(0.205)4.95(0.195) 15.85(0.624) 3.56(0.140) 0.53(0.021) case style page5of5 www.nellsemi.com


▲Up To Search▲   

 
Price & Availability of 25PT06AI-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X