Part Number Hot Search : 
01800 M8212 402A4 AUR60A 41010 DF1502M 2N3057A ULN2068B
Product Description
Full Text Search
 

To Download TDA7241B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TDA7241B 20w bridge amplifier for car radio very low stand-by current gain = 32db output protected against short circuits to ground and across load compact heptawatt package dump transient thermal shutdown loudspeaker protection high current capability low distortion / low noise description the TDA7241B is a 20w bridge audio amplifier ic designed specially for car radio applications. thanks to the low external part count and com- pact heptawatt 7-pin power package the TDA7241B occupies little space on the printed circuit board. reliable operation is guaranteed by a compre- hensive array of on-chip protection features. these include protection against ac and dc out- put short circuits (to ground and across the load), load dump transients, and junction overtempera- ture. additionally, the TDA7241B protects the loudspeaker when one output is short-circuited to ground. july 1997 heptawatt ordering number: TDA7241Bh figure 1: test and appliication circuit 1/7
absolute maximum ratings symbol parameter value unit v s operating supply voltage 18 v v s dc supply voltage 28 v v s peak supply voltage (t = 50ms) 40 v i o peak output current (non repetitive t = 0.1ms) 4.5 a i o peak output current (repetitive f > 10hz) 3.5 a p tot power dissipation at t case = 85 c16w t stg , t j storage and junction temperature -40 to 150 c thermal data symbol description value unit r th j-case thermal resistance junction-case max 4 c/w pin connection (top view) TDA7241B 2/7
electrical characteristics (refer to the circuit of fig. 1; v s = 14.4v; r th (heatsink) = 4 c/w, t amb = 25c, unless otherwise specified symbol parameter test condition min. typ. max. unit v s supply range 18 v i d total quiescent current r l = 4 w 80 ma v os output offset voltage 100 mv p o output power . r l = 2 w f = 1khz d = 10% r l = 4 w . r l = 8 w 18 26 20 12 w d distortion r l = 4 w f = 1khz p o = 50mw to 12w 0.1 0.5 % r l = 8 w f = 1khz p o = 50mw to 6w 0.05 % g v voltage gain f = 1khz 31 32 33 db svr supply voltage rejection f =100hz r g = 10k w 40 50 db e n total input noise b = curve a r g = 10k w 2 m v b = 22hz to 22khz r s = 10k w 310mv h efficiency r l = 4 w f = 1khz p o = 20w 65 % i sb stand-by current 100 m a r i input resistance f = 1khz 70 k w v i input sensitivity f = 1khz p o = 2w r l = 4 w 70 mv f l low frequency roll off (-3db) p o = 15w r l = 4 w 30 hz f h high frequency roll off (-3db) po = 15w r l = 4 w 25 khz a s stand-by attenuation v o = 2vrms 70 90 db v th (pin.2) stand-by threshold 1 v t sd thermal shutdown junction temp. 150 c (*) b = curve (**) b = 22hz to 22khz figure 2: p.c. board and component layout of the circuit of fig. 1 (1:1 scale). TDA7241B 3/7
figure 3: output power vs. supply voltage figure 4: output power vs. supply voltage figure 5: distortion vs. output power figure 6: distortion vs. output power figure 7: distortion vs. output power figure 8: svr vs. frequency r g = 10k w r g = 0 w TDA7241B 4/7
figure 9: power dissipation and efficiency vs. output power figure 10: power dissipation and efficiency vs. output power TDA7241B 5/7
heptawatt package mechanical data dim. mm inch min. typ. max. min. typ. max. a 4.8 0.189 c 1.37 0.054 d 2.4 2.8 0.094 0.110 d1 1.2 1.35 0.047 0.053 e 0.35 0.55 0.014 0.022 f 0.6 0.8 0.024 0.031 f1 0.9 0.035 g 2.41 2.54 2.67 0.095 0.100 0.105 g1 4.91 5.08 5.21 0.193 0.200 0.205 g2 7.49 7.62 7.8 0.295 0.300 0.307 h2 10.4 0.409 h3 10.05 10.4 0.396 0.409 l 16.97 0.668 l1 14.92 0.587 l2 21.54 0.848 l3 22.62 0.891 l5 2.6 3 0.102 0.118 l6 15.1 15.8 0.594 0.622 l7 6 6.6 0.236 0.260 m 2.8 0.110 m1 5.08 0.200 dia 3.65 3.85 0.144 0.152 TDA7241B 6/7
information furnished is believed to be accurate and reliable. however, sgs-thomson microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of sgs-thomson microelectronics. specification s men- tioned in this publication are subject to change without notice. this publication supersedes and replaces all information previ ously supplied. sgs-thomson microelectronics products are not authorized for use as critical components in life support devices or systems with out ex- press written approval of sgs-thomson microelectronics. ? 1997 sgs-thomson microelectronics - all rights reserved heptawatt ? is a trademark of sgs-thomson microelectronics sgs-thomson microelectronics group of companies australia - brazil - canada - china - france - germany - hong kong - italy - japan - korea - malaysia - malta - morocco - the n etherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. TDA7241B 7/7


▲Up To Search▲   

 
Price & Availability of TDA7241B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X