Part Number Hot Search : 
5A222 2SA812M7 APL0760 TSM3460 5807M CM8537 2A20112 H8S2245
Product Description
Full Text Search
 

To Download T10A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  edal series t silicon t03 miniature power circuits edal?s miniature power design offers optional configurations in one standar d package. a sharp reduction in space requirements, simplified purchasing, reduced inventory, fewer lead connections and faster assembly by eliminating the need of soldering many diodes to achieve equivalent circuitry are substantial advantages. low unit cost and increased reliability are proven results of edal multiple circuits , now available in half wave, and center tap circuits. ratings for the circuits that are listed below point out the high tempe rature resistance, low leakage current and low forward voltage drop. units utilize double diffused passivated junctions. thr ough quality control program results in high unit reliability. available in fast recovery and/or bulk avala nche devices. series t per section specifications current code amps 10 10 15 15 20 20 piv code (volts) a 50 b 100 c 200 d 300 e 400 f 500 g 600 h 700 k 800 m 1000 n 1200 code circuit 1 half wave 2 center tap, case pos. 3 center tap, case neg. t 10 b 2 first code represents series, second current, third piv, fourth the circuit. s eries t10b2, for example is a 10 amp 100 piv center tap case positive. (203) 467-2591 tel (203) 469-5928 fax email: info@edal.cominternet: http://www.edal.com edal industries, inc. 51 commerce st. east haven, ct 06512 electrical ratings (per section) maximum output current case temp 130 o c io see chart maximum single cycle surge current 250 amps maximum forward voltage drop: at io 25 o c case 1.5 volts maximum reverse current: at piv 50 ua maximum i 2 t 250 amps 2 sec


▲Up To Search▲   

 
Price & Availability of T10A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X