Part Number Hot Search : 
LR024 A9341 050AE MC3400 6404A PDN001R 65DN02 KI4433DY
Product Description
Full Text Search
 

To Download SS20100FL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20v -100v 2.0a ss2020fl thru SS20100FL mechanical data web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com maximum ratings and electrical characteristics sod-123fl surface mount schottky barrier rectifier plastic package has underwriters laboratory flammability classification 94v-0 utilizing fame retardant epoxy molding compound for surface mount applications low leakage current. ca s e: s o d - 123 f l , m ol d ed p l a s ti c t e r m inal s : p la t ed le a d s s o l d e r ab l e p e r mil - s t d - 202, me t ho d 2 0 8 po l a r i t y : c at h ode b a n d w e ight: 0.0 1 7 g r a m s max i m u m rat ing s @t a = 25 c un l e s s o t her w i s e s pe c i f i e d characteristics symbol unit @t a =25 c v rrm i o i fsm v f i r r ja 20 30 40 50 60 100 80 14 21 28 35 42 70 56 20 0.5 30 40 50 0.7 60 100 80 0.85 2.0 50 0.5 10 85 ( t y p) -55 t o+125 -55 t o+150 -55 t o+150 pf v v v v a a ma ss2020fl ? c/w ? c ? c v rms c j t j t s t g v r t ypical jun c tion c apacitan c e t ypical t he r mal r esistan c e s t o r age t empe r a tu r e r ange supe r imposed on r a t ed l oad ( jedec m ethod) 8.3 ms single half sin e - w a v e p eak f o r w a r d su r ge c u r r e n t m aximum a v e r age f o r w a r d ( f i g .1) c o n tinuous r e v erse v oltage m aximum rms v oltage m aximum r ecu r r e n t p eak r e v erse v oltage m aximum i nsta n taneous m aximum dc r e v erse c u r r e n t @t a =25?c a t r a t ed dc bloc k ing v oltage @t a =125?c 160 ( t y p) ope r a ting t empe r a tu r e r ange ss2030fl ss2040fl ss2050fl ss2060fl ss2080fl SS20100FL
ratings and characteristic curves ss2020fl thru SS20100FL e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 20v -100v 2.0a ss2020fl thru SS20100FL surface mount schottky barrier rectifier fig.1 typical forward current derating curve average forward current,(a) reverse voltage,(v) junction capacitance,(pf) instantaneous forward current,(a) forward voltage,(v) 0.4 0.8 1.2 1.6 2.0 2.4 r e v e r s e l e a k a g e c u r r e n t , ( m a ) ambient temperature,(?c) 0 0 20 40 60 80 100 120 140 160 180 200 percent of rated peak reverse voltage,(%) number of cycles at 60hz peak forward surge current,(a) ss2020-ss2040fl ss2050fl-SS20100FL fig.2 typical forward characteristics fig.3 maximum non-repetitive forward surge current fig.4 typical junction capacitance fig.5 typcial reverse characteristics 0.1 1.0 .01 10 50 pulse width 300us 1% duty cycle .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 ss2050fl-ss2060fl ss2080fl-SS20100FL ss2020fl-ss2040fl tj=25?c 0 20 10 30 50 40 1 10 5 50 100 tj=25?c 8.3ms single half sine wave jedec method 700 600 500 400 300 200 100 0 .01 .05 .1 .5 1 5 10 50 100 .1 1.0 10 100 0 20 40 60 80 100 120 140 .01 tj=75?c tj=25?c


▲Up To Search▲   

 
Price & Availability of SS20100FL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X