Part Number Hot Search : 
SP50001 5KE36 PS12034 MOC205 ADXL78 G2406 WS2803 TR3084
Product Description
Full Text Search
 

To Download SMM0207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thin film melf resistors www.vishay.com for technical questions, contact: melf@vishay.com document number: 20005 36 revision: 28-jun-11 SMM0207 vishay draloric this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 features ? melf resistor with high power rating ? aec-q200 qualified ? advanced thin film technology ? pure tin termination on nickel barrier, plated on press fit steel caps ? compliant to rohs directive 2002/95/ec note (1) permissible dissipation depends on the maximum temperature at the solder joint, the component placement density and the substra te material. notes ? the power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow suppo rt of the printed-circuit board (thermal resistance). the rated dissipation applies only if the pe rmitted film temperature of 155 c is n ot exceeded. ? the specification of this pr oduct is based on a test board, providing a thermal resistance of approximately 85 k/w. ? these resistors do not feature a limited lifetime when operated within the permissible limits. however, resistance value drift increasing over operating time may result in exceeding a limi t acceptable to the specific application, thereby est ablishing a functional lifeti me. ** please see document ?vishay material category policy?: www.vishay.com/doc?99902 standard electrical specifications model power rating (1) p 70 w limiting element voltage dc or ac rms v temperature coefficient ppm/k tolerance % resistance range ? e-series SMM0207 1.0 350 50 0.5 1r0 to 2m21 24; 96 SMM0207 1.0 350 50 1 1r0 to 10m 24; 96 SMM0207 1.0 350 100 5 r16 to r91 24 zero-ohm-resistor: omm0207 r max. = 10 m ?? i max. = 5 a technical specifications parameter unit SMM0207 power rating p 70 w1 limiting element voltage, dc or ac rms v 350 insulation voltage (1 min), dc or ac peak v 500 insulation resistance ?? 10 10 category temperature range ? c - 55 to + 155 failure rate: fit observed ? 0.1 x 10 -9 /h
document number: 20005 for technical questions, contact: melf@vishay.com www.vishay.com revision: 28-jun-11 37 SMM0207 thin film melf resistors vishay draloric this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions notes ? color code marking is applied according to iec 60062 (1) in five bands. each color band appears as a single solid line, voids are permissible if at least 2 / 3 of the band is visible from each radial angle of view. the last color band fo r tolerance is approximately 50 % wider than the other bands. ? zero ohm jumper are marked with one centered black band. pattern styles for melf resistors notes ? the given solder pad dimensions reflect the considerations for board design and assembly as outlined e.g. in standards iec 611 88-5-x, or in publication ipc-7351. ? the specified dissipation of 1 w relies on special support from the printed-circuit board in order to achieve the required hea t flow. specification of a particular conductor size is not feas ible since its thermal performance depends on a variety of influences from the actual pcb design and from the applicat ion environment. dimensions and mass type l (mm) d max. (mm) l 1 min. (mm) d 1 (mm) k (mm) mass (mg) SMM0207 omm0207 5.8 + 0/- 0.3 2.2 2.6 d + 0/- 0.2 1.25 0.2 77 recommended solder pad dimensions type wave soldering reflow soldering g (mm) y (mm) x (mm) z (mm) g (mm) y (mm) x (mm) z (mm) SMM0207 omm0207 2.4 2.3 2.6 7.0 2.6 2.0 2.4 6.6 l 1 k d 1 d l g x y z
www.vishay.com for technical questions, contact: melf@vishay.com document number: 20005 38 revision: 28-jun-11 SMM0207 vishay draloric thin film melf resistors this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? products can be ordered using either the part number or the product description. part number and product description part number: SMM02070c5620fbs00 part number: omm02070000000bs00 model version tcr resistance tolerance packaging SMM0207 omm0207 0 = neutral c = 50 ppm/k b = 100 ppm/k 0 = jumper 3 digit value 1 digit multiplier 0000 = jumper multiplier 7 = *10 -3 2 = *10 2 8 = *10 -2 3 = *10 3 9 = *10 -1 4 = *10 4 0 = *10 0 5 = *10 5 1 = *10 1 d = 0.5 % f = 1 % j = 5 % 0 = jumper bp bs product description: SMM0207 50 562r 1 % bs product description: omm0207 0r0 bs SMM0207 50 562r 1 % bs omm0207 - 0r0 - bs model tcr resistance tolerance packaging SMM0207 omm0207 50 ppm/k 100 ppm/k 100r = 100 ? 2m21 = 2.21 m ? 0r0 = jumper 0.5 % 1 % 5 % bp bs packaging type code quantity carrier tape width pitch reel diameter SMM0207 omm0207 bp 1500 blister tape acc. iec 60286-3 type ii 12 mm 4 mm 180 mm/7" bs 7500 330 mm/13" 02 m m s070c5620fbs00 02 m m o070000000bs00
document number: 20005 for technical questions, contact: melf@vishay.com www.vishay.com revision: 28-jun-11 39 SMM0207 thin film melf resistors vishay draloric this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 functional performance - 55 - 25 0 25 50 75 100 125 155 0 20 40 60 8 0 100 120 70 function of rated power in % deratin g ambient tempertature in c 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 square pulse t i in s 1000 100 10 1 0.1 pulse rating p < p 70 secondary conditions: a) p < p 70 (permissible con stant power at ? u = 70 c) b) ? u 70 c c) ? max. see diagram (max. pulse voltage) pulse load p peak max. in w SMM0207 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 square pulse t i in s 1000 100 10 1 0.1 secondary conditions: a) p 0 b ) ? u 70 c c) ? max. see diagram (max. p u lse v oltage) pulse ratin g p 0 pulse load p peak max. in w SMM0207 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 1 8 00 1600 1400 1200 1000 8 00 600 400 200 0 square pulse t i in s maximum pulse volta g e pulse vo lta g e ? max. in v secondary conditions: a) p see diagrams (p u lse rating) b ) ? u 70 c SMM0207 resistance va l ue in 10r 100r 1k 10k 100k 10 100 sin g le pulse hi g h volta g e overload capability 1.2/50 acc. en 60115-1, 4.27 1k 3k t est vo lta g e in v 10r 100r 1k 10k 100k 10 100 1k 3k resistance va l ue in sin g le pulse hi g h volta g e overload capability 10/700 acc. en 60115-1, 4.27 t est vo lta g e in v
www.vishay.com for technical questions, contact: melf@vishay.com document number: 20005 40 revision: 28-jun-11 SMM0207 vishay draloric thin film melf resistors this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 test procedures and requirements test conditions of test requirements permissible change ( ? r ) stability class 0.25 stability class 0.5 stability class 1 stability class 2 10 ? to 1 m ? 1 ? to 10 ? < 1 ? > 1 m ? endurance test at 70 c iec 60115-1, 4.25.1 u = ? u max. ; 1.5 h ?on?, 0.5 h ?off? at 70 c, 1000 h (0.25 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) at 70 c, 8000 h (0.5 % r + 0.05 ? ) (1.0 % r + 0.05 ? ) endurance at uct iec 60115-1, 4.25.3 at 125 c, 1000 h (0.25 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) damp heat steady state 40 c/93 % rh iec 60115-1, 4.24 and iec 60068-2-78 56 days; u = 0.1 x ; u max. = 20 v (0.25 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) damp heat steady state accelerated 85 c/85 % rh 1000 h; u = 0.3 x ; u max. = 40 v (1.0 % r + 0.05 ? ) (2.0 % r + 0.05 ? ) rapid change of temperature; 1000 cycles iec 60115-1, 4.19 and iec 60068-2-14 30 min at lct; 30 min at uct; lct = - 55 c; uct = 125 c (0.25 % r + 0.05 ? ) overload test iec 60115-1, 4.13 u = 2.5 x ? 2 x u max. ; 5 s (0.05 % + 0.01 ? / r ) (0.1 % r + 0.05 ? ) electrostatic discharge (hbm) iec 60340-3-1 3 positive + 3 negative discharges 4 kv (0.5 % r + 0.05 ? ) resistance to soldering heat iec 60115-1, 4.18.2 and iec 60068-2-58 solder bath method (260 5) c; 10 s (0.05 % r + 0.01 ? ) (0.1 % r + 0.05 ? ) applicable specifications ? en 60115-1 generic specification ? en 140400 sectional specification ? en 140401-803 detail specification ? iec 60068-2-x variety of environmental test procedures ? iec 60286-3 packaging of smd components resistance value in 10 100 1k 10k 100k 1m 10m 60 100 non-linearity 70 8 0 90 11 0 120 non-linearity a 3 in db resistance value in 100 1k 10k 100k 1m 10m 0.01 1 current noise 0.05 0.1 0.5 5 10 current noise in v/v p 70 x r p 70 x r p 70 x r p 70 x r
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of SMM0207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X