Part Number Hot Search : 
74LVT08 ADP5131 MT111 MC908QB8 NCP114 TPDVXX40 S6416 DZ2J150
Product Description
Full Text Search
 

To Download SL03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20v-40v 1.1a 1) mechanical data sl02 thru sl04 web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com maximum ratings and electrical characteristics sod-123fl small surface mount schottky diodes ? for surface mounted applications ? low-profile package ? ideal for automated placement ? low power loss, high efficiency ? high temperature soldering: 260 c/10 seconds at terminals ? lead (pb)-free component ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec case: jedec do-219ab (smf) plastic case polarity: color band denotes cathode end weight: approx. 15 mg packaging codes-options: g18 / 10 k per 13" reel (8 mm tape), 50 k/box g08 / 3 k per 7" reel (8 mm tape), 30 k/box thermal characteristics t amb = 25 c, unless otherwise specified mounted on epoxy substrate with 3 x 3 mm cu pads ( 40 m thick) maximum dc blocking voltage sl02 v dc 20 v SL03 v dc 30 v sl04 v dc 40 v maximum average forward rectified current t tp = 109 c i f(av) 1.1 a peak forward surge current 8.3 ms single half sine-wave i fsm 40 a parameter test condition symbol value unit thermal resistance junction to ambient air 2) r thja 180 k/w maximum operating junction temperature t j 125 c storage temperature range t stg - 55 to 150 c parameter test condition part symbol value unit t amb = 25 c, unless otherwise specified parameter test condition part symbol value unit maximum repetitive peak reverse voltage sl02 v rrm 20 v SL03 v rrm 30 v sl04 v rrm 40 v maximum rms voltage sl02 v rms 14 v SL03 v rms 21 v sl04 v rms 28 v absolute maximum ratings
20v-40v 1.1a ratings and characteristic curves sl02 thru sl04 e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 sl02 thru sl04 small surface mount schottky diodes figure 1. forward current derating curve figure 2. typical j unction capacitance figure 3. typical instantaneous fo rward characterisics - sl02 0 10 30 50 70 90 110 130 0 0.5 1.5 1.0 150 lead temperature (c) average forward current (a) 17379 1 2 10 50 1 00 15 0 2 00 250 0 2 4 6 8 10 junction capacitance (pf) reverse voltage (v) sl02 sl04 17380 0 .1 0 .2 0 .3 0 .4 0 .5 0 .6 0 .7 0 .8 0 .9 1.0 1 10 0 0.0001 0.001 0 .01 0.1 instantaneous forward current (a) instantaneous forward voltage (v) t j = 100 c t j =50 c t j =75 c t j =25 c pulse width = 300 s 1% duty cycle 17381 figure 4. typical reverse current characteristics - sl02 figure 5. typical instantaneous fo rward characteristics - SL03 figure 6. typical reverse current characteristics - SL03 0 5 10 15 1 10 100 1000 100 00 20 25 instantaneous reverse current ( a) reverse voltage (v) t j =100 c t j =50 c t j =75 c t j =25 c 17382 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1 10 0 0.0 001 0.001 0.01 0.1 instantaneous forward current (a) instantaneous forward voltage (v) t j = 100 c t j =50 c t j =75 c t j =25 c pulse width = 300 s 1% duty cycle 17383 0 5 10 15 1 0.1 10 100 100 0 100 00 20 25 30 35 instantaneous reverse current ( a) reverse voltage (v) t j = 100 c t j =50 c t j =75 c t j =25 c 17384


▲Up To Search▲   

 
Price & Availability of SL03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X