Part Number Hot Search : 
SI6955 B82801A TC426 LP530 ADR5044 ADR5044 UPD16716 STPR8
Product Description
Full Text Search
 

To Download SD400NR20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 93548 for technical ques tions, contact: ind-modules@vishay.com www.vishay.com revision: 17-apr-08 1 standard recovery diodes (stud version), 400 a sd400n/r series vishay high power products features ? wide current range ? high voltage ratings up to 2400 v ? high surge current capabilities ? stud cathode and stud anode version ? standard jedec types ? compression bonded encapsulations ? lead (pb)-free ? designed and qualified for industrial level typical applications ? converters ? power supplies ? machine tool controls ? high power drives ? medium traction applications electrical specifications product summary i f(av) 400 a do-205ab (do-9) rohs compliant major ratings and characteristics parameter test conditions values units i f(av) 480 a t c 120 c i f(rms) 630 a i fsm 50 hz 8250 60 hz 8640 i 2 t 50 hz 340 ka 2 s 60 hz 311 v rrm range 1600 to 2400 v t j - 40 to 190 c voltage ratings type number voltage code v rrm , maximum repetitive peak reverse voltage v v rsm , maximum non-repetitive peak reverse voltage v i rrm maximum at t j = t j maximum ma sd400n/r 16 1600 1700 15 20 2000 2100 24 2400 2500
www.vishay.com for technical questi ons, contact: ind-modules@vishay.com document number: 93548 2 revision: 17-apr-08 sd400n/r series vishay high power products standard recovery diodes (stud version), 400 a forward conduction parameter symbol test conditions values units maximum average forward current at case temperature i f(av) 180 conduction, half sine wave 400 a 120 c 480 a 100 c maximum rms forward current i f(rms) dc at 110 c case temperature 630 a maximum peak, one-cycle forward, non-repetitive surge current i fsm t = 10 ms no voltage reapplied sinusoidal half wave, initial t j = t j maximum 8250 t = 8.3 ms 8640 t = 10 ms 100 % v rrm reapplied 6940 t = 8.3 ms 7270 maximum i 2 t for fusing i 2 t t = 10 ms no voltage reapplied 340 ka 2 s t = 8.3 ms 311 t = 10 ms 100 % v rrm reapplied 241 t = 8.3 ms 220 maximum i 2 t for fusing i 2 t t = 0.1 to 10 ms, no voltage reapplied 3400 ka 2 s low level value of threshold voltage v f(to)1 (16.7 % x x i f(av) < i < x i f(av) ), t j = t j maximum 0.80 v high level value of threshold voltage v f(to)2 (i > x i f(av) ), t j = t j maximum 0.85 low level value of forward slope resistance r f1 (16.7 % x x i f(av) < i < x i f(av) ), t j = t j maximum 0.55 m high level value of forward slope resistance r f2 (i > x i f(av) ), t j = t j maximum 0.51 maximum forward voltage drop v fm i pk = 1500 a, t j = t j maximum, t p = 10 ms sinusoidal wave 1.62 v thermal and mechanical specifications parameter symbol test conditions values units maximum junction operating temperature range t j - 40 to 190 c maximum storage temperature range t stg - 55 to 200 maximum thermal resistance, junction to case r thjc dc operation 0.11 k/w maximum thermal resistance, case to heatsink r thcs mounting surface, smooth, flat and greased 0.04 maximum allowed mounting torque 10 % not-lubricated threads 27 nm approximate weight 250 g case style see dimensions (link at the end of datasheet) do-205ab (do-9)
document number: 93548 for technical ques tions, contact: ind-modules@vishay.com www.vishay.com revision: 17-apr-08 3 sd400n/r series standard recovery diodes (stud version), 400 a vishay high power products note ? the table above shows the increment of thermal resistance r thjc when devices operate at di fferent conduction angles than dc fig. 1 - current ratings characteristics f ig. 2 - current ratings characteristics fig. 3 - forward powe r loss characteristics r thjc conduction conduction angle sinusoidal conduction rect angular conduction test conditions units 180 0.020 0.013 t j = t j maximum k/w 120 0.023 0.023 90 0.029 0.031 60 0.042 0.044 30 0.073 0.074 110 120 130 140 150 160 170 180 190 0 50 100 150 200 250 300 350 400 450 30 60 90 120 180 average forward current (a) conduction angle maximum allowable case temperature (c) sd 4 0 0 n / r se r i e s r (dc) = 0.11 k/ w thjc 100 110 120 130 140 150 160 170 180 190 0 100 200 300 400 500 600 700 dc 30 60 90 120 180 conduction period maximum allowable case temperature (c) average forward current (a) sd 4 0 0 n / r se r i e s r (dc) = 0.11 k/ w thjc 10 30 50 70 90 110 130 150 170 190 maximum allowable ambient temperature (c) 0 . 2k / w 0 . 3 k / w 0 . 4 k / w 0 . 6 k / w 1 k / w r = 0 . 0 4 k / w - d e l t a r t h s a 0 . 1 k / w 1 . 8 k / w 0 50 100 150 200 250 300 350 400 450 500 550 0 50 100 150 200 250 300 350 400 180 120 90 60 30 rm s li m i t conduction angle maximum average forward power loss (w) average forward current (a) sd 4 0 0 n / r se r i e s t = 1 9 0 c j
www.vishay.com for technical questi ons, contact: ind-modules@vishay.com document number: 93548 4 revision: 17-apr-08 sd400n/r series vishay high power products standard recovery diodes (stud version), 400 a fig. 4 - forward power loss characteristics fig. 5 - maximum non-repetitive surge current fi g. 6 - maximum non-repetitive surge current fig. 7 - forward voltage drop characteristics 10 30 50 70 90 110 130 150 170 190 maximum allowable ambient temperature (c) 0 . 2 k / w 0 . 3 k / w 0 . 4 k / w 0 . 6 k / w 1 k / w r = 0 . 0 4 k / w - d e l t a r t h s a 0 . 1 k / w 1 . 8 k / w 0 100 200 300 400 500 600 700 800 0 100 200 300 400 500 600 700 dc 180 120 90 60 30 rm s li m i t conduction period maximum average forward power loss (w) average forward current (a) sd 4 0 0 n / r se r i e s t = 190c j 2000 3000 4000 5000 6000 7000 8000 110100 numb e r of eq ua l amp litud e ha lf cyc le current pulses (n) peak half sine wave forward current (a) sd 4 0 0 n / r se r i e s initia l t = 190c @ 60 hz 0.0083 s @ 50 hz 0.0100 s j at any rated load condition and with rated v applied following surge. rrm 1000 2000 3000 4000 5000 6000 7000 8000 9000 0.01 0.1 1 pu lse tra in du ra t io n ( s) peak half sine wave forward current (a) versus pulse train duration. maximum non repetitive surge current in it ia l t = 190c no volt a g e rea p p lie d rated v reapplied rrm j sd 4 0 0 n / r se r i e s 100 1000 10000 0.5 1 1.5 2 2.5 t = 2 5 c j in st a n t a n e o u s fo r w a r d v o lt a g e ( v ) instantaneous forward current (a) sd 4 0 0 n / r se r i e s t = 1 9 0 c j
document number: 93548 for technical ques tions, contact: ind-modules@vishay.com www.vishay.com revision: 17-apr-08 5 sd400n/r series standard recovery diodes (stud version), 400 a vishay high power products fig. 8 - thermal impedance z thjc characteristic ordering information table 0.001 0.01 0.1 1 0.001 0.01 0.1 1 10 sq u a r e w a v e pu l se d u r a t i o n ( s) thjc transient thermal impedance z (k/ w) sd 4 0 0 n / r se r i e s st e a d y st a t e v a l u e : r = 0.11 k/ w (dc operation) thjc device code 5 13 24 67 sd 40 0 n 24 p c 1 - diode 2 - essential part number 3 - 0 = standard recovery 4 - n = stud normal polarity (cathode to stud) r = stud reverse polarity (anode to stud) 5 - voltage code x 100 = v rrm (see voltage ratings table) 6 - p = stud base do-205ab (do-9) 3/4" 16unf-2a 7 - c = ceramic housing for metric device m16 x 1.5 contact factory links to related documents dimensions http://www.vishay.com/doc?95301
document number: 95301 for tec hnical questions, contact: indmodules@vishay.com www.vishay.com revision: 09-apr-08 1 do-205ab (do-9) outline dimensions vishay semiconductors dimensions in millimeters (inches) ceramic housing 19 (0.75) max. 4 (0.16) max. dia. 8.5 (0.33) nom. dia. 27.5 (1.08) max. 16 (0.63) max. sw 32 *for metric device: m16 x 1.5 contact factory c.s. 35 mm 2 (0.054 s.i.) 210 (8.27) 10 (0.39) 82 (3.23) min. 21 (0.82) max. 3/4"-16unf-2a* 9.5 (0.37) min. 39 (1.53) max.
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of SD400NR20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X