Part Number Hot Search : 
UN225 KBP306 2Y0A2 00M35 KXR94 4C7V5 2SC4207 ASD723
Product Description
Full Text Search
 

To Download SC3042B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary www.rfm.com e-mail: info@rfm.com page 1 of 2 ?2008 by rf monolithics, inc. SC3042B - 3/27/08 electrical characteristics caution: electrostatic sensitive device. observe precautions for handling. notes: characteristic sym notes minimum typical maximum units output frequency absolute frequency f o 1, 2 623.875 624.125 mhz tolerance from 624.0 mhz f o 200 ppm q and q output voltage into 50 (vswr 1.2) v o 1, 3 0.60 1.1 v p-p operating load vswr 2:1 symmetry 3, 4, 5 49 51 % harmonic spurious 3, 4, 6 -30 dbc nonharmonic spurious -60 dbc q and q period jitter no noise on v cc 3, 4, 6, 7 15 30 ps p-p 200 mv p-p from 1 mhz to ? f o on 3, 4, 7, 8 35 ps p-p output (disabled) amplitude into 50 3, 9 75 mv p-p output dc resistance (between q & q ) 3 50 k enable (terminal 14) input high voltage v ih 3, 9 v cc -0.1 v cc v cc +0.1 v input low voltage v il 0.0 0.20 v input high current i ih 35ma input low current i il -1 ma propagation delay t pd 1 ms dc power supply operating voltage v cc 1, 3 +3.13 +3.30 +3.47 vdc operating current i cc 20 40 ma operating ambient temperature t a 1, 3 0 +70 c lid symbolization (yy = year, ww = week) rfm SC3042B 624.00 mhz yyww ? quartz saw frequency stability ? fundamental fixed frequency ? very low jitter and power consumption ? rugged, miniature, surface-mount case ? low-voltage power supply (3.3 vdc) this digital clock is designed for use in high-s peed communications timing systems. fundamental-mode oscillation is made possible by surf ace-acoustic-wave (saw) technology. the design results in low jitter, compact size, and low power consumption. differential outputs provide a sine wave that is capable of driving 50 loads. absolute maximum ratings rating value units power supply voltage (v cc at terminal 1) 0 to +4.0 vdc input voltage (enable at terminal 8) 0 to +4.0 vdc case temperature (powered or storage) -40 to +85 c 624.0 mhz differential sine-wave clock SC3042B smc-8 case 1. unless otherwise noted, all specifications include any combination of load vswr, vcc, and ta. in addition, q and q are terminated into 50 loads to ground. (see: typical test circuit.) 2. one or more of the following united states patents apply: 4,616,197; 4,670,681; 4,760,352. 3. the design, manufacturing process, and specifications of this device are subject to change without notice. 4. only under the nominal conditions of 50 load impedance with vswr 1.2 and nominal power supply voltage. 5. symmetry is defined as the pulse width (in percent of total period) measured at the 50% points of q or q . (see: timing definitions.) 6. jitter and other spurious outputs induced by externally generated electrical noise on v cc or mechanical vibration are not included. dedicated external voltage regulation and careful pcb layout are recommended for optimum performance. 7. applies to period jitter of q and q . measurements are made with the tektronix csa803 signal analyzer with at least 1000 samples. 8. period jitter measured with a 200 mv p-p sine wave swept from 1 mhz to one-half of f o at the v cc power supply terminal. 9. the outputs are enabled when terminal 8 is at logic high. propagation delay is defined as the time from the 50% point on the rising edge of enable to the 90% point on the rising edge of the output amplitude or as the fall time from the 50% point to the 10% point. (see: timing definitions.)
www.rfm.com e-mail: info@rfm.com page 2 of 2 ?2008 by rf monolithics, inc. SC3042B - 3/27/08 electrical connections case design all pads consist of 30 microinches (m in) electroless gold on 50 microinches (min) electroless nickel over base metal. the metallic center pad was designed for mechanical support. grounding of this pad is optional. lid symbolization, including terminal 1 locator dot, are in contrasting ink. symbolization varies by model number. for purposes of illustration, only terminal 1 dot is shown. footprint actual size footprint: typical printed circuit board land pattern a typical land pattern for a circuit board is shown below. grounding of the metallic center pad is optional. . typical test circuit timing definitions 1 2 3 4 8 7 6 5 top view a b n j l (x2) d (x8) k (x8) c h g m (x3) e f typically 0.01" to 0.05" or 0.25 mm to 1.25 mm (8 places) (the optimum value of this dimension is dependent on the pcb assembly process employed.) clock under test q tektronix csa 803 digitizing oscilloscope ch 2 enable v cc q ch 1 50 trigger * * *power splitter, mini-circuits zfsc2-4 0.1 f sine-wave signal generator 4.7 h 50 50 v cc t pd propagation delay: 50% enable q or q output amplitude envelope 50% 90% 10% symmetry: 50% 50% q or q output 50% symmetry as % of period period symmetry as % of period t pd terminal number connection 1v cc 2 ground 3 nc or ground 4 q output 5 q output 6 ground 7 8enable lid ground dimensions millimeters inches min max min max a 13.46 13.97 0.530 0.550 b 9.14 9.66 0.360 0.380 c 2.05 nominal 0.081 nominal d 3.56 nominal 0.141 nominal e 2.24 nominal 0.088 nominal f 1.27 nominal 0.050 nominal g 2.54 nominal 0.100 nominal h 3.05 nominal 0.120 nominal j 1.93 nominal 0.076 nominal k 5.54 nominal 0.218 nominal l 4.32 nominal 0.170 nominal m 4.83 nominal 0.190 nominal n 0.50 nominal 0.020 nominal


▲Up To Search▲   

 
Price & Availability of SC3042B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X