Part Number Hot Search : 
CXA1414 BZW06 XR220 16F72 SSF3056C ECP200G DC0202 SMPA38
Product Description
Full Text Search
 

To Download RCX330N25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10v drive nch mosfet RCX330N25 ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) low on-resistance. 2) fast switching speed. 3) gate-source voltage v gss garanteed to be 30v . 4) high package power. ? application ? inner circuit switching ? packaging specifications package bulk code - basic ordering unit (pieces) 500 RCX330N25 ? ? absolute maximum ratings (ta ? 25c) symbol limits unit drain-source voltage v dss 250 v gate-source voltage v gss ? 30 v continuous i d ? 33 a pulsed i dp ? 132 a continuous i s 33 a pulsed i sp 132 a avalanche current i as 16.5 a avalanche energy e as 74.8 mj power dissipation (tc=25c) p d 40 w channel temperature tch 150 ? c range of storage temperature tstg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 l P 500 ? h, v dd =50v, rg=25 ? , starting tch=25c *3 limited only by maximum temperature allowed. ? thermal resistance symbol limits unit channel to case rth (ch-c) 3.13 ? c / w type parameter source current (body diode) drain current parameter *1 *1 *3 *3 *2 *2 to-220fm 4.5 2.8 0.75 3.2 ( 2 )( 3 )( 1 ) 0.8 2.54 2.6 2.54 1.3 1.2 14.0 12.0 8.02.5 10.0 15.0 (1) gate (2) drain (3) source ? 1 body diode (1) (3) (2) ?1 1/6 2011.09 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
RCX330N25 ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 100 na v gs = 30v, v ds =0v drain-source breakdown voltage v (br)dss 250 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss --10 ? av ds =250v, v gs =0v gate threshold voltage v gs (th) 3-5vv ds =10v, i d =1ma forward transfer admittance l y fs l10 - - si d =16.5a, v ds =10v input capacitance c iss - 4500 - pf v ds =25v output capacitance c oss - 220 - pf v gs =0v reverse transfer capacitance c rss - 130 - pf f=1mhz turn-on delay time t d(on) - 50 - ns i d =16.5a, v dd 125v rise time t r - 200 - ns v gs =10v turn-off delay time t d(off) - 120 - ns r l =7.6 ? fall time t f - 140 - ns r g =10 ? total gate charge q g - 80 - nc i d =33a, gate-source charge q gs - 25 - nc v dd 125v gate-drain charge q gd - 27 - nc v gs =10v *pulsed ? body diode characteristics (source-drain) (ta = 25 ?c) symbol min. typ. max. unit forward voltage v sd - - 1.5 v i s =33a, v gs =0v *pulsed conditions parameter conditions m ? parameter static drain-source on-state resistance r ds (on) i d =16.5a, v gs =10v - 77 105 * * * * * * * * * * 2/6 2011.09 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RCX330N25 ? electrical characteristic curves (ta=25 ? c) 0 5 10 15 20 25 30 35 0 1 2 3 4 5 drain current : i d [a] drain - source voltage : v ds [v] fig.1 typical output characteristics ( ) v gs =5.5v v gs =10.0v v gs =7.0v v gs =8.0v v gs =6.0v v gs =6.5v t a =25 c pulsed 0 5 10 15 20 25 30 35 0 10 20 30 40 50 drain current : i d [a] drain - source voltage : v ds [v] fig.2 typical output characteristics ( ) v gs =6.0v v gs =10.0v v gs =5.5v v gs =6.5v v gs =7.0v v gs =8.0v t a =25 c pulsed 0.001 0.01 0.1 1 10 100 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 drain currnt : i d [a] gate - source voltage : v gs [v] fig.3 typical transfer characteristics v ds =10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 2 3 4 5 6 -50 0 50 100 150 gate threshold voltage : v gs(th) [v] channel temperature : t ch [ ] fig.4 gate threshold voltage vs. channel temperature v ds =10v i d =1ma pulsed 10 100 1000 0.01 0.1 1 10 100 static drain - source on - state resistance r ds(on) [m w ] drain current : i d [a] fig.5 static drain - source on - state resistance vs. drain current v gs =10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 0 20 40 60 80 100 120 140 160 180 200 -50 -25 0 25 50 75 100 125 150 static drain - source on - state resistance r ds (on) [m w ] channel temperature : t ch [ ] fig.6 static drain - source on - state resistance vs. channel temperature v gs =10v pulsed i d =16.5a i d =33a 3/6 2011.09 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RCX330N25 0.01 0.1 1 10 100 0.0 0.5 1.0 1.5 2.0 source current : is [a] source - drain voltage : v sd [v] fig.8 source current vs. source - drain voltage v gs =0v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 0 0.1 0.2 0.3 0.4 0.5 0 2 4 6 8 10 12 14 16 18 20 static drain - source on - state resistance r ds(on) [ ] gate - source voltage : v gs [v] fig.9 static drain - source on - state resistance vs. gate - source voltage i d =33.0a i d =16.5a t a =25 c pulsed 1 10 100 1000 10000 0.01 0.1 1 10 100 switching time : t [ns] drain current : i d [a] fig.10 switching characteristics t d(on) t r t d(off) t f v dd P 125v v gs =10v r g =10 t a =25 c pulsed 0 2 4 6 8 10 12 14 0 10 20 30 40 50 60 70 80 90 gate - source voltage : v gs [v] total gate charge : q g [nc] fig.11 dynamic input characteristics t a =25 c v dd =125v i d =33a pulsed 10 100 1000 10000 0.01 0.1 1 10 100 1000 capacitance : c [pf] drain - source voltage : v ds [v] fig.12 typical capacitance vs. drain - source voltage t a =25 c f=1mhz v gs =0v c iss c oss c rss 0.01 0.1 1 10 100 0.01 0.1 1 10 100 forward transfer admittance |y fs | [s] drain current : i d [a] fig.7 forward transfer admittance vs. drain current v ds =10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 4/6 2011.09 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RCX330N25 0.01 0.1 1 10 100 1000 0.01 0.1 1 10 100 1000 drain current : i d [ a ] drain - source voltage : v ds [ v ] fig.13 maximum safe operating area ta=25 c single pulse operation in this area is limited by r ds(on) (v gs = 10v) p w = 100 s p w = 1ms p w = 10ms 0.0001 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 normalized transient thermal resistance : r t pulse width : pw (s) fig.14 normalized transient thermal resistance v.s. pulse width t a =25 c single pulse rth (ch - a) =44.9 c /w rth (ch - a) (t)=r(t) rth (ch - a) 5/6 2011.09 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RCX330N25 ? measurement circuits f ig.1-1 switching time measurement circu it v gs r g v ds d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) f ig.2-1 gate charge measurement circuit v gs i g(const.) v d s d.u.t. i d r l v dd fig.2-2 gate charge waveform v g v gs charge q g q gs q gd fig.3-1 avalanche measurement circuit v gs r g v ds d.u.t. i as l v dd fig.3-2 avalanche waveform i as v dd v (br)dss i as 2 l e as = v (br)dss - v dd v (br)dss 1 2 6/6 2011.09 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of RCX330N25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X