he a t shrink thin w al l tubin g qualtek electronic s q2-f2x(yg), Q2-F3X(yg ) yellow & green striped, flexible , flame re t ardan t , po l yolefin tubin g s hr i nk r a tio 2:1 & 3: 1 features/application s dual color yellow and green striped polyolefin tubing primarily used to identif y ?ground? wires. it is f lexible and flame retardant with permanent color properties , mak ing it easy to ins t all and identif y . used for light duty harnessing and groun d wire iden t i f i c a t ion . astm d 267 1 astm d 267 1 astm d 267 1 astm d 267 1 astm d 267 1 astm d 267 1 as t m d 15 0 as t m d 87 6 ul 22 4 as t m d 57 0 sae-ams- d t l - 23053 / 5 ul 22 4 ul 22 4 1 4 t ensile s trengt h elongation at brea k t ensile s trength a f ter aging (17 5 c, 168 hrs. ) elongation after aging (17 5 c , 168 hrs . ) flammabilit y heat shock (25 0 c , 4 hrs . ) cold bend t est (-5 5 c , 4 hrs . ) dielectric strengt h volume resistanc e copper corrosio n w a t e r a b s o r p t io n chemical resis t anc e longitudinal shrinkag e eccen t rici t y 14 mp a 800 % 14 mp a 350 % pas s no crackin g no crackin g 20kv / m m > 10 ? .c m pas s 0 . 15 % pas s 0 + 5 % > 30 % pr odu ct d i me n s ion s (2:1) q 2- f 2x(y g ) siz e pr odu ct d i me n s ion s (3:1) q 2- f 3x(y g ) a s supplied (mm) afte r recovered (mm ) s t andar d spoo l *(ss ) (m e t e r ) insid e diame t er (max. ) w al l thicknes s (min. ) 1.6/0. 5 2.4/0. 8 3.2/1. 0 4.8/1. 5 6.4/2. 0 9.5/3. 0 12 . 7 / 4 . 0 19 . 1 / 6 . 0 25 . 4 / 8 . 0 39/13. 0 1.6 2.4 3.2 4.8 6.4 9.5 12. 7 19. 1 25. 4 39. 0 0.5 0.8 1.0 1.5 2.0 3.0 4.0 6.0 8.0 13. 0 0.5 1 0.5 1 0.5 5 0.6 0 0.6 5 0.7 5 0.7 5 0.8 5 1.0 0 1.1 5 20 0 20 0 20 0 10 0 10 0 10 0 5 0 5 0 5 0 5 0 m m 1/1 6 3/3 2 1/8 3/1 6 1/4 3/8 1/2 3/4 1 1 1/2 i n c h siz e (i n c h ) a s supplied (mm) afte r recovered (mm ) s t andar d spoo l *(ss ) (m e t e r ) insid e diame t er (max. ) w al l thicknes s (min. ) 1.2 1.6 2.4 3.2 4.8 6.4 8.0 9.5 12. 7 16. 0 19. 1 25. 4 31. 8 38. 1 50. 8 76. 2 101. 6 0.6 0.8 1.2 1.6 2.4 3.2 4.0 4.8 6.4 8.0 9.5 12. 7 15. 9 19. 1 25. 4 38. 1 50. 8 20 0 20 0 20 0 20 0 10 0 10 0 10 0 10 0 5 0 5 0 5 0 5 0 5 0 5 0 5 0 3 0 3 0 3/6 4 1/1 6 3/3 2 1/8 3/1 6 1/4 5/1 6 3/8 1/2 5/8 3/4 1 1 1/4 1 1/2 2 3 4 .33 .36 .44 .44 .56 .56 .56 .56 .65 .69 .80 .90 .90 1.0 2 1.0 2 1.2 0 1.3 0 inside diameter (min. ) pr ope rt y a t a d l a c i p y t d o h t e m t s e t t ec hni ca l da t a insid e diame t er operating temperature: -55 c to +135 c m ini m u m s h r in k t e m pe r a t u r e : 70 c full recovery temperature: 100 c approval: file no. e236137, 242540, 125 c meets: sae-ams-dtl-23053/5 class 1 & 3, sony-ss-0025 9 s t andard color: y ellow & green stripe d rohs complian t ul 224, vw- 1 sae-ams- d t l - 23053 / 5 iso- 9001 co m p a n y www. qu altek u sa. co m q2f2xyg,3xyg-200 d no t e s : 1. * see part number guide for standard packaging codes. 2. special sizes, packaging, colors and cut pieces are available upon request.
|