Part Number Hot Search : 
TS7515 LTK001CN NA130 C0603X 2SC1622 R5F7136 12F40 R5F7136
Product Description
Full Text Search
 

To Download P6KE68CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  600w p6ke6.8 thru p6ke440ca transient voltage suppressors e-mail: sales@taychipst.com web site: www.taychipst.com 1 of 3 features l economical s eries l available in both u nidirectional and b idirectional construction l 6.8 to 44 0 stand - off volts available l 6 00 wat ts peak pulse power dissipation mechanical characteristics l case: v oid free transfer molded thermosetting plastic l finish: silver plated copper readily solderable. l polarity: banded denotes cathode . bidirectional not marked. l weight : 0.7 g r a m ( ap p x . ) . l mounting position: any. maximum ratings peak pulse power dissipation at 25 o c : 600 watts steady state power dissipatoin: 5 watts at t l =+ 75 o c 3/8 ? lead length t clamping ( 0 volts to bv min. ) : unidirectional<1x10 - 12 seconds; bidirectoinal<5x10seconds - 9 operating and storage temperature: - 5 5 o c to +1 50 o c application this tvs is an economical, mo lded, commercial product voltage - s ensitive components from destruction or pa r tial degradation . the r esponse time of their clamping action is virtually instantaneous ( 1x10 - 12 seconds) and they have a peak pulse power rating of 600 watts for 1 ms as depicted in figure 1 and 2. mcc also offers various varieties of tvs to meet higher and lower power demands and special applications.    " notes:forward voltage ( vf ) @!50 amps peak, 8.3 msec sine w ave equal to 3.5 volts max. ( for unidirectional only ) for bidirectional construction, indicate a c or ca suffix a fter part number,i.e.p6ke440ca. capacitance will be 1/2 that shown in figure 4.
part number (uni) ? part number (bi) ? reverse stand off voltage ??? breakdown voltage v br @i t ? v br @i t max voltage temperature variation of v br ? maximum clamping voltage v c @i pp ? v c @i pp maximum peak pulse current ? maximum reverse leakage @v rwm @v r v r v/t i r v min max (ma) mv/ v a a p6ke6.8a* p6ke6.8ca* 5.80 6.45 7.14 10.0 0.057 10.5 57.0 1000.0 p6ke7.5a* p6ke7.5ca* 6.40 7.13 7.88 10.0 0.061 11.3 53.0 500.0 p6ke8.2a p6ke8.2ca 7.02 7.79 8.61 10.0 0.065 12.1 50.0 200.0 p6ke9.1a p6ke9.1ca 7.78 8.65 9.55 1.0 0.068 13.4 45.0 50.0 p6ke10a p6ke10ca 8.55 9.50 10.50 1.0 0.073 14.5 41.0 10.0 p6ke11a p6ke11ca 9.40 10.50 11.60 1.0 0.075 15.6 38.0 5.0 p6ke12a* p6ke12ca* 10.20 11.40 12.60 1.0 0.078 16.7 36.0 5.0 p6ke13a p6ke13ca 11.10 12.40 13.70 1.0 0.081 18.2 33.0 5.0 p6ke15a p6ke15ca 12.80 14.30 15.80 1.0 0.084 21.2 28.0 5.0 p6ke16a p6ke16ca 13.60 15.20 16.80 1.0 0.086 22.5 27.0 5.0 p6ke18a* p6ke18ca* 15.30 17.10 18.90 1.0 0.088 25.2 24.0 5.0 p6ke20a p6ke20ca 17.10 19.00 21.00 1.0 0.090 27.7 22.0 5.0 p6ke22a p6ke22ca 18.80 20.90 23.10 1.0 0.092 30.6 20.0 5.0 p6ke24a p6ke24ca 20.50 22.80 25.20 1.0 0.094 33.2 18.0 5.0 p6ke27a* p6ke27ca* 23.10 25.70 28.40 1.0 0.096 37.5 16.0 5.0 p6ke30a* p6ke30ca* 25.60 28.50 31.50 1.0 0.097 41.4 14.0 5.0 p6ke33a* p6ke33ca 28.20 31.40 34.70 1.0 0.098 45.7 13.2 5.0 p6ke36a* p6ke36ca 30.80 34.20 37.80 1.0 0.099 49.9 12.0 5.0 p6ke39a p6ke39ca 33.30 37.10 41.00 1.0 0.100 53.9 11.2 5.0 p6ke43a p6ke43ca 36.80 40.90 45.20 1.0 0.101 59.3 10.1 5.0 p6ke47a p6ke47ca 40.20 44.70 49.40 1.0 0.101 64.8 9.3 5.0 p6ke51a p6ke51ca* 43.60 48.50 53.60 1.0 0.102 70.1 8.6 5.0 p6ke56a p6ke56ca 47.8 53.2 58.8 1.0 0.103 77.0 7.80 5.0 p6ke62a p6ke62ca 53.0 58.9 65.1 1.0 0.104 85.0 7.10 5.0 p6ke68a P6KE68CA* 58.1 64.6 71.4 1.0 0.104 92.0 6.50 5.0 p6ke75a p6ke75ca 64.1 71.3 78.8 1.0 0.105 103.0 5.80 5.0 p6ke82a p6ke82ca 70.1 77.9 86.1 1.0 0.105 113.0 5.30 5.0 p6ke91a p6ke91ca 77.8 86.5 95.5 1.0 0.106 125.0 4.80 5.0 p6ke100a p6ke100ca 85.5 95.0 105.0 1.0 0.106 137.0 4.40 5.0 p6ke110a p6ke110ca 94.0 105.0 116.0 1.0 0.107 152.0 4.00 5.0 p6ke120a p6ke120ca 102.0 114.0 126.0 1.0 0.107 165.0 3.60 5.0 p6ke130a p6ke130ca 111.0 124.0 137.0 1.0 0.107 179.0 3.30 5.0 p6ke150a p6ke150ca 128.0 143.0 158.0 1.0 0.108 207.0 2.90 5.0 p6ke160a p6ke160ca 136.0 152.0 168.0 1.0 0.108 219.0 2.70 5.0 p6ke170a p6ke170ca 145.0 162.0 179.0 1.0 0.108 234.0 2.60 5.0 p6ke180a p6ke180ca 154.0 171.0 189.0 1.0 0.108 246.0 2.40 5.0 p6ke200a p6ke200ca 171.0 190.0 210.0 1.0 0.108 274.0 2.20 5.0 p6ke220a p6ke220ca 185.0 209.0 231.0 1.0 0108 328.0 1.83 5.0 p6ke250a p6ke250ca 214.0 237.0 263.0 1.0 0.110 344.0 1.75 5.0 p6ke300a p6ke300ca 256.0 285.0 315.0 1.0 0.110 414.0 1.45 5.0 p6ke350a p6ke350ca 300.0 332.0 368.0 1.0 0.110 482.0 1.25 5.0 p6ke400a p6ke400ca 342.0 380.0 420.0 1.0 0.110 548.0 1.10 5.0 p6ke440a p6ke440ca 376.0 418.0 462.0 1.0 0.110 602.0 1.00 5.0 600w p6ke6.8 thru p6ke440ca transient voltage suppressors e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 3
transient voltage suppressors e-mail: sales@taychipst.com web site: www.taychipst.com p6ke6.8 thru p6ke440ca 3 of 3 600w peak pulse power (p pp ) ? versus ? pulse time (t p ) figure 1 .1 m se c 1 m sec 10 m sec 100 m sec 0 0.1 1.0 10 p pp - kw t p 1msec figure 2 - pulse waveform peak pulse current (% i pp ) - versus - time (t) msec 0 1 2 3 % i pp 50 100 peak value i pp half wave i pp /2 10 x 1000 wave as defined by r.e.a. test wave form parameters: t r = 10 m sec t r figure 4 - derating curve temperature c 0 100 200 300 % p pp 50 100 figure 3 - typical capacitance 0 10 100 1000 10 100 1000 pf v br 10000 measured at zero bias measured at standoff voltage number of cycles @ 60 hz fig. 6 maximum non-repetitive surge current number of cycles @ 60 hz peak forward surge current (a) 8.3ms single half sine wave jedec method fig. 5 steady state power derating lead temperature ( c) steady state power (w) 40 x 40 x 1mm cu


▲Up To Search▲   

 
Price & Availability of P6KE68CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X