sidactor ? protection thyristors 80 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. broadband optimized ? protection mc series - modi?ed to-220 electrical characteristics mc series modi?ed to-220 are low capacitance sidactor ? devices designed to protect various types of broadband equipment from damaging overvoltage transients. the series provides a robust single port solution that enables equipment to comply with various global regulatory standards while limiting the impact to broadband signals. 1 2 3 (t) (r) (g) description applicable global standards features and bene?ts t low voltage overshoot t low on-state voltage t does not degrade with use t fails short circuit when surged in excess of ratings t robust modi?ed to-220 package t 40% lower capacitance than our baseband protectors, for applications that demand greater signal integrity t custom lead forms available agency approvals agency agency file number e133083 schematic symbol pinout designation pin 1 pin 2 pin 3 t tia-968-a t tia-968-b t itu k.20/21 enhanced level t itu k.20/21 basic level t gr 1089 inter-building* t gr 1089 intra-building* t iec 61000-4-5 t yd/t 1082 t yd/t 993 t yd/t 950 *a-rated parts require series resistance part number marking v drm @l drm =5a v s @100v/s v drm @l drm =5a v s @100v/s i h i s i t v t @ i t =2.2 amps capacitance v min v max v min v max ma min ma max a max v min pins 1-2, 3-2 pins 1-3 pins 1-2, 3-2 p0302aamclxx p0302aamc 6 25 12 50 50 800 2.2 4 see capacitance values table p0602aamclxx p0602aamc 25 40 50 80 50 800 2.2 4 p0602acmclxx p0602acmc 25 40 50 80 50 800 2.2 4 p1402acmclxx p1402acmc 58 77 116 154 150 800 2.2 4 p1602acmclxx p1602acmc 65 95 130 190 150 800 2.2 4 p2202acmclxx p2202acmc 90 130 180 260 150 800 2.2 4 p2702acmclxx p2702acmc 120 160 240 320 150 800 2.2 4 P3002ACMCLXX p3002acmc 140 180 280 360 150 800 2.2 4 p3602acmclxx p3602acmc 170 220 340 440 150 800 2.2 4 p4202acmclxx p4202acmc 190 250 380 500 150 800 2.2 4 table continues on next page.
sidactor ? protection thyristors 81 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. broadband optimized ? protection capacitance values part number pf pin 1-2 / 3-2 tip-ground, ring-ground pf pin 1-3 tip-ring min max min max p0302aamclxx 25 55 15 35 p0602aamclxx 15 35 10 20 p0602acmclxx 25 45 10 25 p1402acmclxx 40 60 20 35 p1602acmclxx 35 55 20 35 p2202acmclxx 45 70 25 40 p2702acmclxx 40 60 20 35 P3002ACMCLXX 35 55 20 35 p3602acmclxx 35 50 15 30 p4202acmclxx 30 50 15 30 p4802acmclxx 30 45 15 30 p6002acmclxx 30 45 15 25 surge ratings series i pp i tsm 50/60 hz di/dt 0.2x310 1 0.5x700 2 2x10 1 2x10 2 8x20 1 1.2x50 2 10x160 1 10x160 2 10x560 1 10x560 2 5x320 1 9x720 2 10x360 1 10x360 2 10x1000 1 10x1000 2 5x310 1 10x700 2 a min a min a min a min a min a min a min a min a min a min a/s max a20 15015090 507575 45 7520500 c 50 500 400 200 150 200 175 100 200 30 500 electrical characteristics (continued) part number marking v drm @l drm =5a v s @100v/s v drm @l drm =5a v s @100v/s i h i s i t v t @ i t =2.2 amps capacitance v min v max v min v max ma min ma max a max v min pins 1-2, 3-2 pins 1-3 pins 1-2, 3-2 p4802acmclxx p4802acmc 220 300 440 600 150 800 2.2 4 see capacitance values table p6002acmclxx p6002acmc 275 350 550 700 150 800 2.2 4 notes: - absolute maximum ratings measured at t a = 25oc (unless otherwise noted). - devices are bi-directional (unless otherwise noted). - xx part number suf?x: rp (reel pack), blank (bulk pack), or 60 (type 60 lead form, bulk pack. special order item -- contact factory.) note: off-state capacitance (c o ) is measured at 1 mhz with a 2 v bias. notes: 1 current wavef orm in s 2 voltage wavef orm in s - peak pulse current rating (i pp ) is repetitive and guaranteed for the life of the product. - i pp s b u j o h t b q q m j d b c m f p w f s u f n q f s b u v s f s b o h f p g ? $ u p ? $ - the device must initially be in thermal equilibrium with -40c < t j < ? $
sidactor ? protection thyristors 82 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. broadband optimized ? protection package symbol parameter value unit modi?ed to-220 pin 1 pin 2 pin 3 t j operating junction temperature range u p c t s storage temperature range u p c r 0 ja thermal resistance: junction to ambient 50 c/w thermal considerations i h i t i s i drm v drm v t +v -v +i -i v s 50 100 0 t r t d 0 peak value half value t C time (s) i pp C peak pulse current C %i pp t r = rise time to peak value t d = decay time to half value waveform = t r x t d v-i characteristics t r x t d pulse waveform 25c case temperature (t c ) - oc 2.0 1. 8 1. 6 1. 4 1. 2 1. 0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160 ratio of i h i h (t c = 2 5 oc) normalized v s change vs. junction temperature normalized dc holding current vs. case temperature -8 -40 -20 0 20 40 60 80 100 120 140 160 -6 -4 0 2 4 6 8 10 12 14 junction temperature (t j ) C c percent of v s change C % 2 5 c
sidactor ? protection thyristors 83 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. broadband optimized ? protection time temperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature (t 25oc to peak) ramp-down ramp-up preheat critical zone t l to t p figure 1 soldering parameters physical speci?cations environmental speci?cations lead material copper alloy terminal finish 100% matte-tin plated body material ul recognized epoxy meeting ?ammability classi?cation 94v-0 high temp voltage blocking 80% rated v drm (v ac peak
|