Part Number Hot Search : 
768KH FJX3001R 183J100 G1427 12S05 FCH10A06 ENA1018 MC100EP
Product Description
Full Text Search
 

To Download OP4005B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 1 of 7 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?2001 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. OP4005B-051203 ? ? quartz saw stabilized differential output technology ? very low jitter fundamental-mode operation at 622.08 mhz ? voltage tunable for phase locked loop applications ? timing reference for optical data communications systems the OP4005B is a voltage-controlled saw clock (vcsc) designed for phase-locked loop (pll) applications in optical data communications systems. the differential outputs of the OP4005B are generated by high-q, fundamental mode quartz surface acoustic wave (saw) technology. this technique provides very low output jitter and phase noise, plus excellent immunity to power supply noise. the OP4005B differential outputs fea- ture 1% symmetry, and can be dc-configured to drive a wide range of high-speed logic families. the OP4005B is packaged in a hermetic metal-ceramic lcc. absolute maximum ratings rating value units dc suppy voltage 0 to 5.5 vdc tune voltage 0 to 5.5 vdc case temperature -55 to 100 c 622.08 mhz optical timing clock OP4005B caution: electrostatic sensitive device. observe precautions for handling. cocom caution: approval by the u.s. department of com merce is required prior to export of this device. notes: 1. unless otherwise noted, all specifications include the combined effects of load vswr, v cc and t c . 2. net tuning range after tuning out the effects of initial manufacturing tolerances, vswr pushing/pulling, v cc , t c and aging. 3. the internal design, manufacturing processes, and specifications of this device are subject to change without notice. 4. specified only for a balanced load with a vswr < 1.2 ( 50 ohms each side), and a v cc = 3.0 vdc. 5. symmetry is defined as the width in (% of total period) measure at 50% of the peak-to-peak voltage of either output. 6. jitter and other noise outputs due to power supply noise or mechanical vibration are not included in this specification excep t where noted. 7. applies to period jitter of either differential output. measured with a tektronix csa803 signal analyzer with at least 1000 s amples. 8. see figure 4. 9. one or more of the following united states patents apply: 4, 616,197; 4,670,681; 4,760,352. characteristic sym notes minimum typical maximum units operating frequency absolute frequency f o 1 622.08 mhz tuning range 2 100 ppm tuning voltage 1 0 3.3 vdc tuning linearity 1, 8 5 % tuning sensitivity df/dv 2 140 300 ppm/v modulation bandwidth 200 265 300 khz q and q output voltage into 50 w (vswr 1.2) v o 1,3 0.60 1.1 v p-p operating load vswr 1,3 2:1 symmetry 3, 4, 5 45 55 % harmonic spurious 3, 4, 6 -30 dbc nonharmonic spurious 3, 4, 6, 7 -60 dbc phase noise @ 100 hz offset 3, 6 -70 dbc/hz @ 1 khz offset 3, 6 -100 dbc/hz @ 10 khz offset 3, 6 -125 dbc/hz noise floor 3, 6 -150 dbc/hz q and q jitter rms jitter (10khz to 80mhz) 3, 4, 6, 7 0.1 ps no noise on v cc 3, 4, 6, 7 12 ps p-p 200 mv p-p noise, from 1 mhz to ? f o on v cc 3 12 ps p-p input impedence (tuning port) 8 10 k w output dc resistance (between q & q ) 1, 3 50 k w dc power supply operating voltage v cc 1, 3 3.13 3.3 or 5.0 5.25 vdc operating current i cc 1, 3 70 ma operating case temperature t c 1, 3 -40c +85c c lid symbolization (yy=year, ww=week) rfm OP4005B yyww smc-08 electrical characteristics
622.08 mhz optical timing clock rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 2 of 7 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?2001 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. OP4005B-051203 OP4005B performance parameters the OP4005B has been developed to achieve high performance in five parameters critical to optical data communications applications: low jitter and phase noise - low clock jitter (or low phase noise in the frequency domain) is critical to achieving low bit error rates in optical data communications systems. the OP4005B provides very low free-running jitter and phase noise at the oc-12 clock rate, as shown in figures 1 and 2. this makes the OP4005B an excellent reference for the generation or re- generation of low-jitter clocks and data streams from the oc-12 rate up through oc-768. the OP4005B achieves this per- formance over its full -40 to +85 c operating temperature range using rfm's patented saw oscillator architecture. single-sideband phase noise figure 1 high power supply noise immunity - the OP4005B uses both differential active devices and differential saw technology to minimize the effects of power supply noise on jitter and phase noise, as shown in figures 2 and 3. optical data communi- cations circuits must switch relatively high levels of current, making power supply noise immunity an important clock require- ment. controlled tuning characteristics - the OP4005B voltage tuning constant, k v , is bounded between 140 and 300 ppm/v un- der locked conditions for reference signals with 100 ppm or better stability over the OP4005B's full operating temperature and supply voltage range. this allows a pll based on the OP4005B to be designed with a well-controlled loop bandwidth and damping factor, avoiding problems such a jitter peaking, etc. the voltage tuning characteristic of the OP4005B is mono- tonic from 0 to 3.3 v, supporting reliable acquisition of phase lock. figure 4 shows typical OP4005B tuning characteristics.
622.08 mhz optical timing clock rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 3 of 7 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?2001 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. OP4005B-051203 OP4005B jitter plot no power supply noise OP4005B jitter plot 200 mv of power supply noise figure 2 figure 3 100 200 300 400 500 600 3.5 3.0 2.5 2.0 1.5 0 0.5 1.0 622.48 622.38 622.28 622.18 622.08 621.88 621.98 operating frequency at +25 c in mhz k v in ppm/v typical OP4005B tuning characteristics 0 frequency k v voltage tuning range for lock -40 to +85 c tuning voltage figure 4
622.08 mhz optical timing clock rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 4 of 7 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?2001 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. OP4005B-051203 output dc voltage configurability - the OP4005B differential outputs can be dc-configured to support a wide range of high- speed logic families and asic drive requirements by the selection of four resistors (see configuring the OP4005B dc output voltage below) and a logic supply voltage. each differential output of the OP4005B is ac-coupled to provide this flexibility. OP4005B tuning details the frequency tuning of the OP4005B is characterized over a voltage range of 0 to 3.3 v. the tuning voltage applied to the OP4005B should be limited to this range. figure 4 shows the typical locked tuning range for operation over -40 or +85 c. the frequency shift of a quartz saw frequency control device with temperature has the shape of an inverted parabola, with the highest frequency occurring around +25 c. at both -40 and +85 c, there will be a 170 ppm downward shift in the fre- quency of the saw device compared to +25 c. tuning to compensate for this temperature shift is the same as tuning 170ppm higher at +25 c. this is well within the tuning range of the OP4005B, as shown in figure 4. note that the voltage tuning constant, k v , is bounded between 140 and 300 ppm/v under locked conditions for any temperature within the OP4005B's specified operating range. differential output symmetry - for balanced output loads, the differential output symmetry of the OP4005B is 1%. this differential output symmetry meets the requirements of the most demanding high-speed logic families. the OP4005B tuning port presents a input impedance greater than 100 kilohms from dc to 50 khz, and at least 1 kilohm for any rf frequency up to the operating frequency of the OP4005B. most operational amplifiers used in active loop filters will be stable when driving the tuning port directly. special care are should be taken to avoid ground loops in the path from the output of the phase detector though the loop filter to the tuning input of the OP4005B. for most applications, the band- width of the loop filter in a OP4005B pll will be less than 50 hz, as discussed in the example OP4005B pll application section below. configuring the OP4005B dc output voltage each differential output of the OP4005B is ac coupled, allowing the static dc level at each output to be set with a resistive divider to match the logic family being driven by the clock. the parallel-equivalent resistance of the two resistors in each divider should be approximately 50 ohms. the supply voltage to the dividers, v load , should be two to three times the value of the static dc voltage, v dc . referring to figure 5: v dc = v load *r1/(r1 + r2) and 50 = r1*r2/(r1 + r2) the values of the resistors r2 and r1 are given directly as: r2 = 50*v load /v dc r1 = 1/(0.02 - (1/r2)) r1 r1 r2 r2 3.3 vdc v load OP4005B tune v dc v dc v load OP4005B dc output voltage adjustment figure 5
622.08 mhz optical timing clock rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 5 of 7 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?2001 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. OP4005B-051203 table 1 provides r1 and r2 values for six high-speed logic families commonly used in optical data communications systems. note that the OP4005B can be used with logic families that run from a negative power supply voltage by simply using a negative v load voltage. table 1 load type v dc r1 r2 v load 10k 3.3 v pecl 1.95 120 91 3.3 v 100k 3.3 v pecl 1.88 120 91 3.3 v 10k 5 v pecl 3.65 180 68 5.0 v 100k 5 v pecl 3.58 180 68 5.0 v 10k -5 v necl -1.30 240 62 -5.0 v 100k -5 v necl -1.42 240 62 -5.0 v loop filter tune +vcc q q n pll for generating a high stability, low jitter oc-12 clock OP4005B ? ? external reference internal reference (holdover) phase detector figure 6 example OP4005B phase-locked loop application one of the most important applications for the OP4005B is in a pll circuit used to generate a very high quality oc-12 clock. the pll combines the long-term stability of a precision external or internal 19.44 mhz reference clock with the very low jitter and phase noise of the OP4005B. a block diagram of the pll is shown in figure 6. a sample of the OP4005B output is divided by 32 and is compared to a 19.44 mhz reference clock in the phase detector. the loop filter at the output of the phase detector is set to a very low bandwidth (less than 50 hz typical). this imparts the long-term stability of the precision 19.44mhz reference to the OP4005B without degrading the OP4005B's low jitter and phase noise. OP4005B enable/disable pin 3 on the OP4005B is the enable/disable control pin for the clock outputs. when pin 3 is grounded, full output power is available from the clock. when pin 3 is pulled to vcc, the power on the clock outputs is decreased at least 25 db.
622.08 mhz optical timing clock rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 6 of 7 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?2001 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. OP4005B-051203 smc-8 8-terminal surface mount case dimen- sion mm inches min max min max a 13.46 13.97 0.530 0.550 b 9.14 9.66 0.360 0.380 c 1.93 nominal 0.076 nominal d 3.56 nominal 0.141 nominal e 2.24 nominal 0.088 nominal f 1.27 nominal 0.050 nominal g 2.54 nominal 0.100 nominal h 3.05 nominal 0.120 nominal j 1.93 nominal 0.076 nominal k 5.54 nominal 0.218 nominal l 4.32 nominal 0.170 nominal m 4.83 nominal 0.190 nominal n 0.50 nominal 0.020 nominal a b n j l (x2) d (x8) k (x8) c h g m (x3) e f terminal number connection 1 v cc 2 ground 3 enable/disable 4 q output 5 q output 6 ground 7 8 tuning input lid ground electrical connections typically 0.01" to 0.05" or 0.25 mm to 1.25 mm (8 places) (the optimum value of this dimension is dependent on the pcb assembly process employed.) typical printed circuit board land pattern a typical land pattern for a circuit board is shown on the right. grounding of the metallic center pad is optional. 1 2 3 4 8 7 6 5 top view
622.08 mhz optical timing clock rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 7 of 7 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?2001 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. OP4005B-051203 see detail "a" 13.0 20.2 2.0 24.4 "c" ref. "b" ref. (measurements in millimeters) detail "a" reel size quantity per reel ?b? nominal ?c? nominal min max 13 inch 330 mm 100 mm 200 1000 smc-08 case carrier tape dimensions cover tape ao .383 .004 (9.7) 21.3mm bo .554 .004 (14.1) ko .130 .004 (3.3) p 12mm w 24mm tape length 60m pockets/m 83/m dimensions w (carrier tape size) a o b o p (pitch) cover tape size k o cover tape orientation in tape carrier as shipped


▲Up To Search▲   

 
Price & Availability of OP4005B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X