Part Number Hot Search : 
AT89C20 FU240 SAMTEC M39432NC 475M5 78M24B 13V6YSZX IRFZ4
Product Description
Full Text Search
 

To Download N5406A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  agilent technologies infiniivision mso N5406A fpga dynamic probe for xilinx data sheet the challenge you rely on the insight a mso (mixed-signal oscilloscope) provides to understand the behavior of your fpga in the context of the surrounding system. design engineers typically take advantage of the programmability of the fpga to route internal nodes to a small number of physical pins for debugging. while this approach is very useful, it has significant limitations. figure 1. fpga dynamic probe for xilinx used in conjunction with an agilent infiniivision 6000 or 7000 series mso provides an effective solution for simple through complex debugging of systems incorporating xilinx fpgas. ? since pins on the fpga are typically an expensive resource, there are a relatively small number available for debug. this limits internal visibility (i.e. one pin is required for each internal signal to be probed). ? when you need to access different internal signals, you must change your design to route these signals to the available pins. this can be time consuming and can affect the timing of your fpga design. ? finally, the process required to map the signal names from your fpga design to the mso digital channel labels is manual and tedious. when new signals are routed out, you need to manually update these signal names on the mso, which takes additional time and is a potential source of confusing errors.
2 debug your fpgas faster and more effectively with a mso a better way C collaborative development between agilent and xilinx have produced a faster and more effective way to use your mso to debug fpgas and the surrounding system. the agilent fpga dynamic probe, used in conjunction with an agilent mso, provides the most effective solution for simple through complex debugging. view internal activity C with the digital channels on your mso, you are normally limited to measuring signals at the periphery of the fpga. with the fpga dynamic probe, you can now access signals internal to the fpga. you can measure up to 64 internal signals for each external pin dedicated to debug, unlocking visibility into your design that you never had before. make multiple measurements in seconds C moving probe points internal to an fpga used to be time consuming. now, in less than a second, you can easily measure different sets of internal signals without design changes. fpga timing stays constant when you select new sets of internal signals for probing. leverage the work you did in your design environment C the fpga dynamic probe maps internal signal names from your fpga design tool to your agilent mso. eliminate unintentional mistakes and save hours of time with this automatic setup of signal and bus names on your mso. pc board jtag parallel or usb fpga probe outputs on fpga pins sw application can be licensed to a particular pc or particular mso sw application installed on a pc connected to 6000 or 7000 series msos usb lan gpib atc2 insert atc2 core with xilinx core inserter xilinx jtag cable figure 2. create a timesaving fpga measurement system. insert an atc2 (agilent trace core) core into your fpga design. with the application running on your pc you control which group of internal signals to measure via jtag. to fpga pins selection mux 1-128 1-128 1-128 select 1-128 jtag 1-128 change signal bank selection via jtag figure 3. access up to 64 internal signals for each debug pin. signal banks all have identical width (1 to 128 signals wide) determined by the number of device pins you devote for debug. each pin provides sequential access to one signal from every input bank.
3 a quick tour of the application design step 1: create the atc2 core use xilinx core inserter or edk to select your atc2 parameters and to create a debug core that best matches your development needs. parameters include number of pins, number of signal banks, the type of measurement (state or timing), and other atc2 attributes. design step 2: select groups of signals to probe specify banks of internal signals that are potential candidates for mso measurements (using xilinx core inserter or edk). activate fpga dynamic probe for xilinx the fpga dynamic probe application allows you to control the atc2 core and set up the mso for the desired measurements. this application runs on a pc.
4 a quick tour of the application (continued) connect your mso to your pc from fpga dynamic probe application software, specify the communication link between your pc and mso. measurement setup step 1: establish a connection between the pc and the atc2 core the fpga dynamic probe application establishes a connection between the pc and a xilinx cable. it also determines what devices are on the jtag scan chain and lets you pick which one you wish to communicate with. core and device names are user definable. measurement setup step 2: map fpga pins quickly specify how the fpga pins (the signal outputs of atc2) are connected to your mso. select your probe type and rapidly provide the information needed for the mso to automatically track names of signals routed through the atc2 core.
5 a quick tour of the application (continued) for atc2 cores with auto setup enabled, each pin of the atc2 core, one at a time, produces a unique stimulus pattern. the instrument looks for this unique pattern on any of its acquisition channels. when the instrument finds the pattern, it associates that instrument channel with the atc2 output pin producing it. it then repeats the process for each of the remaining output pins eliminating the need to manually enter probe layout information. measurement setup step 3: import signal names tired of manually entering bus and signal names on your mso? the fpga dynamic probe application reads a .cdc file produced by xilinx core inserter. the names of signals you measure will now automatically show on your mso digital channel labels. setup complete: make measurements quickly change which signal bank is routed to the mso. a single mouse click tells the atc2 core to switch to the newly specified signal bank without any impact to the timing of your design. to make measurements throughout your fpga, change signal banks as often as needed. user-definable signal bank names make it straight forward to select a part of your design to measure.
6 a quick tour of the application (continued) triggering on valid states msos incorporate logic state triggering for triggering on specific states. set up a valid state trigger by specifying the clock edge and the desired bus/ signal pattern. because the atc2 core outputs both the clock signal and bus values, triggering on the combination ensures your state trigger is valideven though the digital channels are sampling asynchronously. track valid states by measuring the bus value on each falling clock edge for image shown. automatic bus groupings infiniivision msos include up to 2 bus groupings. contiguous signal names are automatically grouped and displayed as buses. bus values can be displayed as hex or binary values. additional signals are shown using independent waveforms. correlate internal fpga activity with external measurements view internal fpga activity and time-correlate internal fpga measurements with external analog and digital events in the surrounding system. fpga dynamic probe unlocks the power of the mso for system-level debug with fpgas.
7 agilent N5406A specifications and characteristics supported logic analyzers standalone oscilloscopes infiniivision 6000 and 7000 series msos mso digital channels 16 bus groupings up to 2, each with 6 character labels triggering capabilities determined by mso, all have state triggering supported xilinx fpga families virtex-5, virtex-4, virtex-ii pro series, virtex-ii series, spartan-3 generation supported xilinx cables (required) parallel 3 and 4, platform cable usb supported probing mechanisms soft touch (34-channel and 17-channel), mictor, samtec, flying lead, 6000 and 7000 series msos come standard with a 40 pin probe cable and flying leads. cables and probing for mictor, soft touch, or samtec probing must be purchased separately. agilent trace core characteristics number of output signals user definable: clock line plus 4 to 128 signals in 1 signal increments signal banks user definable: 1, 2, 4, 8, 16, 32, or 64 modes state (synchronous) or timing (asynchronous) mode fpga resource consumption approximately 1 slice required per input signal to atc2 core consumes no bufgs, dcm or block ram resources. see resource calculator at www.agilent.com/find/fpga compatible design tools chipscope pro version agilent mso fpga dynamic probe sw version primary new features 6.2i, 6.3i 1.0 or higher mouse-click bank select, graphical pin mapping, cdc signal name import 7.1i 8.2i 2.03 or higher 2.10 or higher plug & run (auto pin mapping), atc2 always on option, atc2 width + 64 banks, platform cable usb support, prbs stimulus on test bank support for virtex-5 devices, mso bus groupings edk (embedded development kit) 8.1i sp2 2.03 or higher support for atc2 core using edk flow synthesis core inserter produces atc2 cores post- synthesis (pre-place and route) making the cores synthesis independent. atc2 cores produced by core generator are compatible with: ? exemplar leonardo spectrum ? synopsys design compiler ? synopsys design compiler ii ? synopsys fpga express ? synplicity synplify ? xilinx xst additional information available via the internet: www.agilent.com/find/fpga and www.agilent.com/find/6000-xilinx .
8 product web site for the most up-to-date and complete application and product information, please visit our product web site at: www.agilent.com/find/scopes related literature publication title publication type publication number frequently asked questions mso fpga dynamic probe for xilinx data sheet 5989-5976en agilent technologies 6000 series oscilloscopes data sheet 5989-2000en agilent technologies infiniium mso8000 n5397a fpga dynamic probes for xilinx data sheet 5989-1848en agilent technologies infiniivision 7000 series oscilloscopes data sheet 5989-7736en ordering information ordering options for the agilent n5405a fpga dynamic probe for xilinx option 001 ? entitlement certificate for perpetual node-locked license locked to oscilloscope (most common). option 002 ? entitlement certificate for pc locked license. pc and mso must both connect to lan. usb, or gpib
for more information on agilent technologies products, applications or services, please contact your local agilent office. the complete list is available at: www.agilent.com/find/contactus americas canada (877) 894-4414 latin america 305 269 7500 united states (800) 829-4444 asia pacific australia 1 800 629 485 china 800 810 0189 hong kong 800 938 693 india 1 800 112 929 japan 0120 (421) 345 korea 080 769 0800 malaysia 1 800 888 848 singapore 1 800 375 8100 taiwan 0800 047 866 thailand 1 800 226 008 europe & middle east austria 0820 87 44 11 belgium 32 (0) 2 404 93 40 denmark 45 70 13 15 15 finland 358 (0) 10 855 2100 france 0825 010 700* *0.125 fixed network rates germany 01805 24 6333** **0.14 /minute ireland 1890 924 204 israel 972-3-9288-504/544 italy 39 02 92 60 8484 netherlands 31 (0) 20 547 2111 spain 34 (91) 631 3300 sweden 0200-88 22 55 switzerland (french) 44 (21) 8113811 (opt 2) switzerland (german) 0800 80 53 53 (opt 1) united kingdom 44 (0) 118 9276201 other european countries: www.agilent.com/find/contactus revised: october 24, 2007 product specifications and descriptions in this document subject to change without notice. ? agilent technologies, inc. 2006, 2008 printed in usa, march 7, 2008 5989-5965en remove all doubt our repair and calibration services will get your equipment back to you, performing like new, when promised. you will get full value out of your agilent equipment throughout its lifetime. your equipment will be serviced by agilent- trained technicians using the latest factory calibration procedures, automated repair diagnostics and genuine parts. you will always have the utmost confidence in your measurements. agilent offers a wide range of additional expert test and measurement services for your equipment, including initial start-up assistance, onsite education and training, as well as design, system integration, and project management. for more information on repair and calibration services, go to: www.agilent.com/find/removealldoubt www.agilent.com/find/open agilent open simplifies the process of connecting and programming test systems to help engineers design, validate and manufacture electronic products. agilent offers open connectivity for a broad range of system-ready instruments, open industry software, pc-standard i/o and global support, which are combined to more easily integrate test system development. www.agilent.com/find/emailupdates get the latest information on the products and applications you select. www.agilent.com/find/agilentdirect quickly choose and use your test equipment solutions with confidence. agilent email updates agilent direc t agilent open www.lxistandard.org lxi is the lan-based successor to gpib, providing faster, more efficient connectivity. agilent is a founding member of the lxi consortium. www.agilent.com


▲Up To Search▲   

 
Price & Availability of N5406A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X