Part Number Hot Search : 
5C100 HO365 M54970P SBR40U IRG7PH AT24C02 IMX17 2SC44
Product Description
Full Text Search
 

To Download MUR1010F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 2 pin 16.5 0.3 10.2 0.2 15.2 0.5 4.0 0.3 13.5 0.5 5.0 0.1 1.4 0.1 0.6 0.1 4.5 0.2 3.1 +0.2 -0.1 |? 3 .3 0.1 ?3.20.2 8.2 0.2 2.6 0.2 0.6 0.1 low cost low leakage low forward voltage drop high current capability case:jedec ito-220ac,molded plastic polarity: as marked weight: 0.064 ounces,1.81 gram mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. mur mur mur mur mur units maximum recurrent peak reverse voltage v rrm v maximum rms voltage v rms v max imum dc bloc king v oltage v dc v maximum average forw ard rectified current @t c =100 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 10a v f v maximum reverse current @t a =25 at rated dc blockin g vo ltage @t a =125 maximum reverse recovery time (note1) t rr ns operating junction te mperature range t j storage temperature range t stg the plastic material carries u/l recognition 94v-0 note: 1. measu red with i f =0.5a, i r =1a, i rr =0.25a. a 125 i r i fsm 250 500 a 5.0 10.0 maximum ratings and electrical characteristics a voltage range: 50 --- 600 v current: 10 a ito-220ac easily cleaned with alcohol,isopropanol and s im ilar s olvents i f(av) 10 mur 1005f 1010f 1015f 1020f 1040f 1060f - 55 ----- + 150 0.975 35 70 105 140 280 420 50 100 150 200 400 600 25 1.3 1.5 50 50 100 150 200 400 600 - 55 ----- + 150 dimensions in millimeters mur1005f-mur1060f super fast rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
.6 .8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 1.0 10 100 1000 tj=25 c pulse width=300 s 1% duty cycle o mur1005f~mur1020f mur1040f mur1060f 0 25 1 100 125 50 75 100 10 8.3ms single ha lf sin e wa ve t j =125 amperes instantaneous forward current fig.4-forword derating curve case temperature, average forward current peak forward surge current amperes amperes fi g. 1 -- test ci rcui t di agram and reverse recovery ti me characteri sti c instantaneous forward voltage, volts z set time base for 10/20 ns/cm notes:1.rise time = 7ns max.input impedance =1m . 22pf. jjjj 2.rise time =10ns max.so urce impedance=50 . fi g. 2 -- typi cal forward characteri sti c fig.3 -- peak forward surge current -1.0a -0.25a 0 +0.5a t rr 1cm pulse generator (note2) d.u.t. 1 nonin- ductive 50 n 1. 10 n1. oscilloscope (note 1) (+) 25vdc (approx) (-) 0 25 50 75 100 125 150 single phase half wave 60 h z resistive or inductive load 175 2.0 4.0 6.0 8.0 10 12 0 number of cycles at 60hz mur1005f-mur1060f super fast rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of MUR1010F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X