Part Number Hot Search : 
W81282F C2412 765ESO NRQ108 SMBJ51 BAV103 B101G K401709
Product Description
Full Text Search
 

To Download MS10180 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MS10180 to ms10200 schottky barrier rectifiers prv : 180 - 200 volts io : 10 am p ere features : * guard ring for reverse protection * low power loss * high efficiency * high surge capacity * pb / rohs free mechanical data : * case : jedec to-220ac molded plastic body * terminals: plated leads, solderable per mil-std-750 method 2026 * polarity: as marked * mounting position: any * weight : 2.24 grams (approximately) maximum ratings and electrical characteristics (ta =25c unless otherwise noted.) symbol MS10180 ms10200 unit maximum repetitive peak reverse voltage v rrm 180 200 v maximum average forward rectified current at t c = 155 c i f(av) 10 a maximum peak forward surge current, 8.3ms single half sine-wave superimposed on rated load maximum instantaneous forward at i f = 10 a, t j =25 c 0.88 voltage (1) i f = 10 a, t j =125 c 0.73 maximum reverse current per leg t j = 25c i r 100 a at peak reverse voltage (1) t j = 125 c i r(h) 200 a typical junction capacitance ( v r = 5 v, t j = 25 c) c j 190 pf typical thermal resistance, junction to case r jc 2.4 c/w operating junction temperature range t j - 55 to + 175 c storage temperature range t stg - 55 to + 175 c note : (1) pulse test: pulse width 300 s, duty cycle 2%. page 1 of 2 rev. 01 : october 13, 2006 v f parameter a i fsm 225 v 0.205(520) 0.195(4.95) 0.635(16.13) 0.625(15.87) 0.055(1.39) 0.045(1.14) 0.145(3.68) 0.135(3.43) 0.160(4.06) 0.140(3.56) 0.603(15.32) 0.573(14.55) 0.560(14.22) 0.530(13.46) 0.350(8.89) 0.330(8.39) 0.185(4.70) 0.175(4.44) 0.037(0.94) 0.027(0.68) 0.415(10.54)max. 0.154(3.91)dia. 0.148(3.74) 0.113(2.87) 0.103(2.62) pin 1 pin 2 case 0.022(0.56) 0.014(0.36) 12 to-220ac dimensions in inches and ( millimeters ) certificate th97/10561qm certificate tw00/17276em
fig.1 - forward current derating fig.2 - typical junction capacitance 140 145 150 155 160 165 170 175 0.1 1.0 10 100 fig.3 - typical forward characteristics fig. 4 - typical reverse characteristics 0 40 80 120 160 200 page 2 of 2 rev. 01 : october 13, 2006 rating and characteristic curves ( MS10180 ~ ms10200 ) 10 8 6 4 0.01 1000 0 10 100 10 1.0 100 0.001 reverse voltage, (v) junction capacitance, (pf) average forward current, (a) instantaneous forward current, (a) typical reverse current, ( a) 0.1 0.2 0.4 0.6 0.8 1.0 instantaneous forward voltage, (v) 2 1.0 t j = 25 c 0.0001 0.1 1.2 t j = 25 c t j = 125 c t j = 125 c 1.4 1.6 case temperature, ( c) reverse voltage, (v) t j = 75 c certificate th97/10561qm certificate tw00/17276em


▲Up To Search▲   

 
Price & Availability of MS10180

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X