Part Number Hot Search : 
Z5224 63000 N06LG 5M02659 TA7402P 1N6137 P3116 WP711
Product Description
Full Text Search
 

To Download MPS8599 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dated : 24/06/2003 semtech electronics ltd. ( subsidiary of sino-tech internatio nal holdings limited, a company listed on the hong kong stock exchange, stock code: 724 ) ? MPS8599 pnp silicon amplifier transistor on special request, thes e transistors can be manufactured in different pin configurations. to-92 plastic package weight approx. 0.19g absolute maximum ratings (ta=25 o c) symbol value unit collector emitter voltage -v ceo 80 v collector base voltage -v cbo 80 v emitter base voltage -v ebo 5 v collector current -i c 500 ma total device dissipation @ t a =25 o c derate above 25 o c p tot 625 5 mw mw/ o c total device dissipation @ t c =25 o c derate above 25 o c p tot 1.5 12 w mw/ o c operating and storage junction temperature range t j ,t s -55 to +150 o c thermal resistance, junction to ambient r ja 200 o c/w thermal resistance, junction to case r jc 83.3 o c/w
dated : 24/06/2003 semtech electronics ltd. ( subsidiary of sino-tech internatio nal holdings limited, a company listed on the hong kong stock exchange, stock code: 724 ) ? MPS8599 characteristics (t a =25 o c) symbol min. typ. max. unit dc current gain at -v ce =5v, -i c =1ma at -v ce =5v, -i c =10ma at -v ce =5v, -i c =100ma h fe h fe h fe 100 100 75 - - - 300 - - - - - collector saturation voltage at -i c =100ma, -i b =5ma at -i c =100ma, -i b =10ma -v cesat -v cesat - - - - 0.4 0.3 v v base emitter on voltage at -v ce =5v, -i c =10ma -v be(on) 0.6 - 0.8 v collector-emitter breakdown voltage at -i c =10ma -v (br)ceo 80 - - v collector-base breakdown voltage at -i c =100 a -v (br)cbo 80 - - v emitter-base breakdown voltage at -i e =10 a -v (br)ebo 5 - - v collector cutoff current at -v ce =60v -i ces - - 0.1 a collector cutoff current at -v cb =80v -i cbo - - 0.1 a emitter cutoff current at -v eb =4v -i ebo - - 0.1 a current-gain-bandwidth product at -v ce =5v, -i c =10ma, f=100mhz f t 150 - - mhz output capacitance at -v cb =5v, f=1mhz c obo - - 8 pf input capacitance at -v eb =0.5v, f=1mhz c ibo - - 30 pf notes: pulse test: pulse width Q 300 s, duty cycle=2%.
dated : 24/06/2003 semtech electronics ltd. ( subsidiary of sino-tech internatio nal holdings limited, a company listed on the hong kong stock exchange, stock code: 724 ) ? MPS8599 30 2 t j =25 c duty cycle 10% 0.4 v o l t a g e , v 0 0.2 0.2 0.6 0.8 1 -1 -10 -100 i c , ( m a ) -1000 -1 -55 c d c c u r r e n t g a i n -0.2 vcesat@ic/ib=10 1 ic, ma 10 100 200 30 -1 ic, ma -10 vce= -5v -200 -100 -10 -0.1 thermal limit "on" voltages vbesat@ic/ib=10 vbe@vce=5v second breakdown limit vce, v -10 100 300 -100 10 active - region safe operating area current limit -10 ic, ma 100 t i m e , n s -100 1000 dc current gain 25 c t j =125 c td@vbe(off)= -0.5v ic, ma -100 -200 reverse voltage, v t f t r t s switching times -1 vcc= -40v ic/ib=10 ib1=ib2 tj=25 c -10 -100 t j =25 c f t ( m h z ) 70 100 300 200 v ce = -1v current gain - bandwidth product -5v 20 c a p a c i t a n c e , p f 4 10 40 cobo cibo capacitance t j =25 c
dated : 24/06/2003 semtech electronics ltd. ( subsidiary of sino-tech internatio nal holdings limited, a company listed on the hong kong stock exchange, stock code: 724 ) ? MPS8599 ic=10ma t j =25 c 2 0.02 0 0.4 v c e , v 0.8 1.2 1.6 0.2 -1 100ma 0.1 i b , ma 1 20ma 50ma t e m p e r a t u r e c o e f f i c i e n t , m v / c 10 20 -3 -2.6 200ma -1.8 -2.2 -1.4 collector saturation region 1 ic, ma 10 r vb for v be -55 c to 125 c 100 200 base emitter temperature coefficient


▲Up To Search▲   

 
Price & Availability of MPS8599

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X