Part Number Hot Search : 
MC9S12XE FN3158 ESD9B5VD AD586M RD1004 29LV160 3SK126 LTC1655
Product Description
Full Text Search
 

To Download MPI001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.elektron-bulgin.com 179 switches switches switches stainless steel illuminated vandal resistant MPI001- front panel seal to ip66 specification MPI001/termination/colour/voltage illumination style: dot terminations: /28 (2.8mm tabs), /term or /te (screw terminals) switching: single pole, push to make, tactile (momentary action) max. switch rating: 50ma, 24vdc leds (ratings @ 20ma) part no. /rd /gn /am /bl /wh /d1 /d4 /d5 colours red green amber blue white red/green red/blue green/blue luminous intensity 900mcd 2500mcd 900mcd 1500mcd 900mcd 2500mcd/5000mcd 2000mcd/850mcd 4000mcd/2000mcd forward voltage 1.85v 3.5v 2.3v 3.5v 3.6v 2.05v/3.6v 2.0v/3.6v 3.6v/3.6v forward current 20ma 20ma 20ma 20ma 20ma 20ma 20ma 20ma moulding colour red green amber blue white black black black illumination voltage: /no suffix no resistor fitted. an appropriate resistor must be series connected by the user. voltages as above. /6 6vdc /12 12vdc /24 24vdc contact resistance: <100m ? insulation resistance: >10 3 m ? dielectric strength: contact to panel >2.0kv contact to contact 1500v operating temp. range: C30?c to + 70?c sealing (front of panel only) : protection classification: ip66 en60529 1992 operations mechanical: 750,000 (min) electrical: 35,000 (min) operating pressure: 12n rear nut fixing torque: 0.57nm materials switch assembly: ul94v-0 rated polyamide (nylon) tags: copper alloy terminals: copper alloy switch body & button: stainless steel lens and lens body: polycarbonate o ring: nitrile internal seal: silicone contact plate: gold plated thread size: 18.97mm x 26tpi esd handling precautions must be taken compliant  dot illumination  22mm diameter  single pole push to make  50ma, 24vdc contact rating  red, green, amber, blue, white or dual colour illumination  bright daylight leds  independent led terminals  front panel seal to ip66  integral supply resistors  tvs protection front panel mounting led terminals marked + and C switch terminals unmarked + C dual colour led configuration /d1 /d4 /d5 red green + C red blue + C blue green switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:15 page 179


▲Up To Search▲   

 
Price & Availability of MPI001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X