Part Number Hot Search : 
SF1093A IRFF430 C1410 TC100 UPD71 S3560 TDA1047 FU024
Product Description
Full Text Search
 

To Download MPB031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.elektron-bulgin.com 182 switches switches switches mpb037 sealed to ip68  front panel sealed to ip68  21.5mm diameter  s.p. push to make  1a, 50vac/dc front panel mounting mpb038 sealed to ip66 MPB031 sealed to ip66 specification mpb038 MPB031 mpb037 terminations: solder tags solder tags screw terminals switching: s.p.c.o. momentary action s.p.c.o. momentary action s.p. push to make (microswitch) (microswitch) momentary action max. rating: 5a, 250vac. 5a, 250vac 1a, 50vac/dc 2a, 28vdc 2a, 28vdc contact resistance: <10m ? <10m ? <10m ? insulation resistance: >10 3 m ? . >10 3 m ? >10 5 m ? dielectric strength: >2.0kvac >2.0kvac >1.0kvac operating temp. range: C20?c to + 70?c C20?c to + 70?c C20?c to + 70?c sealing (front of panel only) : protection classification: ip66 en60529 protection classification: ip66 en60529 protection classification: ip68 en60529 1992 (micro switch not sealed) 1992 (micro switch not sealed) 1992 (terminals not sealed) operations mechanical: 1,000,000 (min) 1,000,000 (min) 1,000,000 (min) electrical: 35,000 (min) 35,000 (min) 30,000 (min) operating pressure: 12.5n (typ) 4.7n (typ) 7.5n (typ) rear nut fixing torque: 1.13nm 0.57nm 0.57nm materials mouldings: glass filled nylon glass filled nylon glass filled nylon tags/terminations: brass, tin plated brass, tin plated brass, silver plated switch body & button: brass, chrome plated brass, chrome plated brass, chrome plated contacts: fine silver fine silver brass, silver plated, silver thread size: 1.0" x 26tpi 0.747" x 26tpi 0.747" x 26tpi compliant compliant compliant  front panel sealed to ip66  28mm diameter  s.p.c.o. microswitch  5a, 250vac  front panel sealed to ip66  21mm diameter  s.p.c.o. microswitch  5a, 250vac low profile brass chrome plated vandal resistant front panel mounting front panel mounting rohs switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:15 page 182


▲Up To Search▲   

 
Price & Availability of MPB031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X