Part Number Hot Search : 
RF100 SQ131Y37 4008P 274BET 54LS1 CX86201 SPI220LE DA103M
Product Description
Full Text Search
 

To Download MP0034 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.elektron-bulgin.com 173 switches switches switches type page low profile vandal resistant mp0025 174 mp0027 174 mp0038 174 mp0031 175 MP0034 175 mp0037 175 low profile vandal resistant - latching mpl025 176 mpl027 176 mpl038 176 mpl031 177 mpl034 177 low profile vandal resistant - double pole mpd0031 178 illuminated vandal resistant mpi001 179 mpi002 180 mpi001, mpi002 through panel sealed 181 brass chrome plated vandal resistant mpb038 182 mpb031 182 mpb037 182 low profile vandal resistant - large diameter mp0050 183 mp0050/2 183 type page domed vandal resistant mp0027/3 184 mp0038/3 184 mp0025/3 184 mp0037/3 185 mp0031/3 185 MP0034/3 185 prominent vandal resistant mp0027/2 186 mp0038/2 186 mp0025/2 186 mp0037/2 187 mp0031/2 187 MP0034/2 187 push button mp0013 188 mp0033 188 mp0013/2 188 mp0033/2 188 stainless steel - 16mm mp0042 189 mp0045 190-193 push button mp0012 194 mp0016 194 mp0022 195 voltage selectors vs0001 196 vs0002 196 switches manufactured from stainless steel, bulgins extensive range of vandal resistant security switches are designed with a high resistance to wear and tear, corrosion and harsh use in potentially hostile environments such as access control applications. the front and rear panel mounted versions have three profiles C prominent, domed and low profile C with a choice of switching and ip66 & ip68 front panel sealing which combined together to meet the ergonomic, electrical and environmental demands of switch panel design. and where the ultimate strength of steel is not needed, there is a brass, chrome plated alternative. the low profile style switches are now also available with a latching, push on - push off, action. the illuminated versions are available in dot and ring led indication and a variety of illumination colours including bi-colour leds. newer versions also feature led illumination driven by 6v, 12v & 24v together with rear of panel sealing, these options will add that extra dimension to control panel layouts and functionality. the standard range of vandal resistant switches are complemented by a range of 16mm stainless steel switches of robust construction designed for use in applications where space is at a premium. switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:15 page 173
mp0027 mp0038 sealed to ip66 mp0025 specification mp0027 mp0038 mp0025 terminations: solder tags solder tags solder tags switching: s.p.c.o. momentary action (microswitch) s.p.c.o. momentary action (microswitch) s.p.c.o. momentary action (microswitch) max. rating: 5a, 250vac 5a, 250vac 5a, 250vac 2a, 28vdc 2a, 28vdc 2a, 28vdc contact resistance: <10m ? <10m ? <10m ? insulation resistance: >10 3 m ? >10 3 m ? . >10 3 m ? dielectric strength: >2.0kvac >2.0kvac >2.0kvac operating temp. range: C20?c to + 70?c C20?c to + 70?c C20?c to + 70?c sealing (front of panel only) : protection classification: ip66 en60529 1992 (micro switch not sealed) operations mechanical: 1,000,000 (min) 1,000,000 (min) 1,000,000 (min) electrical: 35,000 (min) 35,000 (min) 35,000 (min) operating pressure: 7.5n (typ) 12.5n (typ) 6.1n (typ) rear nut fixing torque: 2.5nm 1.13nm - materials mouldings: glass filled nylon glass filled nylon glass filled nylon tags/terminations: brass, tin plated brass, tin plated brass, tin plated switch body & button: stainless steel stainless steel stainless steel contacts: fine silver fine silver fine silver thread size: 1.0 x 26tpi 1.0" x 26tpi - compliant compliant compliant  28mm diameter  s.p.c.o. microswitch  5a, 250vac  front panel sealed to ip66  28mm diameter  s.p.c.o. microswitch  5a, 250vac  22mm diameter  s.p.c.o. microswitch  5a, 250vac stainless steel low profile vandal resistant - momentary front panel mounting front panel mounting rear panel mounting www.elektron-bulgin.com 174 switches switches switches rohs      


www.elektron-bulgin.com 175 switches switches switches mp0031 sealed to ip66 MP0034 mp0037 sealed to ip68 specification mp0037 mp0031 MP0034 terminations: screw terminals solder tags solder tags switching: s.p. push to make s.p.c.o. momentary action s.p.c.o. momentary action momentary action (microswitch) (microswitch) max. rating: 1a, 50vac/dc 5a, 250vac 5a, 250vac 2a, 28vdc 2a, 28vdc contact resistance: <10m ? <10m ? <10m ? insulation resistance: >10 5 m ? >10 3 m ? . >10 3 m ? dielectric strength: >1.0kvac >2.0kvac >2.0kvac operating temp. range: C20?c to + 70?c C20?c to + 70?c C20?c to + 70?c sealing (front of panel only) : protection classification: ip68 en60529 protection classification: ip66 en60529 1992 (terminals not sealed) 1992 (micro switch not sealed) operations mechanical: 1,000,000 (min) 1,000,000 (min) 250,000 (min) electrical: 30,000 (min) 35,000 (min) 35,000 (min) operating pressure: 7.5n (typ) 4.7n (typ) 2.7n (typ) rear nut fixing torque: 0.57nm 0.57nm - materials mouldings: glass filled nylon glass filled nylon glass filled nylon tags/terminations: brass, silver plated brass, tin plated brass, tin plated switch body & button: stainless steel stainless steel stainless steel contacts: brass, silver plated, silver fine silver fine silver thread size: 0.747" x 26tpi 0.747" x 26tpi - compliant compliant compliant  front panel sealed to ip68  21.5mm diameter  s.p. push to make  1a, 50vac/dc  industry standard size  front panel sealed to ip66  21.5mm diameter  s.p.c.o. microswitch  5a, 250vac  rear panel mounting  flush with panel  19mm diameter  s.pc.o. microswitch  5a, 250vac stainless steel low profile vandal resistant - momentary front panel mounting front panel mounting rear panel mounting rohs      


www.elektron-bulgin.com 176 switches switches switches mpl027 mpl038 sealed to ip66 mpl025 specification mpl027 mpl038 mpl025 terminations: solder tags solder tags solder tags switching: s.p.m.b. - latching s.p.m.b. - latching s.p.m.b. - latching max. rating: 2a, 50vac/dc 2a, 50vac/dc 2a, 50vac/dc contact resistance: <10m ? <10m ? <10m ? insulation resistance: >10 3 m ? >10 3 m ? . >10 3 m ? dielectric strength: >2.0kvac >2.0kvac >2.0kvac operating temp. range: C20?c to + 70?c C20?c to + 70?c C20?c to + 70?c sealing (front of panel only) : - protection classification: ip66 en60529 - 1992 (switch not sealed) operations mechanical: 8,000 (min) 8,000 (min) 8,000 (min) electrical: 8,000 (min) 8,000 (min) 8,000 (min) operating pressure: 5.5n (typ) 5.5n (typ) 5.5n (typ) rear nut fixing torque: 2.5nm 1.13nm C materials mouldings: glass filled nylon glass filled nylon glass filled nylon tags/terminations: brass, tin plated brass, tin plated brass, tin plated switch body & button: stainless steel stainless steel stainless steel contacts: fine silver fine silver fine silver thread size: 1.0 x 26tpi 1.0" x 26tpi - compliant compliant compliant  28mm diameter  2a, 50vac/dc  single pole push to make  latching switch  front panel sealed to ip66  28mm diameter  2a, 50vac/dc  single pole push to make  latching switch  22mm diameter  2a, 50vac/dc  single pole push to make  latching switch stainless steel low profile vandal resistant - latching front panel mounting front panel mounting rear panel mounting rohs muptrymrpuwv - 2010gmuptrymrpuwvn2 - 200b e/c/10 1dg1b losr 1dc
www.elektron-bulgin.com 177 switches switches switches mpl031 sealed to ip66 mpl034 specification mpl031 mpl034 terminations: solder tags solder tags switching: s.p.m.b. - latching s.p.m.b. - latching max. rating: 2a, 50vac/dc 2a, 50vac/dc contact resistance: <10m ? <10m ? insulation resistance: >10 3 m ? >10 3 m ? dielectric strength: >2.0kvac >2.0kvac operating temp. range: C20?c to + 70?c C20?c to + 70?c sealing (front of panel only) : protection classification: ip66 en60529 1992 (switch not sealed) operations mechanical: 8,000 (min) 8,000 (min) electrical: 8,000 (min) 8,000 (min) operating pressure: 5.5n (typ) 5.5n (typ) rear nut fixing torque: 0.57nm C materials mouldings: glass filled nylon glass filled nylon tags/terminations: brass, tin plated brass, tin plated switch body & button: stainless steel stainless steel contacts: fine silver fine silver thread size: 0.747" x 26tpi - compliant compliant  front panel sealed to ip66  21.5mm diameter  2a, 50vac/dc  single pole push to make  latching switch  rear panel mounting  flush with panel  19mm diameter  2a, 50vac/dc  single pole push to make  latching switch stainless steel low profile vandal resistant - latching rear panel mounting rohs front panel mounting muptrymrpuwv - 2010gmuptrymrpuwvn2 - 200b e/c/10 1dg1b losr 1dd
www.elektron-bulgin.com 178 switches switches switches mpd031 specification mpd031 terminations: solder tags switching: d.p.c.o. momentary action (microswitch) max. rating: 3a, 125vac contact resistance: 30-100m ? max. insulation resistance: 100m ? min. dielectric strength: 1,000vacrms operating temp. range: C20?c to + 70?c sealing (front of panel only) : protection classification: ip66 en60529 1992 (micro switch not sealed) operations mechanical: 1,000,000 electrical: 10,000 @ 3a, 125vac rear nut fixing torque: 0.57nm materials mouldings: glass filled nylon tags/terminations: brass, tin plated switch body & button: stainless steel contacts: brass, silver plated thread size: 0.747" x 26tpi compliant  front panel sealed to ip66  21.5mm diameter  d.p.c.o. microswitch  3a, 125vac stainless steel low profile vandal resistant - momentary - double pole front panel mounting rohs      


www.elektron-bulgin.com 179 switches switches switches stainless steel illuminated vandal resistant mpi001- front panel seal to ip66 specification mpi001/termination/colour/voltage illumination style: dot terminations: /28 (2.8mm tabs), /term or /te (screw terminals) switching: single pole, push to make, tactile (momentary action) max. switch rating: 50ma, 24vdc leds (ratings @ 20ma) part no. /rd /gn /am /bl /wh /d1 /d4 /d5 colours red green amber blue white red/green red/blue green/blue luminous intensity 900mcd 2500mcd 900mcd 1500mcd 900mcd 2500mcd/5000mcd 2000mcd/850mcd 4000mcd/2000mcd forward voltage 1.85v 3.5v 2.3v 3.5v 3.6v 2.05v/3.6v 2.0v/3.6v 3.6v/3.6v forward current 20ma 20ma 20ma 20ma 20ma 20ma 20ma 20ma moulding colour red green amber blue white black black black illumination voltage: /no suffix no resistor fitted. an appropriate resistor must be series connected by the user. voltages as above. /6 6vdc /12 12vdc /24 24vdc contact resistance: <100m ? insulation resistance: >10 3 m ? dielectric strength: contact to panel >2.0kv contact to contact 1500v operating temp. range: C30?c to + 70?c sealing (front of panel only) : protection classification: ip66 en60529 1992 operations mechanical: 750,000 (min) electrical: 35,000 (min) operating pressure: 12n rear nut fixing torque: 0.57nm materials switch assembly: ul94v-0 rated polyamide (nylon) tags: copper alloy terminals: copper alloy switch body & button: stainless steel lens and lens body: polycarbonate o ring: nitrile internal seal: silicone contact plate: gold plated thread size: 18.97mm x 26tpi esd handling precautions must be taken compliant  dot illumination  22mm diameter  single pole push to make  50ma, 24vdc contact rating  red, green, amber, blue, white or dual colour illumination  bright daylight leds  independent led terminals  front panel seal to ip66  integral supply resistors  tvs protection front panel mounting led terminals marked + and C switch terminals unmarked + C dual colour led configuration /d1 /d4 /d5 red green + C red blue + C blue green 9meiadbh9baiegf ,()(49meiadbh9baiegf:l, ,((/2&0&)()14)/8@cb)13
www.elektron-bulgin.com 180 switches switches switches stainless steel illuminated vandal resistant mpi002- front panel seal to ip66 specification mpi002/termination/colour/voltage illumination style: ring terminations: /28 (2.8mm tabs), /term or /te (screw terminals) switching: single pole, push to make, tactile (momentary action) max. switch rating: 50ma, 24vdc leds (ratings @ 20ma) part no. /rd /gn /am /bl /wh /d1 /d4 /d5 colours red green amber blue white red/green red/blue green/blue luminous intensity 900mcd 2500mcd 900mcd 1500mcd 900mcd 2500mcd/5000mcd 2000mcd/850mcd 4000mcd/2000mcd forward voltage 1.85v 3.5v 2.3v 3.5v 3.6v 2.05v/3.6v 2.0v/3.6v 3.6v/3.6v forward current 20ma 20ma 20ma 20ma 20ma 20ma 20ma 20ma moulding colour red green amber blue white black black black illumination voltage: /no suffix no resistor fitted. an appropriate resistor must be series connected by the user. voltages as above. /6 6vdc /12 12vdc /24 24vdc contact resistance: <100m ? insulation resistance: >10 3 m ? dielectric strength: contact to panel >2.0kv contact to contact 1500v operating temp. range: C30?c to + 70?c sealing (front of panel only) : protection classification: ip66 en60529 1992 operations mechanical: 750,000 (min) electrical: 35,000 (min) operating pressure: 12n rear nut fixing torque: 0.57nm materials switch assembly: ul94v-0 rated polyamide (nylon) tags: copper alloy terminals: copper alloy switch body & button: stainless steel lens and lens body: polycarbonate o ring: nitrile internal seal: silicone contact plate: gold plated thread size: 18.97mm x 26tpi esd handling precautions must be taken compliant  ring illumination  22mm diameter  single pole push to make  50ma, 24vdc contact rating  red, green, amber, blue, white or dual colour illumination  bright daylight leds  independent led terminals  front panel seal to ip66  integral supply resistors  tvs protection front panel mounting led terminals marked + and C switch terminals unmarked + C dual colour led configuration /d1 /d4 /d5 red green + C red blue + C blue green 9meiadbh9baiegf ,()(49meiadbh9baiegf:l, ,((/2&0&)()14)/8@cb)2(
www.elektron-bulgin.com 181 switches switches switches mpi002/fl/xx/x  dot or ring illumination  22mm diameter  single pole push to make  50ma, 24vdc contact rating  red, green, amber, blue & white illumination  bright daylight leds  independent led terminals  front and rear panel seal to ip66  flying lead termination  tvs protection rear panel sealed - flying leads  dot or ring illumination  22mm diameter  single pole push to make  50ma, 24vdc contact rating  red, green, amber, blue & white illumination  bright daylight leds  independent led terminals  front and rear panel seal to ip66  solder tag termination  tvs protection rear panel sealed - solder tag specification mpi001/termination/colour/voltage mpi002/termination/colour/voltage illumination style: dot ring terminations: /fl (flying leads) /fl (flying leads) /rp (solder tags) /rp (solder tags) switching: single pole, push to make, tactile (momentary action) single pole, push to make, tactile (momentary action) max. switch rating: 50ma, 24vdc 50ma, 24vdc leds (ratings @ 20ma) part no. /rd /gn /am /bl /wh /rd /gn /am /bl /wh colours red green amber blue white red green amber blue white luminous intensity 900mcd 2500mcd 900mcd 1500mcd 900mcd 900mcd 2500mcd 900mcd 1500mcd 900mcd forward voltage 1.85v 3.5v 2.3v 3.5v 3.6v 1.85v 3.5v 2.3v 3.5v 3.6v forward current 20ma 20ma 20ma 20ma 20ma 20ma 20ma 20ma 20ma 20ma illumination voltage: /no suffix no resistor fitted. an appropriate resistor must be /no suffix no resistor fitted. an appropriate resistor must be series connected by the user. voltages as above. series connected by the user. voltages as above. /6 6vdc /6 6vdc /12 12vdc /12 12vdc /24 24vdc /24 24vdc contact resistance: <100m ? <100m ? insulation resistance: >10 3 m ? . >10 3 m ? . dielectric strength: contact to panel >2.0kv contact to panel >2.0kv contact to contact 1500v contact to contact 1500v operating temp. range: C30?c to + 70?c C30?c to + 70?c sealing (front & rear of panel) : protection classification: ip66, en60529 1992 protection classification: ip66, en60529 1992 operations mechanical: 750,000 (min) 750,000 (min) electrical: 35,000 (min) 35,000 (min) operating pressure: 12n 12n rear nut fixing torque: 0.57nm 0.57nm materials switch assembly: ul94v-0 rated polyamide (nylon) ul94v-0 rated polyamide (nylon) tags: copper alloy copper alloy leads: tinned, stranded copper conductors tinned, stranded copper conductors switch body & button: stainless steel stainless steel lens and lens body: polycarbonate polycarbonate o ring: nitrile nitrile internal seal: silicone silicone contact plate: gold plated gold plated thread size: 18.97mm x 26tpi 18.97mm x 26tpi esd handling precautions must be taken esd handling precautions must be taken compliant compliant mpi001/rp/xx/x led terminals marked + and C. switch terminals unmarked. flying lead colours: led: red + and black C. switch contacts: white. stainless steel illuminated vandal resistant with rear of panel ip66 seal switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:15 page 181
www.elektron-bulgin.com 182 switches switches switches mpb037 sealed to ip68  front panel sealed to ip68  21.5mm diameter  s.p. push to make  1a, 50vac/dc front panel mounting mpb038 sealed to ip66 mpb031 sealed to ip66 specification mpb038 mpb031 mpb037 terminations: solder tags solder tags screw terminals switching: s.p.c.o. momentary action s.p.c.o. momentary action s.p. push to make (microswitch) (microswitch) momentary action max. rating: 5a, 250vac. 5a, 250vac 1a, 50vac/dc 2a, 28vdc 2a, 28vdc contact resistance: <10m ? <10m ? <10m ? insulation resistance: >10 3 m ? . >10 3 m ? >10 5 m ? dielectric strength: >2.0kvac >2.0kvac >1.0kvac operating temp. range: C20?c to + 70?c C20?c to + 70?c C20?c to + 70?c sealing (front of panel only) : protection classification: ip66 en60529 protection classification: ip66 en60529 protection classification: ip68 en60529 1992 (micro switch not sealed) 1992 (micro switch not sealed) 1992 (terminals not sealed) operations mechanical: 1,000,000 (min) 1,000,000 (min) 1,000,000 (min) electrical: 35,000 (min) 35,000 (min) 30,000 (min) operating pressure: 12.5n (typ) 4.7n (typ) 7.5n (typ) rear nut fixing torque: 1.13nm 0.57nm 0.57nm materials mouldings: glass filled nylon glass filled nylon glass filled nylon tags/terminations: brass, tin plated brass, tin plated brass, silver plated switch body & button: brass, chrome plated brass, chrome plated brass, chrome plated contacts: fine silver fine silver brass, silver plated, silver thread size: 1.0" x 26tpi 0.747" x 26tpi 0.747" x 26tpi compliant compliant compliant  front panel sealed to ip66  28mm diameter  s.p.c.o. microswitch  5a, 250vac  front panel sealed to ip66  21mm diameter  s.p.c.o. microswitch  5a, 250vac low profile brass chrome plated vandal resistant front panel mounting front panel mounting rohs      
 
www.elektron-bulgin.com 183 mp0050 mp0050/2 specification mp0050 mp0050/2 terminations: solder tags solder tags switching: s.p.c.o. momentary action s.p.c.o. momentary action (microswitch) (microswitch) max. rating: 5a, 250vac. 5a, 250vac 2a, 28vdc 2a, 28vdc contact resistance: 10m ? 10m ? insulation resistance: >10 3 m ? >10 3 m ? dielectric strength: >2.0kvac >2.0kvac operating temp. range: C20?c to + 70?c C20?c to + 70?c sealing (front of panel only): protection classification: ip68 en60529 protection classification: ip68 en60529 1992 (micro switch not sealed) 1992 (micro switch not sealed) operations mechanical: 1,000,000 (min) 1,000,000 (min) electrical: 35,000 (min) 35,000 (min) operating pressure: 4.7nm 4.7nm rear nut fixing torque: 0.57nm 0.57nm materials mouldings: glass filled nylon glass filled nylon tags/terminations: brass, tin plated brass, tin plated switch body & button: stainless steel stainless steel contacts: fine silver fine silver thread size: m27 x 1.0-6h m27 x 1.0-6h compliant compliant  front panel sealed to ip68  flush button  32.0mm diameter  s.p.c.o. switching  momentary action  5a, 250vac  front panel sealed to ip68  protruding button  32.0mm diameter  s.p.c.o. switching  momentary action  5a, 250vac stainless steel large diameter vandal resistant - momentary front panel mounting - low profile front panel mounting - protruding profile rohs switches switches switches switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:15 page 183
www.elektron-bulgin.com 184 switches switches switches mp0027/3 mp0038/3 sealed to ip66 mp0025/3 specification mp0027/3 mp0038/3 mp0025/3 terminations: solder tags solder tags solder tags switching: s.p.c.o. momentary action s.p.c.o. momentary action s.p.c.o. momentary action (microswitch) (microswitch) (microswitch) max. rating: 5a, 250vac 5a, 250vac 5a, 250vac 2a, 28vdc 2a, 28vdc 2a, 28vdc contact resistance: <10m ? <10m ? <10m ? insulation resistance: >10 3 m ? >10 3 m ? . >10 3 m ? dielectric strength: >2.0kvac >2.0kvac >2.0kvac operating temp. range: C20?c to + 70?c C20?c to + 70?c C20?c to + 70?c sealing (front of panel only) : - protection classification: ip66 en60529 - 1992 (micro switch not sealed) operations mechanical: 1,000,000 (min) 1,000,000 (min) 1,000,000 (min) electrical: 35,000 (min) 35,000 (min) 35,000 (min) operating pressure: 7.5n (typ) 12.5n (typ) 6.1n (typ) rear nut fixing torque: 2.5nm 1.13nm - materials mouldings: glass filled nylon glass filled nylon glass filled nylon tags/terminations: brass, tin plated brass, tin plated brass, tin plated switch body & button: stainless steel stainless steel stainless steel contacts: fine silver fine silver fine silver thread size: 1.0 x 26tpi 1.0" x 26tpi - compliant compliant compliant  28mm diameter  domed profile  s.p.c.o. microswitch  5a, 250vac  front panel sealed to ip66  28mm diameter  domed profile  s.p.c.o. microswitch  5a, 250vac  22mm diameter  domed profile  s.p.c.o. microswitch  5a, 250vac stainless steel domed vandal resistant front panel mounting front panel mounting rear panel mounting rohs      
 
www.elektron-bulgin.com 185 switches switches switches fixing detail panel clamp nut s & studs 4ba or m3 * * panel-2.64 12swg 18.9 2 x 4ba or m3 studs 28.7 35.9 27.60 crs 28.4 7.1 2.1 mp0037/3 sealed to ip68 mp0031/3 sealed to ip66 MP0034/3 specification mp0037/3 mp0031/3 MP0034/3 terminations: ckymc dmytquhsz cvslmy dhoz cvslmy dhoz switching: c1a1 aazp @v thrm c1a1i1w1 tvtmu@hye gk@qvu c1a1i1w1 tvtmu@hye gk@qvu tvtmu@hye hk@qvu ,tqkyvzcq@kp- ,tqkyvzcq@kp- max. rating: 4g/ 93fhk2lk 9g/ 593fhk 9g/ 593fhk 5g/ 5aflk 5g/ 5aflk contact resistance: d43t d43t d43t insulation resistance: e43 9 t e43 6 t 1 e43 6 t dielectric strength: e413rfhk e513rfhk e513rfhk operating temp. range: g53ii @v . @3ii g53ii @v . @3ii g53ii @v . @3ii sealing (front of panel only) : ayv@mk@qvu ishzzqnqkh@qvuc ra:a mv:395b ayv@mk@qvu ishzzqnqkh@qvuc ra:: mv:395b 0 4bb5 ,dmytquhsz uv@ zmhsml- 4bb5 ,tqkyv zcq@kp uv@ zmhsml- operations mechanical: 4/333/333 ,tqu- 4/333/333 ,tqu- 593/333 ,tqu- electrical: 63/333 ,tqu- 69/333 ,tqu- 69/333 ,tqu- operating pressure: @19v ,@ew- 81@v ,@ew- 51@v ,@ew- rear nut fixing torque: 319@vt 319@vt 0 materials mouldings: oshzz nqssml vesvu oshzz nqssml vesvu oshzz nqssml vesvu tags/terminations: hyhzz/ cqsbmy ash@ml hyhzz/ dqu ash@ml hyhzz/ dqu ash@ml switch body & button: c@hqusmzz c@mms c@hqusmzz c@mms c@hqusmzz c@mms contacts: hyhzz/ cqsbmy ash@ml/ cqsbmy nqum cqsbmy nqum cqsbmy thread size: 31@8@& d 5:dar 31@8@& d 5:dar 0 ivtwsqhu@ ivtwsqhu@ ivtwsqhu@ & front panel sealed to ip68 & 21.5mm diameter & domed profile & s.p. push to make & 1a, 50vac/dc & front panel sealed to ip66 & 21.5mm diameter & domed profile & s.p.c.o. microswitch & 5a, 250vac & rear panel mounting & 19mm diameter & domed profile & s.p.c.o. microswitch & 5a, 250vac stainless steel domed vandal resistant 3b@:d a.:28 9@e:d6:4 3b@:d a.:28 9@e:d6:4 b2.b a.:28 9@e:d6:4 rohs 9meiadbh9baiegf ,()(49meiadbh9baiegf:l, ,((/2&0&)()14)08@cb)2/
www.elektron-bulgin.com 186 switches switches switches mp0027/2 mp0038/2 sealed to ip66 mp0025/2 specification mp0027/2 mp0038/2 mp0025/2 terminations: solder tags solder tags solder tags switching: s.p.c.o. momentary action s.p.c.o. momentary action s.p.c.o. momentary action (microswitch) (microswitch) (microswitch) max. rating: 5a, 250vac 5a, 250vac 5a, 250vac 2a, 28vdc 2a, 28vdc 2a, 28vdc contact resistance: <10m ? <10m ? <10m ? insulation resistance: >10 3 m ? >10 3 m ? . >10 3 m ? dielectric strength: >2.0kvac >2.0kvac >2.0kvac operating temp. range: C20?c to + 70?c C20?c to + 70?c C20?c to + 70?c sealing (front of panel only) : - protection classification: ip66 en60529 - 1992 (micro switch not sealed) operations mechanical: 1,000,000 (min) 1,000,000 (min) 1,000,000 (min) electrical: 35,000 (min) 35,000 (min) 35,000 (min) operating pressure: 7.5n (typ) 12.5n (typ) 6.1n (typ) rear nut fixing torque: 2.5nm 1.13nm - materials mouldings: glass filled nylon glass filled nylon glass filled nylon tags/terminations: brass, tin plated brass, tin plated brass, tin plated switch body & button: stainless steel stainless steel stainless steel contacts: fine silver fine silver fine silver thread size: 1.0 x 26tpi 1.0" x 26tpi - compliant compliant compliant  28mm diameter  prominent button  s.p.c.o. microswitch  5a, 250vac  front panel sealed to ip66  28mm diameter  prominent button  s.p.c.o. microswitch  5a, 250vac  22mm diameter  prominent button  s.p.c.o. microswitch  5a, 250vac stainless steel prominent button vandal resistant front panel mounting front panel mounting rear panel mounting rohs switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:16 page 186
www.elektron-bulgin.com 187 mp0037/2 sealed to ip68 mp0031/2 sealed to ip66 MP0034/2 specification mp0037/2 mp0031/2 MP0034/2 terminations: screw terminals solder tags solder tags switching: s.p. push to make s.p.c.o. momentary action s.p.c.o. momentary action slow momentary action (microswitch) (microswitch) max. rating: 1a, 50vac/dc 5a, 250vac 5a, 250vac 2a, 28vdc 2a, 28vdc contact resistance: <10m ? <10m ? <10m ? insulation resistance: >10 5 m ? >10 3 m ? . >10 3 m ? dielectric strength: >1.0kvac >2.0kvac >2.0kvac operating temp. range: C20?c to + 70?c C20?c to + 70?c C20?c to + 70?c sealing (front of panel only) : protection classification: ip68 en60529 protection classification: ip66 en60529 - 1992 (terminals not sealed) 1992 (micro switch not sealed) operations mechanical: 1,000,000 (min) 1,000,000 (min) 250,000 (min) electrical: 30,000 (min) 35,000 (min) 35,000 (min) operating pressure: 7.5n (typ) 4.7n (typ) 2.7n (typ) rear nut fixing torque: 0.57nm 0.57nm - materials mouldings: glass filled nylon glass filled nylon glass filled nylon tags/terminations: brass, silver plated brass, tin plated brass, tin plated switch body & button: stainless steel stainless steel stainless steel contacts: brass, silver plated, silver fine silver fine silver thread size: 0.747" x 26tpi 0.747" x 26tpi - compliant compliant compliant  front panel sealed to ip68  21.5mm diameter  prominent button  s.p. push to make  1a, 50vac/dc  front panel sealed to ip66  21.5mm diameter  prominent button  s.p.c.o. microswitch  5a, 250vac  19mm diameter  prominent button  s.pc.o. microswitch  5a, 250vac stainless steel prominent button vandal resistant front panel mounting front panel mounting rear panel mounting rohs switches switches switches switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:16 page 187
www.elektron-bulgin.com 188 switches switches switches mp0013 mp0033 specification mp0013, mp0033 mp0013/2, mp0033/2 terminations: screw terminals screw terminals switching: s.p. push to make s.p. push to make slow momentary action slow momentary action max. rating: 1a, 50vac 1a, 50vac contact resistance: <15m ? <15m ? insulation resistance: >10 4 m ? >10 4 m ? dielectric strength: >2.5kvac >2.5kvac operating temp. range: C20?c to + 85?c C20?c to + 85?c sealing (front of panel only) : mp0033 only - internally sealed mp0033/2 only - internally sealed against ingress of water and dust against ingress of water and dust materials: mouldings: glass filled nylon glass filled nylon tags/terminations: brass, silver plated brass, silver plated switch body & button: body: brass, chrome plated body: brass, chrome plated button: stainless steel button: stainless steel contacts: copper, silver plated copper, silver plated compliant compliant  proud fitting  22mm diameter  s.p. push to make  1a, 50v  brass, chrome plated body, stainless steel button  mp0033 internally sealed push button mp0013/2 mp0033/2  prominent button  22mm diameter  s.p. push to make  1a, 50v  brass, chrome plated body, stainless steel button  mp0033/2 internally sealed front panel mounting front panel mounting rohs switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:16 page 188
www.elektron-bulgin.com 189 mp0042/1 mp0042/2 mp0042/3 specification mp0042/1 mp0042/2 mp0042/3 terminations: screw terminals screw terminals screw terminals switching: s.p. push to make s.p. push to make s.p. push to make max. rating: 2a, 48vdc 2a, 48vdc 2a, 48vdc contact resistance: 50m ? at 1a, 2v 50m ? at 1a, 2v 50m ? at 1a, 2v insulation resistance: >10 3 m ? @ 500vdc >10 3 m ? @ 500vdc >10 3 m ? @ 500vdc dielectric strength: >2.0kvac >2.0kvac >2.0kvac operating temp. range: C20?c to + 55?c C20?c to + 55?c C20?c to + 55?c operations mechanical: 1,000,000 (min) 1,000,000 (min) 1,000,000 (min) electrical: 100,000 (min) 100,000 (min) 100,000 (min) rear nut fixing torque: 12nm 12nm 12nm materials mouldings: nylon nylon nylon tags/terminations: brass, silver plated brass, silver plated brass, silver plated switch body & button: stainless steel (polished) stainless steel (polished) stainless steel (polished) contacts: silver silver silver variants: gold plated brass version available gold plated brass version available gold plated brass version available compliant compliant compliant  18mm bezel diameter  16mm panel hole  s.p. push to make  polished finish  2a, 48vdc  18mm bezel diameter  16mm panel hole  s.p. push to make  polished finish  2a, 48vdc  18mm bezel diameter  16mm panel hole  s.p. push to make  polished finish  2a, 48vdc stainless steel - momentary flush profile domed profile prominent button rohs switches switches switches switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:16 page 189
www.elektron-bulgin.com 190 switches switches switches mp0045/3d mp0045/1d specification mp0045/1d0nn000 mp0045/3d0nn000 terminations: solder tags solder tags switching: d.p.c.o momentary action d.p.c.o momentary action max. rating: 3a, 250v 3a, 250v contact resistance: 50m ? max. @ 1a, 2v 50m ? max. @ 1a, 2v insulation resistance: >10 3 m ? @ 500vdc >10 3 m ? @ 500vdc dielectric strength: > 2.0kvac > 2.0kvac operating temp. range: C20?c to + 55?c C20?c to + 55?c operations mechanical: 200,000 (min) 200,000 (min) electrical: 30,000 (min) 30,000 (min) rear nut fixing torque: 12nm max. 12nm max. materials mouldings: nylon nylon tags/terminations: brass, silver plated brass, silver plated switch body & button: stainless steel stainless steel contacts: silver silver variants: nickel plated brass version available nickel plated brass version available details on request details on request compliant compliant  18mm bezel diameter  16mm fixing hole diameter  d.p.c.o  3a, 250v  18mm bezel diameter  16mm fixing hole diameter  d.p.c.o  3a, 250v stainless steel - momentary low profile prominent button rohs + - nc1 nc2 no1 no2 c1 c2 contact layout switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:16 page 190
www.elektron-bulgin.com 191 mp0045/1e mp0045/3e specification mp0045/1e0nn000 mp0045/3e0nn000 terminations: solder tags solder tags switching: d.p.c.o. - latching action d.p.c.o. - latching action max. rating: 3a, 250v 3a, 250v contact resistance: 50m ? max. @ 1a, 2v 50m ? max. @ 1a, 2v insulation resistance: >10 3 m ? @ 500vdc >10 3 m ? @ 500vdc dielectric strength: >2.0kvac >2.0kvac operating temp. range: C20?c to + 55?c C20?c to + 55?c operations mechanical: 200,000 (min) 200,000 (min) electrical: 30,000 (min) 30,000 (min) rear nut fixing torque: 12nm max. 12nm max. materials mouldings: nylon nylon tags/terminations: brass, tin plated brass, tin plated switch body & button: stainless steel (polished) stainless steel (polished) contacts: silver silver variants: nickel plated brass version nickel plated brass version details on request details on request compliant compliant  18mm bezel diameter  16mm fixing hole diameter  d.p.c.o.  3a, 250vac  18mm bezel diameter  16mm fixing hole diameter  d.p.c.o.  3a, 250vac stainless steel - latching low profile prominent button rohs + - nc1 nc2 no1 no2 c1 c2 contact layout switches switches switches switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:16 page 191
www.elektron-bulgin.com 192 switches switches switches mp0045/1d1 mp0045/1d2 specification mp0045/1d1/colour/voltage mp0045/1d2/colour/voltage terminations: solder tags solder tags illumination: dot ring switching: d.p.c.o. momentary action d.p.c.o. momentary action max. switch rating: 3a, 250vac 3a, 250vac leds colours red green amber blue red green amber blue part no. /rd /gn /am /bl /rd /gn /am /bl voltage 12vdc 220vdc 12vdc 220vdc part no. /012 /220 /012 /220 contact resistance: 50m ? max. @ 1a, 2vdc 50m ? max. @ 1a, 2vdc insulation resistance: >10 3 m ? @ 500vac >10 3 m ? @ 500vac dielectric strength: >2.0kvac >2.0kvac operating temp. range: C20?c to + 55?c C20?c to + 55?c operations mechanical: 200,000 (min) 200,000 (min) electrical: 30,000 (min) 30,000 (min) rear nut fixing torque: 12nm 12nm materials mouldings: nylon nylon tags: brass, silver plated brass, silver plated switch body & button: stainless steel (polished) stainless steel (polished) variants prominent button, details on request prominent button, details on request compliant complaint  dot illuminated  18mm bezel diameter  d.p.c.o.  3a, 250v ac  red, green, amber or blue illumination  separate led terminals  ring illuminated  18mm bezel diameter  d.p.c.o.  3a, 250v ac  red, green, amber or blue illumination  separate led terminals stainless steel illuminated momentary front panel mounting front panel mounting rohs + - nc1 nc2 no1 no2 c1 c2 led terminal + led terminal - contact layout switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:16 page 192
www.elektron-bulgin.com 193 mp0045/1e1 mp0045/1e2  dot illuminated  18mm bezel diameter  d.p.c.o.  3a, 250v ac  red, green, amber or blue illumination  separate led terminals  ring illuminated  18mm bezel diameter  d.p.c.o.  3a, 250v ac  red, green, amber or blue illumination  separate led terminals stainless steel illuminated latching front panel mounting front panel mounting specification mp0045/1e1/colour/voltage mp0045/1e2/colour/voltage terminations: solder tags solder tags illumination: dot ring switching: d.p.c.o. latching action d.p.c.o. latching action max. switch rating: 3a, 250vac 3a, 250vac leds colours red green amber blue red green amber blue part no. /rd /gn /am /bl /rd /gn /am /bl voltage 12vdc 220vdc 12vdc 220vdc part no. /012 /220 /012 /220 contact resistance: 50m ? max. @ 1a, 2vdc 50m ? max. @ 1a, 2vdc insulation resistance: >10 3 m ? @ 500vac >10 3 m ? @ 500vac dielectric strength: >2.0kvac >2.0kvac operating temp. range: C20?c to + 55?c C20?c to + 55?c operations mechanical: 200,000 (min) 200,000 (min) electrical: 30,000 (min) 30,000 (min) rear nut fixing torque: 12nm 12nm materials mouldings: nylon nylon tags: brass, silver plated brass, silver plated switch body & button: stainless steel (polished) stainless steel (polished) variants prominent button, details on request prominent button, details on request compliant complaint rohs + - nc1 nc2 no1 no2 c1 c2 led terminal + led terminal - contact layout switches switches switches switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:16 page 193
www.elektron-bulgin.com 194 switches switches switches mp0012/col mp0012/1/col mp0016  22mm diameter  prominent button  s.p. push to make  screw terminals  brass, chrome plated body, glass filled nylon button  22mm diameter  recessed button  s.p. push to make  screw terminals  brass, chrome plated body, glass filled nylon button  s.p. push to make  solder tags  1a, 28vac/dc  brass nickel plated body, glass filled nylon button specification mp0012/colour mp0012/1/colour mp0016/colour terminations: screw terminals screw terminals solder tags switching: s.p. push to make s.p. push to make s.p. push to make slow momentary action slow momentary action slow momentary action max. rating: 0.25a. 250vac, 1a. 110vac, 0.25a. 250vac, 1a. 110vac, 1a 28vac/dc (non-inductive) 2a. 12vac/dc 2a. 12vac/dc contact resistance: <15m ? <15m ? <15m ? insulation resistance: >10 4 m ? >10 4 m ? . >10 4 m ? dielectric strength: >2.5kvac >2.5kvac >2.0kvac operating temp. range: C20?c to + 85?c C20?c to + 85?c C20?c to + 85?c operatiing pressure (typ): 936gms (33ozs) 936gms (33ozs) 634gms (22ozs) materials: moulding: glass filled nylon glass filled nylon glass filled nylon body: brass, chrome plated brass, chrome plated brass, chrome plated contacts/terms: brass, silver plated brass, silver plated brass, silver plated variants: button colour: standard - black, button colour: standard - black, button colour: standard - black, /rd (red) /rd (red) /rd (red) compliant compliant compliant push button front panel mounting front panel mounting rear panel mounting rohs switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:16 page 194
www.elektron-bulgin.com 195 mp0022/col  s.p. push to make  solder tags  nylon body & button specification mp0022/colour terminations: solder tags switching: s.p. push to make slow momentary action max. rating: 0.25a. 250vac, 0.5a. 110vac, 1a. 0.1 to 28vac/dc contact resistance: <15m ? insulation resistance: >10 4 m ? dielectric strength: >2.5kvac operating temp. range: C20?c to + 70?c sealing: materials: moulding: nylon tags: brass, silver plated body: nylon contacts/terms: brass, silver plated variants: button colours: standard - black, /wh (white) and /rd (red). /term - (screw terminals) compliant push button front panel mounting rohs switches switches switches nonc no s.p. push to make s.p.m.b. s.p.c.o . d.p.c.o . d.p.m.b. switch contact operation switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:16 page 195
www.elektron-bulgin.com 196 switches switches switches 196 196 196 vs0002 vs0001 specification vs0001 vs0002 max. rating: 6.3a, 120/240v 6.3a, 120/240v insulation resistance: >10 6 m ? >10 6 m ? . termination: 2.8 series tabs/solder tags 2.8 series tabs/solder tags temperature range: C20?c to + 85?c C20?c to + 85?c materials: mouldings: glass filled nylon ul94v-1 glass filled nylon ul94v-1 tags: brass, silver plated brass, silver plated contacts: copper silver alloy copper silver alloy approvals: variants: other markings, details on request other markings, details on request compliant  2.8 series tabs/solder tags  square front bezel  6.3a  csa & vde approvals  2.8 series tabs/solder tags  round front bezel  6.3a  csa & vde approvals voltage selectors 120/240v voltage selector 120/240v voltage selector rohs switchessection - 2010:switchessection_v2 - 2005 8/6/10 17:16 page 196


▲Up To Search▲   

 
Price & Availability of MP0034

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X