Part Number Hot Search : 
DF28D C106M 2405E 48S3V MP6508 LH22440 GBJ10 2200A
Product Description
Full Text Search
 

To Download MC14504BDTR2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 june, 2011 ? rev. 7 1 publication order number: mc14504b/d mc14504b hex level shifter for ttl to cmos or cmos to cmos the mc14504b is a hex non ? inverting level shifter using cmos technology. the level shifter will shift a ttl signal to cmos logic levels for any cmos supply voltage between 5 and 15 volts. a control input also allows interface from cmos to cmos at one logic level to another logic level: either up or down level translating is accomplished by selection of power supply levels v dd and v cc . the v cc level sets the input signal levels while v dd selects the output voltage levels. features ? up translates from a low to a high voltage or down translates from a high to a low voltage ? input threshold can be shifted for ttl compatibility ? no sequencing required on power supplies or inputs for power up or power down ? 3 to 18 vdc operation for v dd and v cc ? diode protected inputs to v ss ? capable of driving two low ? power ttl loads or one low ? power schottky ttl load over the rated temperature range ? these devices are pb ? free and are rohs compliant maximum ratings (voltages referenced to v ss ) symbol parameter value unit v cc dc supply voltage range ? 0.5 to +18.0 v v dd dc supply voltage range ? 0.5 to +18.0 v v in input voltage range (dc or transient) ? 0.5 to +18.0 v v out output voltage range (dc or transient) ? 0.5 to v dd + 0.5 v i in , i out input or output current (dc or transient) per pin 10 ma p d power dissipation, per package (note 1) 500 mw t a ambient temperature range ? 55 to +125 c t stg storage temperature range ? 65 to +150 c t l lead temperature (8 ? second soldering) 260 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. temperature derating: plastic ?p and d/dw? packages: ? 7.0 mw/  c from 65  c to 125  c this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high ? impedance circuit. for proper operation, v in and v out should be constrained to the range v ss  (v in or v out )  v dd . unused inputs must always be tied to an appropriate logic voltage level (e.g., either v ss or v dd ). unused outputs must be left open. http://onsemi.com marking diagrams pdip ? 16 p suffix case 648 mc14504bcp awlyywwg soic ? 16 d suffix case 751b tssop ? 16 dt suffix case 948f 14504bg awlyww a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or  = pb ? free indicator soeiaj ? 16 f suffix case 966 mc14504b alywg see detailed ordering and shipping information in the package dimensions section on p age 2 of this data sheet. ordering information 16 1 1 16 1 16 14 504b alyw   1 16 (note: microdot may be in either location)
mc14504b http://onsemi.com 2 pin assignment 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 e out mode f in f out v dd d in d out e in b out a in a out v cc v ss c in c out b in logic diagram input v dd output level shifter mode v cc ttl/cmos mode select mode select input logic levels output logic levels 1 (v cc ) ttl cmos 0 (v ss ) cmos cmos 1/6 of package shown. ordering information device package shipping ? mc14504bcpg pdip ? 16 (pb ? free) 500 units / rail mc14504bdg soic ? 16 (pb ? free) 48 units / rail mc14504bdr2g soic ? 16 (pb ? free) 2500 units / tape & reel mc14504bdtg tssop ? 16* 96 units / rail MC14504BDTR2G tssop ? 16* 2500 units / tape & reel mc14504bfg soeiaj ? 16 50 units / rail mc14504bfelg soeiaj ? 16 2000 units / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb ? free.
mc14504b http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? (voltages referenced to v ss ) ??????????? ??????????? ??????????? characteristic ???? ???? ???? ??? ??? ??? ?? ?? ?? ????? ????? ? 55  c ???????? ????????  c ???? ????  c ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? (note 2) ??? ??? max ?? ?? ??? ??? ??????????? ??????????? ??????????? ??????????? ??????????? ??????????? output voltage ?0? level v in = 0 v ?1? level v in = v cc ???? ???? ???? ???? ??? ??? ??? ??? ? ? ? ?? ?? ?? ?? 5.0 10 1 5 ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? 0.05 0.05 0.05 ??? ??? ??? ??? ? ? ? ???? ???? ???? ???? 0 0 0 ??? ??? ??? ??? ?? ?? ?? ?? ? ? ? ??? ??? ??? ??? 0.05 0.05 0.05 ??? ??? ??? ??? ???? ???? ???? ??? ??? ??? ? ? ? ?? ?? ?? 5.0 10 15 ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? 4.95 9.95 14.95 ???? ???? ???? ??? ??? ??? ? ? ? ?? ?? ?? 4.95 9.95 14.95 ??? ??? ??? ? ? ? ??? ??? ??? vdc ??????????? ??????????? ??????????? ??????????? ??????????? ? cmos (v ol = 1.5 vdc) ttl ? cmos (v ol = 1.0 vdc) cmos ? cmos (v ol = 1.5 vdc) cmos ? cmos (v ol = 1.5 vdc) cmos ? cmos ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ?? ?? ?? ?? ?? ??? ??? ??? ??? ??? ? ? ? ? ? ??? ??? ??? ??? ??? 0.8 0.8 1.5 1.5 3.0 ??? ??? ??? ??? ??? ? ? ? ? ? ???? ???? ???? ???? ???? 1.3 1.3 2.25 2.25 4.5 ??? ??? ??? ??? ??? ?? ?? ?? ?? ?? ? ? ? ? ? ??? ??? ??? ??? ??? 0.8 0.8 1.4 1.5 2.9 ??? ??? ??? ??? ??? ??????????? ??????????? ??????????? ??????????? ??????????? ? cmos (v oh = 13.5 vdc) ttl ? cmos (v oh = 9.0 vdc) cmos ? cmos (v oh = 13.5 vdc) cmos ? cmos (v oh = 13.5 vdc) cmos ? cmos ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ?? ?? ?? ?? ?? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ? ? ??? ??? ??? ??? ??? 2.0 2.0 3.5 3.5 7.0 ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ? ? ? ? ? ?? ?? ?? ?? ?? 2.0 2.0 3.5 3.5 7.0 ??? ??? ??? ??? ??? ? ? ? ? ? ??? ??? ??? ??? ??? vdc ??????????? ??????????? ??????????? ??????????? ??????????? ??????????? ??????????? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ? ? ? ? ?? ?? ?? ?? ?? 5.0 5.0 10 15 ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ? ??? ??? ??? ??? ??? ? 2.4 ? 0.51 ? 1.3 ? 3.4 ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ? ? ? ? ?? ?? ?? ?? ?? ? 1.7 ? 0.36 ? 0.9 ? 2.4 ??? ??? ??? ??? ??? ? ? ? ? ??? ??? ??? ??? ??? madc ???? ???? ???? ??? ??? ??? ? ? ? ?? ?? ?? 5.0 10 15 ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? 0.51 1.3 3.4 ???? ???? ???? ??? ??? ??? ? ? ? ?? ?? ?? 0.36 0.9 2.4 ??? ??? ??? ? ? ? ??? ??? ??? madc ??????????? ??????????? ???? ???? ??? ??? ? ?? ?? 15 ??? ??? ? ??? ??? 0.1 ??? ??? ? ???? ???? 0.00001 ??? ??? 0.1 ?? ?? ? ??? ??? 1.0 ??? ???  adc ??????????? ??????????? ???? ???? ??? ??? ? ?? ?? ??? ??? ??? ??? ??? ??? ???? ???? 5.0 ??? ??? ?? ?? ? ??? ??? ??? ??? pf ??????????? ??????????? ??????????? ? cmos mode ???? ???? ???? ??? ??? ??? ? ? ? ?? ?? ?? 5.0 10 15 ??? ??? ??? ? ? ? ??? ??? ??? 0.05 0.10 0.20 ??? ??? ??? ? ? ? ???? ???? ???? 0.0005 0.0010 0.0015 ??? ??? ??? ?? ?? ?? ? ? ? ??? ??? ??? 1.5 3.0 6.0 ??? ??? ???  adc ??????????? ??????????? ??????????? ? cmos mode ???? ???? ???? ??? ??? ??? ?? ?? ?? ??? ??? ??? ? ? ? ??? ??? ??? 0.5 1.0 2.0 ??? ??? ??? ? ? ? ???? ???? ???? 0.0005 0.0010 0.0015 ??? ??? ??? ?? ?? ?? ? ? ? ??? ??? ??? 3.8 7.5 15 ??? ??? ???  adc ??????????? ??????????? ??????????? ??????????? ? cmos mode ???? ???? ???? ???? ??? ??? ??? ??? ?? ?? ?? ?? ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? 5.0 5.0 5.0 ??? ??? ??? ??? ? ? ? ???? ???? ???? ???? 2.5 2.5 2.5 ??? ??? ??? ??? ?? ?? ?? ?? ? ? ? ??? ??? ??? ??? 6.0 6.0 6.0 ??? ??? ??? ???
mc14504b http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? (c l = 50 pf, t a = 25  c) ?????????? ?????????? ?????????? characteristic ????? ????? ????? ?????? ?????? ?????? ??? ??? ??? ???? ???? ???? ???????? ???????? ??? ??? ??? ??? ??? ??? ???? ???? ???? (note 3) ??? ??? ??? max ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? propagation delay, high to low ????? ????? ????? ????? ????? ????? ????? ?????? ?????? ??? ??? ???? ???? ??? ??? ? ? ???? ???? 140 140 ??? ??? ??? ??? ??? ??? ??? ??? ??? ?????? ?????? ?????? ??? ??? ??? ???? ???? ???? ??? ??? ??? ? ? ? ???? ???? ???? 120 120 70 ??? ??? ??? ?????? ?????? ?????? ?????? ??? ??? ??? ??? ???? ???? ???? ???? ??? ??? ??? ??? ? ? ? ???? ???? ???? ???? 185 185 175 ??? ??? ??? ??? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ????? ????? ????? ????? ????? ????? ?????? ?????? ??? ??? ???? ???? ??? ??? ? ? ???? ???? 170 160 ??? ??? ??? ??? ??? ??? ??? ??? ?????? ?????? ?????? ??? ??? ??? ???? ???? ???? ??? ??? ??? ? ? ? ???? ???? ???? 170 170 100 ??? ??? ??? ?????? ?????? ?????? ??? ??? ??? ???? ???? ???? ??? ??? ??? ? ? ? ???? ???? ???? 275 275 145 ??? ??? ??? ?????????? ?????????? ?????????? ????? ????? ????? ?????? ?????? ?????? ??? ??? ??? ? ? ? ???? ???? ???? 5.0 10 15 ??? ??? ??? ? ? ? ???? ???? ???? 100 50 40 ??? ??? ??? ??? ??? ??? figure 1. input switchpoint cmos to cmos mode figure 2. input switchpoint ttl to cmos mode figure 3. operating boundary cmos to cmos mode figure 4. operating boundary ttl to cmos mode 20 15 10 5 0 v dd , supply voltage (vdc) 7 6 5 4 3 2 1 0 v sp , input switchpoint voltage (vdc) 20 15 10 5 0 v dd , supply voltage (vdc) 7 6 5 4 3 2 1 0 v sp , input switchpoint voltage (vdc) v cc = 10 v v cc = 5 v v cc = 5 v v dd , supply voltage (vdc) 20 15 10 5 0 20 15 10 5 0 v cc , supply voltage (vdc) v dd , supply voltage (vdc) 20 15 10 5 0 20 15 10 5 0 v cc , supply voltage (vdc)
mc14504b http://onsemi.com 5 package dimensions pdip ? 16 p suffix plastic dip package case 648 ? 08 issue t notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. ? a ? b f c s h g d j l m 16 pl seating 18 9 16 k plane ? t ? m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01     soeiaj ? 16 f suffix plastic eiaj soic package case 966 ? 01 issue a h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.10 0.20 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 0.78 --- 0.031 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). m l detail p view p c a b e m 0.13 (0.005) 0.10 (0.004) 1 16 9 8 d z e a b c d e e l m z
mc14504b http://onsemi.com 6 package dimensions tssop ? 16 dt suffix plastic tssop package case 948f ? 01 issue b ??? ??? ??? dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.18 0.28 0.007 0.011 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? .  section n ? n seating plane ident. pin 1 1 8 16 9 detail e j j1 b c d a k k1 h g ? u ? s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) ? t ? ? v ? ? w ? 0.25 (0.010) 16x ref k n n 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint
mc14504b http://onsemi.com 7 package dimensions soic ? 16 d suffix plastic soic package case 751b ? 05 issue k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p ? b ? ? a ? m 0.25 (0.010) b s ? t ? d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019  6.40 16x 0.58 16x 1.12 1.27 dimensions: millimeters 1 pitch soldering footprint 16 89 8x on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. mc14504b/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC14504BDTR2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X