Part Number Hot Search : 
SGD02N60 HD1133R KBPC3502 15KP90A TLC5949 2724B2 2DFT1 LL4748
Product Description
Full Text Search
 

To Download LM190WX1-TLG1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification 1/ 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 specification for approval 19.0? wxga+ tft lcd title *when you obtain standard approval, please use the above model name without suffix buyer model supplier lg display co., ltd. *model lm190wx1 suffix tlg1 ( ) preliminary specification ( ) final specification s.g. hong / g.manager signature date / please return 1 copy for your confirmation with your signature and comments. product engineering dept. lg display co., ltd approved by date reviewed by prepared by s.j. so / manager [c] j.s. choi / engineer / / h.s. lee / manager [p] s.y. an / manager [m] acer www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 2/ 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 contents 12 lvds input characteristics 3) 31 electrostatic discharge control 3) 31 precautions for strong light exposure 4) 31 stroage 5) 30 operating precautions 2) 30 mounting precautions 1) 30 precautions 9 31 handling precautions for protection film 6) 2) 1) 2) 1) 8) 7) 6) 5) 4) 2) 1) packing form designation of lot mark packing emc safety international standards reliability mechanical characteristics optical sfecifications power dip condition power sequence color input data refernece signal timing waveforms signal timing specifications interface connections electrical characteristics electrical specifications absolute maximum ratings general description record of revisions contents cover item 28 29 8 17 9 29 29 28 1 2 3 4 1 5 2 6 3 6 15 16 18 19 20 4 24 5 27 6 28 7 page no www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 3/ 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 record of revisions revision no description date page ver 0.0 first draft, preliminary specifications apr. 02, 2008 www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 4/ 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 1. general description LM190WX1-TLG1 is a color active matrix liquid crystal display with an integral cold cathode fluorescent lamp(ccfl) backlight system. the matrix employs a-si thin film transistor as the active element. it is a transmissive type display operating in the normally whit e mode. it has a 19.0 inch diagonally measured active display area with wxga+ resolution (900 vertical by 1440 horizontal pixel array) each pixel is divided into red, green and blue sub-pixels or dots which are arranged in vertical stripes. gray scale or the brightness of the sub-pixel color is determined with a 8-bit gray scale signal for each dot, thus, presenting a palette of more than 16,7m colors with advanced-frc(frame rate control). it has been designed to apply the interface method that enables low power, high speed, low emi. fpd link or compatible must be used as a lvds(low voltage differential signaling) chip. it is intended to support applications where thin thickness, wide viewing angle, low power are critical factors and graphic displays are important. in combination with the vertical arrangement of the sub-pixels, the LM190WX1-TLG1 characteristics provide an excellent flat panel display for office automation products such as monitors. general features outline dimension 428.0(h) x 278.0(v) x 16.5(d) mm(typ.) active screen size 18.95 inches (481.33mm) diagonal (aspect ratio 16:10) pixel pitch 0.2835(h)mm x 0.2835(v)mm pixel format 1440 horizontal by 900 vertic al pixels. rgb stripe arrangement color depth 16.7m colors luminance, white 300 cd/m 2 ( center 1point, typ.) power consumption weight 1,800g(typ.) display operating mode transmis sive mode, normally white surface treatments hard coating (3h), anti -glare treatment of the front polarizer interface lvds 2port viewing angle (cr>10) r/l 170(typ.), u/d 160(typ.) fig. 1 block diagram total tbd watt(typ.), (tbd w@v lcd , 19.52 w@[lamp=6.5ma]) cn1 (30pin) lvds pair #1 lvds pair #2 power circuit block +5v v lcd source driver circuit tft - lcd panel (1440 rgb 900 pixels) g1 s1 s1440 g900 back light assembly (4ccfl) cn2, 3 (2pin) rgb timing controller lvds 1 chip cn4, 5 (2pin) v lamp v lamp www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 5/ 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 90% 10 20 30 40 50 60 70 80 0 -20 0 10 20 30 40 50 dry bulb temperature [c] wet bulb temperature [c] storage operation humidity [(%)rh] 10% 40% 60% 60 2. absolute maximum ratings the following are maximum values which, if exceeded, may cause faulty operation or damage to the unit. note : 1. temperature and relative humidit y range are shown in the figure below. wet bulb temperature should be 39 c max, and no condensation of water. table 1. absolute maximum ratings units %rh 90 10 h op operating ambient humidity 1 %rh 90 10 h st storage humidity c 60 -20 t st storage temperature c 50 0 t op operating temperature at 25 v dc +6.0 -0.3 v lcd power supply input voltage max min parameter notes values symbol fig. 2 temperature and relative humidity www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 6/ 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 3. electrical specifications 3-1. electrical characteristics it requires two power inputs. one is employed to power the lcd electronics and to drive the tft array and liquid crystal. the second input power for the ccfl/backlight, is typically generated by an inverter. the inverter is an external unit to the lcds. table 2. electrical characteristics note : 1. the specified current and power consumption are under the v lcd =5.0v, 25 2 c, f v =60hz condition whereas mosaic patte rn(8 x 6) is displayed and f v is the frame frequency. 2. the current is specified at the maximum current pattern. 3. permissive power ripple should be measured under vcc=5.0v, 25 c, f v =75hz condition and at that time, we recommend the bandwi dth configuration of oscilloscope is to be under 20mhz. 4. the duration of rush current is about 2ms and rising time of power input is 500us 20%. mosaic pattern(8 x 6) white : 255gray black : 0gray fig.3 pattern for electrical characteristics i lcd-black v dc 5.5 5.0 4.5 v lcd power supply input voltage 2 ma tbd tbd - 1 watt tbd tbd - p lcd power consumption 4 a 3.0 - - i rush inrush current 3 v 0.2 - - v lcd permissive power input ripple 1 ma tbd tbd - i lcd-mosaic power supply input current module : parameter symbol max typ min notes unit values power consumption measurement full black pattern power input ripple www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 7/ 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 table 3. electrical characteristics note : the design of the inverter must have specifications for the lamp in lcd assembly . the performance of the lamp in lcm, for example life time or brightness, is extremely influenced by the characteristics of the dc-ac inverter. so all the parameters of an inverter should be carefully designed so as not to produce too much leakage current from high-voltage output of the inverter. when you design or order the inverter, please make sure unwanted lighting caused by the mismatch of the lamp and the inverter (no lighting, flicker, etc) never occurs. when you confirm it, the lcd?assembly should be operated in the same condition as installed in you instrument. do not attach a conducting tape to lamp connecting wire. if the lamp wire attach to a conducting tape, tft-lcd module has a low luminance and the inverter has abnormal action. because leakage current is occurred between lamp wire and conducting tape. 1. specified values are for a single lamp. 2. operating voltage is measured at 25 2 c. the variance of the voltage is 10%. 3. the voltage above v s should be applied to the lamps for more than 1 second for start-up. (inverter open voltage must be more than lamp starting voltage.) otherwise, the lamps may not be turned on. the used lamp current is the lamp typical current. 4. lamp frequency may produce interface with horizontal synchronous frequency and as a result this may cause beat on the display. therefore lamp frequency shall be as away possible from the horizontal synchronous frequency and from its harmonics in order to prevent interference. 5. let?s define the brightness of the lamp after being lighted for 5 minutes as 100%. t s is the time required for the brightness of the center of the lamp to be not less than 95%. 6. the lamp power consumption shown above does not include loss of external inverter. the used lamp current is the lamp typical current. (p bl = v bl x i bl x n lamp ) 7. the life is determined as the time at which brightness of the lamp is 50% compared to that of initial value at the typical lamp current on condition of continuous operating at 25 2 c. 6 watt 21.47 19.52 p bl power consumption 1, 5 min 3 - - t s discharge stabilization time at 0 c at 25 c v rms 1550 4 khz 80 - 40 f bl operating frequency 1, 3 vs established starting voltage v rms 1250 1, 2 v rms 853(3.0ma) 750(6.5ma) 735(7.0ma) v bl operating voltage 1 ma rms 7.0 6.5 3.0 i bl operating current lamp : 1, 7 hrs - 50,000 life time parameter symbol max typ min notes unit values www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 8/ 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 i p i -p * asymmetry rate: | i p ?i ?p | / i rms x 100% * distortion rate i p (or i ?p ) / i rms note : 8. the output of the inverter must have symmetrical(negative and positive) voltage waveform and symmetrical current waveform (unsymmetrical ratio is less than 10%). please do not use the inverter which has unsymmetrical voltage and unsymmetrical current and spike wave. requirements for a system inverter design, which is intended to have a better display performance, a better power efficiency and a more reliable lamp, are following.it shall help increase the lamp lifetime and reduce leakage current. a. the asymmetry rate of the inverter waveform should be less than 10%. b. the distortion rate of the waveform should be within 2 10%. * inverter output waveform had better be more similar to ideal sine wave. 9. the inverter which is combined with this lcm, is highly recommended to connect coupling(ballast) condenser at the high voltage output side. when you use the inverter which has not coupling(ballast) condenser, it may cause abnormal lamp lighting because of biased mercury as time goes. 10.in case of edgy type back light with ov er 4 parallel lamps, input current and voltage wave form should be synchronized www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 9/ 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 3-2. interface connections table 4. module connector(cn1) pin configuration lcd connector(cn1) : 187024-30091 (p-two) , is100-l30b-c23 (uju) mating connector : fi-x30h and fi-x30hl (jae) or equivalent 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 pin no symbol description rxo0- rxo0+ rxo1- rxo1+ rxo2- rxo2+ gnd rxoc- rxoc+ rxo3- rxo3+ rxe0- rxe0+ gnd rxe1- rxe1+ gnd rxe2- rxe2+ rxec- rxec+ rxe3- rxe3+ gnd nc nc pwm_out v lcd v lcd v lcd minus signal of 1st channel 0 (lvds) plus signal of 1st channel 0 (lvds) minus signal of 1st channel 1 (lvds) plus signal of 1st channel 1 (lvds) minus signal of 1st channel 2 (lvds) plus signal of 1st channel 2 (lvds) ground minus signal of 1st clock channel (lvds) plus signal of 1st clock channel (lvds) minus signal of 1st channel 3 (lvds) plus signal of 1st channel 3 (lvds) minus signal of 2nd channel 0 (lvds) plus signal of 2nd channel 0 (lvds) ground minus signal of 2nd channel 1 (lvds) plus signal of 2nd channel 1 (lvds) ground minus signal of 2nd channel 2 (lvds) plus signal of 2nd channel 2 (lvds) minus signal of 2nd clock channel (lvds) plus signal of 2nd clock channel (lvds) minus signal of 2nd channel 3 (lvds) plus signal of 2nd channel 3 (lvds) ground no connection (for lcd internal use only.) no connection (for lcd internal use only.) reference signal for burst frequency inverter control power supply (5.0v) power supply (5.0v) power supply (5.0v) first pixel data second pixel data www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 10 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 fig. 4 connector diagram rear view of lcm note: 1. nc: no connection. 2. all gnd(ground) pins should be connecte d together and to vss which should also be connected to the lcd?s metal frame. 3. all v lcd (power input) pins should be connected together. 4. input level of lvds signal is based on the iea 664 standard. 5. pwm_out is a reference si gnal for inverter control. this pwm signal is synchronized with vertical frequency. its frequency is 3 times of vertical frequency, and its duty ratio is 50%. if the system don?t use this pin, do not connect. 1?st signal pairs 2?nd signal pairs power(+5v) 187024-30091 (p-two) #1 #30 pwm_out #1 #30 www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 11 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 fig. 5 backlight connector diagram table 5. backlight connector pin configuration(cn2,cn3,cn4,cn5) 2 1 notes low voltage for lamp high voltage for lamp description lv hv symbol 2 1 pin the backlight interface connector is a model 35001hs-02ld manufactured by yeonho. the mating connector part number are 35001wr-02l(2pin) or equivalent. the pin configuration for the connector is shown in the table below. note : 1. the high voltage power terminal is colored pink, gray. 2. the low voltage pin color is black, blue. 3. the backlight ground should be common with lcd metal frame. up side down side cn2 cn3 cn4 cn5 lamp1 lamp2 lamp3 lamp4 www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 12 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 notes unit max min symbol description 85mhz > fclk 65mhz ps + 400 - 400 t skew lvds clock to data skew margin - - - 65mhz > fclk 25mhz % 3 - f dev maximum deviation of input clock frequency during ssc khz 200 - f mod maximum modulation frequency of input clock during ssc -1/7 - 600 t clk + 1/7 t skew_eo lvds clock to clock skew margin (even to odd) ps + 600 t skew - v 2.1 0.3 v in lvds input voltage range - v 1.8 0.6 v cm lvds common mode voltage - mv 600 200 |v id | lvds differential voltage notes unit max min symbol description 3-3-1. dc specification 3-3-2. ac specification 3-3. lvds input characteristics lvds data t skew lvds clock t clk t skew ( f clk = 1 / t clk ) 1) 85mhz > fclk 65mhz : - 400 ~ + 400 2) 65mhz > fclk 25mhz : - 600 ~ + 600 www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 13 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 < clock skew margin between channel > < spread spectrum > time f center f max f min f mod 1 f center * f dev freq. 3-3-3. lvds data format < lvds data format > og0 or5 or4 or3 or2 or1 or0 ob1 ob0 og5 og4 og3 og2 og1 de vsync hsync ob5 ob4 ob3 ob2 x ob7 ob6 og7 og6 or7 or6 current(nth) cycle previous(n- 1) t h c y c l e next(n+1) th cycle rclk + rxino0 +/ - tclk * 4/7 t c l k * 3/7 tclk tclk * 1/7 msb r7 r6 r5 r4 r3 r2 r1 r0 lsb eg0 er5 er4 er3 er2 er1 er0 eb1 eb0 eg5 eg4 eg3 eg2 eg1 de vsync hsync eb5 eb4 eb3 eb2 x eb7 eb6 eg7 eg6 er7 er6 * odd = 1 st pixel even = 2nd pixel rxino1 +/ - rxino2 +/ - rxino3 +/ - rxine0 +/ - rxine1 +/ - rxine2 +/ - rxine3 +/ - or3 or2 or1 or0 og4 og3 og2 og1 ob5 ob4 ob3 ob2 og7 og6 or7 or6 er3 er2 er1 er0 eg4 eg3 eg2 eg1 eb5 eb4 eb3 eb2 eg7 eg6 er7 er6 og0 or5 or4 ob1 ob0 og5 de vsync hsync x ob7 ob6 eg0 er5 er4 eb1 eb0 eg5 de vsync hsync x eb7 eb6 www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 14 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 notes : 1. refer to lvds transmitte r data sheet for detail descriptions. 2. 7 means msb and 0 means lsb at r,g,b pixel data table 6. required signal assignment for flat link(ns:ds90cf383) transmitter pin # require signal pin name pin # require signal pin name 1 power supply for ttl input vcc 29 ground pin for ttl gnd 2 ttl input (r7) d5 30 ttl input (de) d26 3 ttl input (r5) d6 31 ttl level clock input t x clkin 4 ttl input (g0) d7 32 power down input pwr dwn 5 ground pin for ttl gnd 33 ground pin for pll pll gnd 6 ttl input (g1) d8 34 power supply for pll pll vcc 7 ttl input (g2) d9 35 ground pin for pll pll gnd 8 ttl input (g6) d10 36 ground pin for lvds lvds gnd 9 power supply for ttl input vcc 37 positive lvds differential data output 3 txout3 10 ttl input (g7) d11 38 negative lvds differential data output 3 txout3 11 ttl input (g3) d12 39 positive lvds differential clock output t x clkout 12 ttl input (g4) d13 40 negative lvds differential clock output t x clkout 13 ground pin for ttl gnd 41 positive lvds differential data output 2 t x out2 14 ttl input (g5) d14 42 negative lvds differential data output 2 t x out2 15 ttl input (b0) d15 43 ground pin for lvds lvds gnd 16 ttl input (b6) d16 44 power supply for lvds lvds vcc 17 power supply for ttl input vcc 45 positive lvds differential data output 1 t x out1 46 negative lvds differential data output 1 t x out1 18 ttl input (b7) d17 47 positive lvds differential data output 0 t x out0 48 negative lvds differential data output 0 t x out0 19 ttl input (b1) d18 20 ttl input (b2) d19 49 ground pin for lvds lvds gnd 21 ground pin for ttl input gnd 22 ttl input (b3) d20 23 ttl input (b4) d21 50 ttl input (r6) d27 51 ttl input (r0) d0 24 ttl input (b5) d22 25 ttl input (rsvd) d23 52 ttl input (r1) d1 53 ground pin for ttl gnd 26 power supply for ttl input vcc 54 ttl input (r2) d2 55 ttl input (r3) d3 27 ttl input (hsync) d24 56 ttl input (r4) d4 28 ttl input (vsync) d25 www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 15 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 3-4. signal timing specifications table 7. timing table this is the signal timing required at the input of the user connector. all of the interface signal timing should be satisfied wi th the following specificatio ns for it?s proper operation. note: 1. de only mode operation. the input of hs ync & vsync signal does not have an effect on lcd normal operation. 2. the performance of the electr o-optical characteristics may be influenced by variance of the vertical refresh rates. 3. horizontal period should be even. khz 70.5 56.4 51.7 f h hsync frequency - - 4 t hd data hold time for d clk ns - - 4 t si de setup time - - 4 t hi de hold time hz 75 60 55 f v vsync frequency 960 940 908 t vp v period total for d clk pixel frequency : typ. 103.8mhz notes ns t hp t clk mhz ns unit - 900 960 720 64.9 21.0 max. - 900 920 720 51.9 19.3 typ. 4 900 880 720 47.6 15.4 min. t sd t vv t hp t hv f clk t clk symbol data setup time vertical valid h period total horizontal valid frequency period data de (data enable) vertical horizontal d clk parameter www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 16 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 3-5. signal timing waveforms d clk t clk valid invalid invalid de(data enable) data t si t hi t sd t hd de(data enable) t hp t hv de 1. d clk , de, data waveforms 2. horizontal waveform 3. vertical waveform de(data enable) t vv t vp de www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 17 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 3-6. color input data reference the brightness of each primary color (red,green an d blue) is based on the 8bit gray scale data input for the color ; the higher the binary inpu t, the brighter the color. the table below provides a reference for color versus data input. table 8. color data reference color basic color red green blue black red (255) green (255) blue (255) cyan magenta yellow white input color data red msb lsb green msb lsb blue msb lsb 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 r7 r6 r5 r4 r3 r2 r1 r0 g7 g6 g5 g4 g3 g2 g1 g0 b7 b6 b5 b4 b3 b2 b1 b0 red(000) dark red(001) red(002) --------- --------- red(253) red(254) red(255) bright 0 0 0 - - 1 1 1 0 0 0 - - 1 1 1 0 0 0 - - 1 1 1 0 0 0 - - 1 1 1 0 0 0 - - 1 1 1 0 0 0 - - 1 1 1 0 0 1 - - 0 1 1 0 1 0 - - 1 0 1 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 1 1 1 0 0 0 - - 1 1 1 0 0 0 - - 1 1 1 0 0 0 - - 1 1 1 0 0 0 - - 1 1 1 0 0 0 - - 1 1 1 0 0 1 - - 0 1 1 0 1 0 - - 1 0 1 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 green(000) dark green(001) green(002) --------- --------- green(253) green(254) green(255)bright blue(000) dark blue(001) blue(002) --------- --------- blue(253) blue(254) blue(255) bright 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 0 0 0 0 0 0 - - 1 1 1 0 0 0 - - 1 1 1 0 0 0 - - 1 1 1 0 0 0 - - 1 1 1 0 0 0 - - 1 1 1 0 0 0 - - 1 1 1 0 0 1 - - 0 1 1 0 1 0 - - 1 0 1 www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 18 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 3-7. power sequence s - - 1 t7 ms 50 - 0.01 t2 ms ms - - 500 t3 - - 200 t4 ms 50 - 0.01 t5 ms 10 - 0.5 t1 max typ min units values parameter interface signal (tx) power for lamp v lcd power supply for lcd table 9. power sequence 10% 0v 90% 90% 10% t 1 t 2 t 5 t 7 t 3 t 4 10% 10% valid data lamp on 0v 0ff 0ff notes : 1. please v lcd power on only after connecting interface cable to lcd. 2. please avoid floating state of in terface signal at invalid period. 3. when the interface signal is invalid, be sure to pull down the power supply for lcd v lcd to 0v. 4. lamp power must be turn on after power supply for lcd an interface signal are valid. www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 19 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 3-8. v lcd power dip condition 1) dip condition 3.5v v lcd 4.5v , t d 20ms 2) v lcd 3.5v v lcd -dip conditions should also follow the power on/off conditions for supply voltage. 4.5v 3.5v v lcd t d fig. 6 power dip condition gnd(ground) www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 20 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 4. optical specification optical characteristics are determined after th e unit has been ?on? for 30 minutes in a dark environment at 25 c. the values specified are at an approximate distance 50cm from the lcd surface at a viewing angle of and equal to 0 . fig. 7 presents additional information concerning the measurement equipment and method. table 10. optical characteristics ta= 25 c , v lcd =5.0v, f v =60hz, f clk =51.9mhz, i bl =6.5ma fig. 7 optical characteristic measurement equipment and method 50cm optical stage(x,y) lcd module pritchard 880 or equivalent 6 - gray scale 7 % 1.5 crosstalk 85 70 d y axis, down ( =270 ) y axis, down ( =270 ) y axis, up ( =90 ) x axis, left ( =180 ) x axis, right( =0 ) viewing angle (cr>5) 5 degree 88 75 r 88 75 l 85 70 u 85 70 d 9p y axis, up ( =90 ) x axis, left ( =180 ) x axis, right( =0 ) 75 60 u 85 70 l 5 degree 85 70 r viewing angle (cr>10) white blue green red tbd gy tbd gx tbd by tbd bx 0.329 wy 0.313 wx decay time rise time 4 ms 7.4 3.7 - tr d tbd ry typ +0.03 tbd typ -0.03 rx color coordinates [cie1931] 4 ms 2.6 1.3 - tr r response time 3 % 75 white luminance variation 2 cd/m 2 - 300 250 l wh surface luminance, white 1 notes units - 1000 700 cr contrast ratio max typ min values symbol parameter www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 21 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 notes : fig. 8 luminance measuring point notes : 1. contrast ratio(cr) is defined mathematically as : surface luminance with all white pixels contrast ratio = surface luminance with all black pixels it is measured at center point(1) 2. surface luminance is the luminanc e value at center 1 point(1) across the lcd surface 50cm from the surface with all pixels displaying white. for more information see fig 8. 3. the variation in surface luminance , white is defined as minimum (p1,p2 ?..p9) white = *100 maximum (p1,p2 ?..p9) for more information see figure 8. h : 408.24 mm v : 255.15 mm @ h,v : active area h h/2 v/2 v 1 4 2 7 h v active area 3 56 89 v/10 v/2 h/2 h/10 www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 22 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 fig. 9 response time 4. response time is the time required for th e display to transition from black to white (decay time, tr d ) and from white to black (rise time, tr r ) the sampling rate is 2,500 sample/sec. fo r additional information see fig. 9. the response time is defined as the fo llowing figure and shall be measured by switching the input signal for each gray to gray. 5. viewing angle is the angle at which th e contrast ratio is greater than 10 or 5. the angles are determined for the horizontal or x axis and the vertical or y axis with respect to the z axis which is normal to the lcd surface. for more information see fig. 10 . fig. 10 viewing angle normal y e = 0 , right = 180 , left = 270 , down = 90 , up 100 90 10 0 optical response [%] white black white tr r tr d notes : www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 23 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 table 11. gray scale 6. gray scale specification 84.03 l223 100 l255 12.30 l95 23.58 l127 40.03 l159 61.30 l191 4.98 l63 1.23 l31 0.14 l0 luminance [%] (typ) gray level notes : the equation of crosstalk : ( ? l a[or c]2 -l a[or c]1 ? /l a[or c]1 ) 100(%) [vertical], ( ? l b[or d]2 -l b[or d]1 ? /l b[or d]1 ) 100(%) [horizontal] pattern 1 (half gray: gray 127) pattern 2 (background: gray 127, rectangular: gray 0, gray255 ) 7. crosstalk fig. 11 crosstalk measuring point for more information see figure 11. b/4 a/4 a/2 a/4 l a2 l b2 l c2 l d2 a/8 b/8 b a a/2 b/2 l a1 l b1 l c1 l d1 b/4 b/2 www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 24 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 5. mechanical characteristics the contents provide general mechanical characte ristics. in addition the figures in the next page are detailed mechan ical drawing of the lcd. notes : please refer to a mechanic drawing in terms of tolerance at the next page. 1,800g (typ.) 1,900g (max) weight 255.15 mm vertical hard coating(3h) anti-glare treatment of the front polarizer surface treatment 259.15 mm vertical 278.0 mm vertical 16.5 mm depth 408.24 mm horizontal active display area 412.24 mm horizontal bezel area 428.0 mm horizontal outline dimension table 12. mechanical characteristics www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 25 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 26 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 27 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 6. reliability table 13. environment test condition wave form : random vibration level : 1.0grms bandwidth : 10-300hz duration : x,y,z, 20 min one time each direction vibration test (non-operating) 5 0 - 10,000 feet(3,048m) 0 - 40,000 feet(12,192m) altitude operating storage / shipment 7 shock level : 120g waveform : half sine wave, 2msec direction : x, y, z one time each direction shock test (non-operating) 6 ta= 0 c 240hrs low temperature operation test 4 ta= 50 c 50%rh 240hrs high temperature operation test 3 ta= -20 c 240hrs low temperature storage test 2 ta= 60 c 240hrs high temperature storage test 1 no test item condition { result evaluation criteria } there should be no change which might affect th e practical display function when the display quality test is conducted under normal operating condition. www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 28 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 7. international standards 7-1. safety 7-2. emc a) ansi c63.4 ?methods of measurement of radio-noise emissions from low-voltage electrical and electrical equipment in the range of 9khz to 40ghz. ?american national standards institute(ansi),1992 b) c.i.s.p.r ?limits and methods of measurem ent of radio interface characteristics of information technology equipment.? inter national special committee on radio interference. c) en 55022 ?limits and methods of measurem ent of radio interface characteristics of information technology equipment.? eur opean committee for electrotechnical standardization.(cenelec), 1998 ( including a1: 2000 ) a) ul 60950-1:2003, first edition, underwriters laboratories, inc., standard for safety of info rmation technology equipment. b) can/csa c22.2, no. 60950-1-03 1st ed. apri l 1, 2003, canadian standards association, standard for safety of info rmation technology equipment. c) en 60950-1:2001, first edition, european committee for electrot echnical standardization(cenelec) european standard for safety of information technology equipment. d) rohs, directive 2002/95/ec of the europe an parliament and of the council of 27 january 2003 www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 29 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 8. packing 8-1. designation of lot mark a) lot mark abcdefghi jklm a,b,c : size(inch) d : year e : month f ~ m : serial no. note: 1. year 2. month mark year 0 2010 6 2006 7 2007 8 2008 9 2009 4 2004 5 2005 3 2 1 2003 2002 2001 b nov mark month a oct 6 jun 7 jul 8 aug 9 sep 4 apr 5 may c 3 2 1 dec mar feb jan b) location of lot mark serial no. is printed on the label. the label is attached to the backside of the lcd module. this is subject to change without prior notice. 8-2. packing form a) package quantity in one box : 8 pcs b) box size : 485mm x 280mm x 330mm. www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 30 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 9. precautions please pay attention to the followings when you use this tft lcd module. 9-1. mounting precautions (1) you must mount a module using holes arranged in four corners or four sides. (2) you should consider the mounting structure so that uneven force (ex. twisted stress) is not applied to the module. and the case on which a module is mounted should have sufficient strength so that external force is not transmitted directly to the module. (3) please attach the surface transparent protec tive plate to the surface in order to protect the polarizer. transparent protective plate shou ld have sufficient strength in order to the resist external force. (4) you should adopt radiation structure to satisfy the temperature specification. (5) acetic acid type and chlorine type materi als for the cover case are not desirable because the former generates corrosive gas of attacking the polarizer at high temperature and the latter causes circuit break by electro-chemical reaction. (6) do not touch, push or rub the exposed polari zers with glass, tweezers or anything harder than hb pencil lead. and plea se do not rub with dust clothes with chemical treatment. do not touch the surface of polarizer for bare hand or greasy cloth. (some cosmetics are detrimental to the polarizer.) (7) when the surface becomes dusty, please wipe gently with absorbent cotton or other soft materials like chamois soaks with petroleum benzene. normal-hexane is recommended for cleaning the adhesives used to attach fr ont / rear polarizers. do not use acetone, toluene and alcohol because they cause chemical damage to the polarizer. (8) wipe off saliva or water drops as soon as possible. their long time contact with polarizer causes deformations and color fading. (9) do not open the case because inside circuits do not have sufficient strength. 9-2. operating precautions (1) the spike noise causes the mis-operation of circuits. it should be lower than following voltage : v= 200mv(over and under shoot voltage) (2) response time depends on the temperatur e.(in lower temperature, it becomes longer.) (3) brightness depends on the temperature. (in lower temperature, it becomes lower.) and in lower temperature, response time(req uired time that brightness is stable after turned on) becomes longer. (4) be careful for condensation at sudden te mperature change. conden sation makes damage to polarizer or electrical contacted parts. and after fading condensation, smear or spot will occur. (5) when fixed patterns are displayed for a lo ng time, remnant image is likely to occur. (6) module has high frequency circuits. su fficient suppression to the electromagnetic interference shall be done by system manu facturers. grounding and shielding methods may be important to minimized the interference. (7) please do not give any mechanical and/or acoustical impact to lcm. otherwise, lcm can not be operated its full characteristics perfectly. (8) a screw which is fastened up the steels should be a machine screw (if not, it causes metal foreign material and deal lcm a fatal blow) (9) please do not set lcd on its edge. www.datasheet.co.kr datasheet pdf - http://www..net/
product specification 31 / 31 lm190wx1 liquid crystal display ver. 0.0 apr. 10, 2008 since a module is composed of electronic circui ts, it is not strong to electrostatic discharge. make certain that treatment persons are co nnected to ground through wrist band etc. and don?t touch interface pin directly. 9-3. electrostatic discharge control strong light exposure causes degrad ation of polarizer and color filter. 9-4. precautions for strong light exposure when storing modules as spares for a long time, the following precautions are necessary. (1) store them in a dark place. do not expose the module to sunlight or fluorescent light. keep the temperature between 5 c and 35 c at normal humidity. (2) the polarizer surface should not co me in contact with any other object. it is recommended that they be stored in the container in which they were shipped. 9-5. storage 9-6. handling precaution s for protection film (1) the protection film is attached to the bezel with a small masking tape . when the protection film is peeled off, static electricity is generated between the film and polarizer. this should be peel ed off slowly and carefully by people who are electrically grounded and with well ion-blow n equipment or in such a condition, etc. (2) when the module with protection film attached is stored for a long time, sometimes there remains a very small amount of glue still on the bezel after the protection film is peeled off. (3) you can remove the glue easily. when the glue remains on the bezel surface or its vestige is recognized, please wipe them off with absorbent cotton waste or other soft material like chamoi s soaked with normal-hexane. www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of LM190WX1-TLG1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X