Part Number Hot Search : 
1E121 12800 T6K53 R5F213 KBL400 SDA004 74LS139 8HC908A
Product Description
Full Text Search
 

To Download KP21X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product brief application the manifold air pressure (map) is an important parameter to compute the air- fuel ratio provided to the engine for lower emission due to better combustion and increased effciency. for cost sensitive engine systems a map sensor show the potential to complement or even substitute mass air fow (maf) sensors. in addition manifold pressure data can be used to compute diagnostics of leakages and malfunctions of the exhaust gas recirculation valve. in automotive applications where high production volumes are common there is substantial interest in precision, low-cost and fully integrated sensors. in this context products of the developed map sensor family KP21X are the optimum solution for aspirated or turbo diesel and gasoline engines management systems. features absolute air pressure measurement excellent accuracy of up to 1.0 kpa over a large temperature range ratiometric analog output output signal fully compensated pressure range from 15 to 150 kpa temperature range (ambient) from -40 to +140c smd package (pg-dsof-8-16) output clamping (optional for kp216) complete product family (kp214, kp215, kp216) application circuit for the pressure sensor system ? ? ? ? ? ? ? ? ? w w w . i n f i n e o n . c o m / s e n s o r s typical application engine control/map applications industrial controls ? ? sensors KP21X/map integrated pressure sensor ic for manifold air pressure measurement applications 1 5 2 t est v dd c 1 r 1 *) 7 v out 6 gnd *) r 1 and r 2 only alternatively 8 gnd cl ock/ v prog KP21X re f gnd a/d in microc ontrolle r adc 3 da ta in 4 da ta out c 3 c 2 5 v r 2 *) r 3 map module electr onic c ontr ol unit (e cu ) a/d in t- sensor
product brief how to reach us: http://www.infneon.com published by infneon technologies ag 81726 munich, germany ? 2008 infneon technologies ag all rights reserved. legal disclaimer the information given in this product brief shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infneon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices, please contact the nearest infneon technologies offce (www.infneon.com). warnings due to technical requirements, components may contain dangerous substances. for information on the types in question, please contact the nearest infneon technologies offce. infneon technologies components may be used in life-support devices or systems only with the express written approval of infneon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body or to support and/or main - tain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. published by infneon technologies ag highly integrated sensors - single chip infneon offers an extensive broad product portfolio for diesel engine management systems from micro-machined sensors to smart power ics and microcontrollers. the KP21X pressure sensor as an integrated pressure sensor for manifold pressure measurement, is a benchmark in terms of reliability, performance and integration level. product summary parameter range unit min. typ. max. accuracy 1.0 % f.s. pressure range 10 150 kpa sensitivity 40 88 mv/kpa supply voltage 4.5 5.0 5.5 v output current 1.0 ma output voltage 0.1 4.85 v operating temperature -40 +140 c programmable transfer functions transfer function pressure min 15 60 kpa transfer function pressure max 100 150 kpa transfer function voltage min 0.1 0.5 v transfer function voltage max 4.5 4.85 v lower programmable clamping level (kp226) 0.0 0.63 v upper programmable clamping level (kp226) 4.37 5.0 v ordering no. b142-h9193-x-x-7600 d a v ou t v dd 1 bi t 12 bi t 1 khz 10 bit 10 bi t obd cl oc k generator t emperatur e c ompens ation digital c ontrol eeprom (90 + 22 bits) t est and programmin g inter fa ce internal referenc e vo ltag e a d 30 khz cl ock/v prog v dd da ta in da ta out gnd lineariz ation optional cl ampin g


▲Up To Search▲   

 
Price & Availability of KP21X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X