Part Number Hot Search : 
XN06112 SA399 HT7963 MK23H2 AC180 5C6V2 OP599 BSX62
Product Description
Full Text Search
 

To Download FUF5407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fuf5400 thru fuf5408 page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 3a glass passivated ultra fast recovery rectifier fuf5400 thru fuf5408 features z plastic package has underwriters laboratory flammability classification 94v-0 z ultra fast recovery ti mes for high efficiency z low forward voltage, high current capability z low leakage z high surge capability z high temperature soldering guaranteed: 260c.375? (9.5mm) lead lengths for 10 seconds at 5 lbs. (2.3 kg) tension. z glass passivated junction mechanical data z case: jedec do-201ad, molded plastic, dimensions in inches and (millimeters) z terminals: axial leads solderable per mil-std-202, method 208 z polarity: color band denotes cathode end z mounting position: any z weight: 1.2 gram maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% ratings symbol fuf 5400 fuf 5401 fuf 5402 fuf 5403 fuf 5404 fuf 5406 fuf 5407 fuf 5408 units maximum recurrent peak reverse voltage v rrm 50 100 200 300 400 600 800 1000 v maximum rms voltage v rms 35 70 140 210 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 300 400 600 800 1000 v maximum average forward rectified current 0.375?(9.5mm) lead length at ta=55 c i o 3.0 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 150 a typical junction capacitance (note 1) c j 75 50 pf typical thermal resistance (note 2) r jc 20 /w storage temperature range t stg - 55 to + 150 operating temperature range t op - 55 to + 150 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol fuf 5400 fuf 5401 fuf 5402 fuf 5403 fuf 5404 fuf 5406 fuf 5407 fuf 5408 units maximum forward voltage at i o dc v f 1.3 1.7 v maximum dc reverse current at ta=25 c i r 5 a maximum dc reverse current at ta=100 c i r 50 a maximum reverse recovery time (note 3) t rr 50 75 ns note: 1. measured at 1 mhz and applied reverse voltage 0f 4.0 volts 2. both leads attached to heat sink 20x20x1t(mm) copper pl ate at lead length 5mm 3. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a .375(9.5) .335(8.5) 1.0(25.4) min .220(5.6) .197(5.0) 1.0(25.4) min .052(1.3) .048(1.2)
fuf5400 thru fuf5408 page: 2 ratings and characteristic curve fuf5400 thru fuf5408 300 200 100 0 instantaneous reverse current (ua) fig. 5 -maximum non-repetitive forward surge current 1 10 100 1000 number of cycles at 60 hz fig. 6 -typical junction capacitance .1 .2 .4 1.0 2 4 10 20 40 100 reverse voltage (v) 200 100 40 20 10 6 4 2 1 peak forward surge current (a) fuf5401~5404 fuf5405~5407 t j =25 o c fig. 4 -typical instantaneous forward characteristics 100 10 1 .1 .01 instantaneous forward current (a) fig. 3 -typical reverse characteristics 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) 1000 100 10 1 0.1 t j =25 o c t j =80 o c t j =125 o c average forward current (a) 6 5 4 3 2 1 0 25 50 75 100 12 5 15 0 17 5 ambient temperature ( o c) fig. 2 -typical forward current derating curve single phase half wave 60 hz resistive or inductive load +0.5a 0 -0.25a -1.0a trr 1c m set time base for 10/20 ns/cm fig. 1-test circuit diagram and reverse recovery time characteristic pulse generator ( note 2 ) (+) 25 v dc (approx) (-) d.u.t. 1 non inductive oscilloscope ( note 1 ) 50 no inductive 10 no inductive (-) (+) note: 1. rise time=7ns max. input impedance=1 mohms 22pf 2. rise time =10ns max. source impedance=50 ohms 8.3 ms single half sine wave (jedec method) .2 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 instantaneous forward voltage (v) fuf5401~5404 fuf5405~5407 junction capacitance (pf)


▲Up To Search▲   

 
Price & Availability of FUF5407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X