Part Number Hot Search : 
ED390 LM358DT RF2045 BUZ73ALH MJE295 SRC1212E BC847 1000B
Product Description
Full Text Search
 

To Download DFRF15A20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  600 300 400 300 400 600 210 280 420 125 15 v a i r ? ta= 25 ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. unit symbols ta=125 maximum forward voltage maximum reverse current v f -55---+150 v v v a a /w v rrm v rms v dc i f(av) i fsm ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? symbols unit operating junction and storage temperature range tj, tstg r jc features mechanical data ? : ?? case: molded plastic : ???? polarity: symbols molded or marked on body ? : mounting position: any ??? low power loss high efficiency DFRF15A20 ...... dfrf15a60 ? 200---600v 15a reverse voltage 200 to 600 v forward current 15 a DFRF15A20 dfrf15a40 dfrf15a60 i f =15a ?? low forward voltage drop high current capability ?? ns trr i f =0.5a i r =1.0a i rec =0.25a max. reverse recovery time 1.1 1.30 1.80 30 40 ?? plastic ultra-fast recover rectifier dfrf15a30 200 200 140 dachang electronics ?? : ?? 0.3 ? * mounting torque recommend 0.3 n*m ???rohs? lead and body according with rohs standard 4.0 250 siyu r unit inch mm 1 2 12 10.67 9.65 3.43 2.54 6.86 5.84 0.7 0.5 3.5 3.0 2.79 2.29 2.79 2.29 14.73 12.7 2.92 2.03 0.64 0.30 15.88 14.22 4.7 3.9 ito-220ac 3.0 3.5max 2.6 DFRF15A20 dfrf15a40 dfrf15a60 dfrf15a30
siyu r i f (a) ?? ? v f (v) ? ?? i fsm (a) ? i f(av) (a) ??? characteristic curves typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 0.01 0.1 1 10 100 0.8 1.2 1.4 1 2 4 6 10 20 40 100 100 75 50 25 0 125 1.6 1.0 d f r f 1 5 a 6 0 d f r f 1 5 a 3 0 d f r f 1 5 a 4 0 d f r f 1 5 a 2 0 dachang electronics DFRF15A20 ...... dfrf15a60 ?? ta( c ) tc, case temperature (c) 0 255075100125150175 18 15 12 9 6 3 0 1.8


▲Up To Search▲   

 
Price & Availability of DFRF15A20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X