Part Number Hot Search : 
0BVXI KMM53 5120F7 ALVC16 4SLG68M N3004 MP6101 IDTQS
Product Description
Full Text Search
 

To Download C231007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c2310 tcxo vectron international www.vectron.com v.2007-03-01 page 1 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1-717-486-3411 tel +1-717-486-5920 fax vectron international gmbh & co. kg landstrasse d-74924 neckarbischofsheim germany +49-07268-801-0 tel +49-07268-801-281 fax vectron asia pacific sales office 1f-2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax typical applications features pcs base stations efc standard land mobile radio standard surface mount package cellular telephony low phase noise option radio in the local loop low profile previous vectron model numbers sto50; sto50s3; sto50s3-01 frequency range 6.4 mhz ? 800 mhz standard frequencies 10; 12.288; 12.8; 19,44 mhz, 20; 20,48, 77.76, 100 mhz frequency stabilities 1 [ standard tcxo] parameter min typ max. units operating temp range ordering code 5 vs. operating temperature range -2.5 +2.5 ppm -40 ? +85c f256 (referenced to +25c) -1.0 +1.0 ppm -40 ? +85c f106 -2.5 +2.5 ppm -20 ? +70c d256 -1.0 +1.0 ppm -20 ? +70c d106 -1.0 +1.0 ppm 0 ? +50c b106 -0.5 +0.5 ppm 0 ? +50c b507 parameter min typ max. units condition initial tolerance vs. supply voltage change vs. load change vs aging /1. year - 1.5 - 0.2 - 0.2 - 1.0 +1.5 +0.2 +0.2 +1.0 ppm ppm ppm ppm at time of shipment, nominal efc v s 5% load 10% frequency stabilities 1 [ stratum 3 tcxo] parameter min typ max. units operating temp range ordering code 5 vs. operating temperature range -0.8 +0.8 ppm -40 ? +85c f807 (referenced to +25c) -0.28 +0.28 ppm -30 ? +85c g287 * -0.8 +0.8 ppm -20 ? +70c d807 -0.28 +0.28 ppm -20 ? +70c d287 * -0.28 +0.28 ppm 0 ? +50c b287 * parameter min typ max. units condition initial tolerance vs. supply voltage change vs. load change vs aging /15 years overall tolerance - 1.0 - 0.2 - 0.1 - 2.5 -4.6 +1.0 +0.2 +0.1 +2.5 -4.6 ppm ppm ppm ppm ppm at time of shipment, nominal efc v s 5% load 10% note: * stratum 3 per gr-1244-core: <4.6 ppm for all causes and 20 years aging,holdover: <0.37 ppm over 24 hours (code: d287 & b287)
c2310 tcxo vectron international www.vectron.com v.2007-03-01 page 2 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1-717-486-3411 tel +1-717-486-5920 fax vectron international gmbh & co. kg landstrasse d-74924 neckarbischofsheim germany +49-07268-801-0 tel +49-07268-801-281 fax vectron asia pacific sales office 1f-2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax supply voltage (vs) parameter min typ max. units condition ordering code 5 supply voltage [standard] 3.135 3.3 3.465 vdc sv033 supply voltage [option] 4.75 5 5.25 vdc sv050 current consumption 35 35 100 ma ma ma steady state @ +25c & 3.3vdc steady state @ +25c & 5.0vdc steady state @ +25c & pecl-output rf output parameter min typ max. units condition ordering code 5 signal [standard] hcmos rfh load 13.5 15 16.5 pf signal level (vol) 0.5 v dc with vs= 5.0v and 15pf load 0.3 vdc with vs=3.3v and 15pf load signal level (voh) 4.5 v dc with vs= 5.0v and 15pf load 3.0 vdc with vs=3.3v and 15pf load rise and fall time 5 ns duty cycle 40 50 60 % @ (voh-vol)/2 signal [option] cli pped sinewave > 12.288mhz rfc load r 9 10 11 k ? || c 9 10 11 pf output power 0.7 v pp @ 10k ||10pf signal [standard] pecl rfp load 50 ? to vs-2v rise and fall time 1 ns 20 to 80% duty cycle 45 50 55 % frequency tuning (efc) parameter min typ max. units condition tuning range 8.0 5.0 14.0 12.0 20.0 20.0 ppm ppm standard version s3 version linearity 10 % tuning slope positive control voltage range 0.3 1.65 3.0 vdc with vs=3.3vdc 0.5 2.5 4.5 vdc with vs=5.0vdc freq. control input impedance 10 k additional parameters parameter min typ max. units condition phase noise 3 -90 dbc/hz 10 hz tcxo @19.44mhz -120 dbc/hz 100 hz -135 dbc/hz 1 khz -140 dbc/hz 10 khz -145 dbc/hz 100 khz phase noise 3 -98 dbc/hz 10 hz low phase noise -125 dbc/hz 100 hz tcxo @12.8 mhz -147 dbc/hz 1 khz -153 dbc/hz 10 khz -154 dbc/hz 100 khz weight 3 g processing & packing handling & processing note
c2310 tcxo vectron international www.vectron.com v.2007-03-01 page 3 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1-717-486-3411 tel +1-717-486-5920 fax vectron international gmbh & co. kg landstrasse d-74924 neckarbischofsheim germany +49-07268-801-0 tel +49-07268-801-281 fax vectron asia pacific sales office 1f-2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax enclosures type g214b package codes: code height ?h? pin length ?l? a1 5.9 na dimensions: mm pin connections marking 1 voltage control (vc) c2310- xxxx 2 n.c. frequency 3 gnd, case * c ayyww 4 rf output 5 n.c. / rf output compl. 6 supply voltage (v s ) outline drawing: g214b
c2310 tcxo vectron international www.vectron.com v.2007-03-01 page 4 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1-717-486-3411 tel +1-717-486-5920 fax vectron international gmbh & co. kg landstrasse d-74924 neckarbischofsheim germany +49-07268-801-0 tel +49-07268-801-281 fax vectron asia pacific sales office 1f-2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax absolute maximum ratings parameter min typ max. units condition supply voltage (vs) 6.0 v control voltage 0 vs v maximum output load @ cmos 40 pf operable temperature range -40 +85 c storage temperature range -55 +125 c typical measurement data phase noise and jitter c2310 @12.8mhz c2310 @20mhz low phase noise version frequency range [hz] s (f) [db] jitter [ps rms] 20hz to 0.5 mhz -85,30 db 0,675 ps 20khz to 0.5mhz -89,10 db 0,436 ps standard shipping method *bei w 24 mm nur untere lochreihe ? by w 24 mm only lower hole line gurtoberseite tape upper side gurtunterseite tape buttom side abwickelrichtung unwinding direction lage im gurt position in tape pin 1 a x p b k production tolerance complying din iec 286-3 enclosure type tape width w [mm] quantity per meter quantity per reel dimension p g214b 24 83.3 850 12
c2310 tcxo vectron international www.vectron.com v.2007-03-01 page 5 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1-717-486-3411 tel +1-717-486-5920 fax vectron international gmbh & co. kg landstrasse d-74924 neckarbischofsheim germany +49-07268-801-0 tel +49-07268-801-281 fax vectron asia pacific sales office 1f-2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax recommended reflow profile profile feature pb-free assembly /sn-pb assembly profile feature pb-free assembly /sn-pb assembly average ramp-up rate (t l to tp) 3c/second max. time 25c to peak temperature 8 minutes max. preheat -temperature min ts min ) -temperature min ts max ) -time (min to max) (ts) 150c 200c 60-180 seconds time maintainted above - temperature (t l ) - time (t l ) 217c 60-150 seconds ts max to t l - ramp-up rate 3c/second max. time maintainted above - temperature (t l ) - time (t l ) 217c 60-150 seconds time within 5c of actual peak temperature (tp) 20-40 seconds peak temperature (tp) max 260c ramp-down rate 6c/second max. note: all temperatures refer to topside of t he package, measured on the package body surface. how to order this product:
c2310 tcxo vectron international www.vectron.com v.2007-03-01 page 6 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1-717-486-3411 tel +1-717-486-5920 fax vectron international gmbh & co. kg landstrasse d-74924 neckarbischofsheim germany +49-07268-801-0 tel +49-07268-801-281 fax vectron asia pacific sales office 1f-2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax model stability code supply voltage code rf output code package code frequency c2310 f256 sv033 rfp a1 6,4mhz vs.operat. temp. range supply: enclosure: f256 2.5ppm -40 ? +85c sv033: 3.3v a1: g214b f106 1.0ppm -40 ? +85c sv050: 5v d256 2.5ppm -20 ? +70c d106 1.0ppm -20 ? +70c b106 1.0ppm 0 ? +50c signal: b507 0.5ppm 0 ? +50c f807 0.8ppm -40 ? +85c rfp: pecl g287 0.28ppm -30 ? +85c rfc: clipped sinewave d807 0.8ppm -20 ? +70c rfh: hcmos d287 0.28ppm -20 ? +70c b287 0.28ppm 0 ? +50c notes: 1 contact factory for improved stabilities or additional product opt ions. not all options and codes are available at all frequ encies. 2 unless otherwise stated all values are valid after warm-up time and refer to typical condi tions for supply voltage, frequency control voltage, load, temperature (25c) 3 phase noise degrades with increasing output frequency. 4 subject to technical modification. 5 contact factory for availability.


▲Up To Search▲   

 
Price & Availability of C231007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X