Part Number Hot Search : 
1N6473US 2EZ20D5 C1010 ST3241EB SC601 LA200 BLV740 RTEF120
Product Description
Full Text Search
 

To Download BYD77AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BYD77AA - byd77ga ultra fast low-loss controlled avalanche rectifiers prv : 50 - 400 volts io : 2.0 am p eres features : * glass passivated j unction chip * hi g h maximum operatin g temperature * low leaka g e current * excellent stabilit y * smallest surface mount rectifier outline * pb / rohs free mechanical data : * case : sma molded plasti c * epox y : ul94v-o rate flame retardan t * lead : lead formed for surface mount * polarit y : color band denotes cathode en d * mountin g position : an y * wei g ht : 0.067 g ram maximum ratings and electrical characteristics ratin g at 25 c ambient temperature unless otherwise specified byd byd byd byd byd byd byd 77aa 77ba 77ca 77da 77ea 77fa 77ga maximum repetitive peak reverse voltage v rrm 50 100 150 200 250 300 400 v maximum continuous reverse voltage v r 50 100 150 200 250 300 400 v min. reverse avalanche breakdown voltage @ i r = 0.1 ma v (br)r-min 55 110 165 220 275 330 440 v maximum average forward current maximum non-repetitive peak forward surge current (note 3) i fsm a maximum repetitive peak forward current at ttp = 105 c i frm a maximum forward voltage at i f = 1.0 a ; t j = 25 c v f v maximum reverse current at v r =v rrmmax t j = 25 c i r a t j = 165 c i r(h) a maximum reverse recovery time (note 4) trr ns thermal resistance from junction to tie-point rth j-tp k / w thermal resistance from junction to ambient (note 5) rth j-a k / w junction temperature range t j c storage temperature range t stg c notes : (1) ttp = 105 c; see fig. 1and 2; averaged over any 20 ms period; see also fig.5 and 6 (2) tamb = 60 c; pcb mounting ; see fig. 3 and 4; averaged over any 20 ms period; see also fig.5 and 6 (3) t=10ms half sine wave; tj = tjmax prior to surge; v r = v rrmmax (4) reverse recovery test conditions : i f = 0.5 a, i r = 1.0 a, irr = 0.25 a. (5) device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of cu-layer 40 m. page 1 of 3 rev. 00 : february 13, 2008 unit 15 13 symbol rating 25 2.0 (1) 1.85 (1) i f(av) a 0.85 (2) 0.80 (2) - 65 to + 175 0.98 1.05 1.0 100 25 50 30 150 - 65 to + 175 2.0 0.2 2.1 0.2 sma (do-214ac) 1.2 0.2 5.0 0.15 4.5 0.15 2.6 0.15 dimensions in millimeters 1.1 0.3 0.2 0.07 iatf 0060636 sgs th07/1033 tw00/17276em th97/10561qm
fig.1 - maximum permissible average forward fig.2 - maximum permissible average forward current as a function of tie-point temperature current as a function of tie-point temperature 0 100 200 0 100 200 tie-point temperature, ttp ( c) tie-point temperature, ttp ( c) fig.3 - maximum permissible average forward fig.4 - maximum permissible average forward current as a function of ambient temperature current as a function of ambient temperature 0 100 200 0 100 200 ambient temperature, tamp ( c) ambient temperature, tamp ( c) fig.5 - maximum steady state power dissipation fig.6 - maximum steady state power dissipation as a function of average forward current as a function of average forward current 0 1 2 0 1 2 page 2 of 3 rev. 00 : february 13, 2008 rating and characteristic curves ( BYD77AA - byd77ga ) 4 3 2 1 0 average forward output current, i f(av) (a) 0 4 3 2 1 average forward output current, i f(av) (a) average forward output current, i f(av) (a) 0 average forward output current, i f(av) (a) 0 0.4 0.8 1.2 0.4 0.8 1.2 0.2 0.6 1.0 1.0 0.6 0.2 average forward output current, i f(av) (a) a = i f(rms) /i f(av) ; v r = v rrmmax ; = 0.5 power dissipation, p d (w) power dissipation, p d (w) average forward output current, i f(av) (a) a = i f(rms) /i f(av) ; v r = v rrmmax ; = 0.5 0 1 2 2 1 0 a =3 2.5 2 1.57 1.42 a =3 2.5 2 1.57 1.42 BYD77AA to da BYD77AA to da BYD77AA to da byd77ea to ga byd77ea to ga byd77ea to ga iatf 0060636 sgs th07/1033 tw00/17276em th97/10561qm
rating and characteristic curves ( BYD77AA- byd77ga ) fig.7 - forward current as function fig.8 - forward current as function of forward voltage of forward voltage 0 1 2 0 1 2 3 fig.9 - reverse current as function of junction temperature page 3 of 3 rev. 00 : february 13, 2008 1000 100 1 10 100 0 200 junction temperature, t j ( c) reverse current, i r ( a) v r =v rrmmax forward current, i f (a) forward voltage, v f (v) t j = 25 c 0 10 8 6 4 2 forward current, i f (a) forward voltage, v f (v) 0 10 8 6 4 2 t j = 25 c BYD77AA to da byd77ea to ga iatf 0060636 sgs th07/1033 tw00/17276em th97/10561qm


▲Up To Search▲   

 
Price & Availability of BYD77AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X