Part Number Hot Search : 
MW419 N3055 TFI013 PS150R04 V6300 ZSM530G HVC369 2812D
Product Description
Full Text Search
 

To Download BC16110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pnp bc160/10 ? bc160/16 pnp bc161/10 ? bc161/16 comset semiconductors 1/3 they are silicon planar epitaxial pnp trans istors mounted in to-39 metal package. they are particulary designed for audio amplifiers and switching applications up to 1a. npn complements are the bc140 ? bc141. compliance to rohs. absolute maximum ratings symbol ratings value unit bc160 40 -v cbo collector-base voltage i e = 0 bc161 60 v bc160 40 -v ceo collector-emitter voltage i b = 0 bc161 60 v bc160 -v ebo emitter-base voltage i c = 0 bc161 5 v bc160 -i c collector current bc161 1 a bc160 -i b base current bc161 0.1 a @ t case = < 45 3.7 p tot @ t amb = < 4 5 0.65 watts t j junction temperature 175 c t stg storage temperature range -55 to +175 c thermal characteristics symbol ratings value unit r thj-c thermal resistance, junction-case 35 k/ w r thj-amb thermal resistance, junction-ambient 200 k/ w g g e e n n e e r r a a l l p p u u r r p p o o s s e e t t r r a a n n s s i i s s t t o o r r s s
pnp bc160/10 ? bc160/16 pnp bc161/10 ? bc161/16 comset semiconductors 2 / 3 electrical characteristics tc=25c unless otherwise noted symbol ratings test condition(s) min typ mx unit i e = 0 ;v ces = 40 v bc160 i e = 0 ;v ces = 60 v bc161 - - 100 na v ces =40 v bc160 -i ces collector ? cutoff current i e = 0 ; v t amb = 150c v ces =60 v bc161 - - 100 a bc160 40 - - -v cb0 collector ? base breakdown voltage -i c = 100 a i e = 0 bc161 60 - - v bc160 40 - - -v ce0 (*) collector ? emitter breakdown voltage -i c = 10 ma i b = 0 bc161 60 - - v bc160 -v eb0 emitter ? base breakdown voltage -i e = 100 a i c = 0 bc161 5 - - v -i c = 100 ma , -i b = 10 ma - 0.1 -i c = 500 ma , -i b = 50 ma - 0.35 -v ce(sat) (*) collector-emitter saturation voltage -i c = 1 a, -i b = 100 ma - 0.6 1 -v be (*) base-emitter voltage -i c = 1 a , -v ce = 1v 1 1.7 v - 110 - gr 10 - 80 - -i c = 100 a , -v ce = 1 v gr 16 - 120 - 40 140 250 gr 10 63 100 160 -i c = 100 ma , -v ce = 1 v gr 16 100 160 250 - 26 - gr 10 - 20 - h fe (*) dc current gain -i c = 1 a , -v ce = 1 v gr 16 - 30 - - f t transition frequency -i c = 50 ma , -v ce = 10 v 50 - - mh z c cbo collector ? base capacitance i e = 0 ; -v cb = 20v f = 1 mh z - 15 30 pf t off turn-off times -i c =100 ma -i b1 =-i b2 =5 ma - - 650 ns t on turn-on times -i c =100 ma -i b1 =1 ma - - 500 ns (*) pulsed : pulse duration = 300s, duty cycle = 1%
pnp bc160/10 ? bc160/16 pnp bc161/10 ? bc161/16 comset semiconductors 3 / 3 mechanical data case to-39 information furnished is believed to be accurate a nd reliable. however, cs assumes no responsability for the consequences of use of such info rmation nor for errors that could appear. data are subject to change without notice. dimensions (mm) min typ max a 12.7 - - b - - 0.49 d - - 6.6 e - - 8.5 f - - 9.4 g 5.08 - - h - - 1.2 i - - 0.9 l 45 - - pin 1 : emitter pin 2 : base case : collector


▲Up To Search▲   

 
Price & Availability of BC16110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X