Part Number Hot Search : 
2SA185 DD201 NCP14 80C196K CSNE371 CP30338 9S08DZ16 18DD0
Product Description
Full Text Search
 

To Download 970505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/27/2010 please check www.molex.com for latest part information part number: 0399700105 status: active description: 10.16mm (.400") beau? eurostyle? fixed mount pcb terminal block, high power 60a, 5 circuits documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification ul e48521 general product family terminal blocks series 39970 application wire-to-board component type one piece product name eurostyle?fixed mount type euro block physical circuits (loaded) 5 circuits (maximum) 5 color - resin black entry angle horizontal flammability 94v-0 lock to mating part none material - metal copper material - plating mating tin material - plating termination tin material - resin polyester number of rows 1 orientation vertical pc tail length (in) 0.160 in pc tail length (mm) 4.06 mm pcb retention none panel mount no pitch - mating interface (in) 0.400 in pitch - mating interface (mm) 10.16 mm pitch - term. interface (in) 0.400 in pitch - term. interface (mm) 10.16 mm plating min: mating (in) 150 plating min: mating (m) 3.8 plating min: termination (in) 150 plating min: termination (m) 3.8 polarized to mating part n/a shrouded fully stackable no surface mount compatible (smc) no temperature range - operating 130c termination interface: style through hole wire size awg 10, 12, 14, 16, 18, 8 wire size mm2 0.75 - 10.0 electrical current - maximum per contact 60a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39970 series mates with n/a
voltage - maximum 300v solder process data lead-free process capability wave capable (th only) material info old part number 970505 reference - drawing numbers sales drawing sd-39970-003 this document was generated on 04/27/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 970505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X