Part Number Hot Search : 
D1300 TZX14 6204D44 SMBJ30 RN4981 RBV1002D 11DQ09 RN4981
Product Description
Full Text Search
 

To Download 55A0112-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  users should evaluate the suitability of this product for their application. specifcations are subject to change without notice. tyco electronics also reserves the right to make changes in materials or processing, which do not affect compliance with any specifcation, without notifcation to buyer. 1 / colors and color code designators shall be in accordance with mil-std-681. other codes and suffixes may be added to the part number. as necessary, to capture any additional requirements imposed by the purchase order. page 1 of 2 the te logo, tyco electronics and raychem are trademarks. raychem wire & cable 501 oakside avenue redwood city, ca 94063-3800 phone: 1-800-227-8816 fax: 1-650-361-6297 dimensions are in inches, and unless otherwise designated are nominal this specification sheet takes precedence over documents referenced herein. referenced documents shall be of the issue in effect on date of invitation for bid. ? 2008 tyco electronics corporation. all rights reserved. table i. construction details part number 1/ wire size (awg) conductor stranding (number x awg) diameter of stranded conductor (in.) finished wire maximum resistance at 20c (ohms/1000 ft) diameter (in.) maximum weight (lbs/1000 ft.) minimum maximum 55a0112-30-* 30 7 x 38 .011 .012 100.7 .024 .002 .66 55a0112-28-* 28 7 x 36 .014 .015 63.8 .027 .002 .91 55a0112-26-* 26 19 x 38 .018 .019 38.4 .032 .002 1.4 55a0112-24-* 24 19 x 36 .023 .025 24.3 .037 .002 2.0 55a0112-22-* 22 19 x 34 .029 .030 15.1 .043 .002 2.8 55a0112-20-* 20 19 x 32 .037 .039 9.19 .050 .002 4.3 55a0112-18-* 18 19 x 30 .046 .048 5.79 .060 .002 6.5 55a0112-16-* 16 19 x 29 .052 .054 4.52 .068 .002 8.3 55a0112-14-* 14 19 x 27 .065 .068 2.88 .085 .003 13.0 55a0112-12-* 12 37 x 28 .084 .087 1.90 .103 .003 19.7 55A0112-10-* 10 37 x 26 .106 .112 1.19 .128 .006 32.3 55a0112- 8-* 8 133 x 29 .158 .169 .658 .188 .008 60.5 table ii. performance details part number 1/ bend testing mandrel diameter (inch) ( 3%) weight (lb) ( 3%) immersion, life cycle and accelerated aging cold bend immersion, life cycle and accelerated aging cold bend 55a0112-30-* .250 .375 .125 .500 55a0112-28-* .250 .375 .125 .500 55a0112-26-* .375 .500 .125 .500 55a0112-24-* .375 .500 .250 1.00 55a0112-22-* .500 .750 .375 1.00 55a0112-20-* .500 .750 .500 1.00 55a0112-18-* .500 1.00 .500 1.00 55a0112-16-* .750 1.00 .750 1.00 55a0112-14-* 1.00 1.50 1.00 3.00 55a0112-12-* 1.50 2.00 1.50 3.00 55A0112-10-* 2.00 3.00 1.50 3.00 55a0112- 8-* 3.00 4.00 4.00 6.00 conductor - silver-coated copper insulation - radiation-crosslinked, modified etfe specification control drawing 55a0112 wire, radiation-crosslinked, modified etfe-insulated, lightweight, general purpose, 600 volt 4-28-08 r this specifcation sheet forms a part of the latest issue of raychem specifcation 55a. title date revision
wire ratings and additional requirements specification control drawing page 2 of 2 r 55a0112 revision scd number temperature rating: 200c maximum continuous conductor temperature voltage rating: 600 volts (rms) at sea level accelerated aging (crosslinking proof): 300 3c for 7 hours blocking: 230 3c for 24 hours color: white preferred concentricity: 70% (minimum) flammability: procedure1, 3 seconds (maximum); 3 in. (maximum); no faming of facial tissue humidity resistance: insulation resistance, 5000 megohms for 1000 ft. (minimum) for awg 30 - 10 3000 megohms for 1000 ft. (minimum) for awg 8 identification, color striping and band durability: 125 cycles (250 strokes) (minimum), 500 g weight immersion: diameter increase 5% (maximum); no cracking, no dielectric breakdown insulation elongation and tensile strength: elongation, 75% (minimum) tensile strength, 5000 lbf/in 2 (minimum) insulation flaws: spark test, 5.7 kv (rms) at 3 khz impulse dielectrictest, 8.0 kv (peak) insulation resistance: 5000 megohms for 1000 ft. (minimum) fro awg 30 - 10 3000 megohms for 1000 ft. (minimum) fro awg 8 insulation thickness: 0.005 in. (minimum) life cycle: 230 3c for 500 hours low temperature-cold bend: -65 3c for 4 hours shrinkage: 230 3c for 6 hours, 0.125 in. (maximum) in 12 in. solderability: per mil-std-202, method 208, without steam aging, n/a for awg 10 and 8 smoke test: 250 5c. no visible smoke surface resistance: 500 megohms-in. (minimum), both readings thermal shock resistance: 200 3c, 0.060 in. (maximum) for awg 30 - 12 0.100 in. (maximum) for awg 10 - 8 voltage withstand test (post environmental): 2500 volts (rms), 60 hz wrap test: 313 3c for 2 hours part number: the "*" in the part numbers on page 1 shall be replaced by a color code designator . 1 / example: awg 22, white: 55a0112-22-9 awg 22, white with black stripe: 55a0112-22-90 1/ see footer section on page 1


▲Up To Search▲   

 
Price & Availability of 55A0112-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X