Part Number Hot Search : 
CLU720 IDTQS3VH 3P46ATB 063EC 472ML 03800 D1252 2907A
Product Description
Full Text Search
 

To Download 2SK1830 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SK1830 2003-03-27 1 toshiba field effect transistor silicon n channel mos type 2SK1830 high speed switching applications analog switch applications  2.5 v gate drive  low threshold voltage: v th = 0.5~1.5 v  high speed  enhancement-mode  small package marking equivalent circuit maximum ratings (ta     25c) characteristics symbol rating unit drain-source voltage v ds 20 v gate-source voltage v gss 10 v dc drain current i d 50 ma drain power dissipation p d 100 mw channel temperature t ch 150 c storage temperature range t stg  55~150 c note: this transistor is electrostatic sensitive device. please handle with caution. unit: mm jedec D jeita D toshiba 2-2h1b weight: 2.4 mg (typ.)
2SK1830 2003-03-27 2 electrical characteristics (ta     25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs  10 v, v ds  0   1  a drain-source breakdown voltage v (br) dss i d  100  a, v gs  0 20   v drain cut-off current i dss v ds  20 v, v gs  0   1  a gate threshold voltage v th v ds  3 v, i d  0.1 ma 0.5  1.5 v forward transfer admittance  y fs  v ds  3 v, i d  10 ma 20   ms drain-source on resistance r ds (on) i d  10 ma, v gs  2.5 v  20 40  input capacitance c iss v ds  3 v, v gs  0, f  1 mhz  5.5  pf reverse transfer capacitance c rss v ds  3 v, v gs  0, f  1 mhz  1.6  pf output capacitance c oss v ds  3 v, v gs  0, f  1 mhz  6.5  pf turn-on time t on v dd  3 v, i d  10 ma, v gs  0~2.5 v  0.14  switching time turn-off time t off v dd  3 v, i d  10 ma, v gs  0~2.5 v  0.14   s  switching time test circuit
2SK1830 2003-03-27 3
2SK1830 2003-03-27 4
2SK1830 2003-03-27 5  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of 2SK1830

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X