Part Number Hot Search : 
EMK12 EMK12 RJP60 HC1GT TA8631N 79M07 OMR184NH VCO3072
Product Description
Full Text Search
 

To Download 2SB1192 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB1192 d escription with to-220fa package high v c eo large p c complement to type 2sd1770 applications power amplifier tv vertical deflection output pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector- base voltage open emitter -200 v v ceo collector- emitter voltage open base -150 v v ebo emitter-base voltage open collector -6 v i c collector current -1 a i cm collector current-peak -2 a t a =25 2 p c collector power dissipation t c =25 25 w t j junction temperature 150  t stg storage temperature -55~150 
savantic semiconductor product specification 2 silicon pnp power transistors 2SB1192 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-5ma , b =0 -150 v v (br)ebo emitter- base breakdown voltage i e =-0.5ma ,i c =0 -6 v v cesat collector-emitter saturation voltage i c =-500ma; i b =-50ma -1.0 v v be base-emitter on voltage i c =-300ma ; v ce =-10v -1.0 v i cbo collector cut-off current v cb =-200v; i e =0 -50 a i ebo emitter cut-off current v eb =-4v; i c =0 -50 a h fe-1 dc current gain i c =-100ma ; v ce =-10v 60 240 h fe-2 dc current gain i c =-300ma ; v ce =-10v 50 c ob output capacitance i e =0 ; v cb =-10v,f=1mhz 35 pf f t transition frequency i c =-100ma ; v ce =-10v 20 mhz  h fe-1 classifications q p 60-140 100-240
savantic semiconductor product specification 3 silicon pnp power transistors 2SB1192 package outline fig.2 outline dimensions(unindicated tolerance:0.15 mm)


▲Up To Search▲   

 
Price & Availability of 2SB1192

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X