Part Number Hot Search : 
EVQP7 C18LF2 U2602BR EVQP7 06MU08MU TB0193A SN9C102 RF3805
Product Description
Full Text Search
 

To Download 2SB1015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB1015 d escription with to-220fa package collector power dissipation :p c =25w@t c =25  low collector saturation voltage complement to type 2sd1406 applications for audio frequency power amplifier applications pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -60 v v ceo collector-emitter voltage open base -60 v v ebo emitter-base voltage open collector -7 v i c collector current -3 a i b base current -0.5 a t a =25 2.0 p c collector power dissipation t c =25 25 w t j junction temperature 150  t stg storage temperature -55~150 
savantic semiconductor product specification 2 silicon pnp power transistors 2SB1015 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(br) collector-emitter breakdown voltage i c =-50ma; i b =0 -60 v v cesat collector-emitter saturation voltage i c =-3a; i b =-0.3a -1.7 v v be base-emitter voltage i c =-0.5a ;v ce =-5v -1.0 v i cbo collector cut-off current v cb =-60v; i e =0 -100 a i ebo emitter cut-off current v eb =-7v; i c =0 -100 a h fe-1 dc current gain i c =-0.5a ; v ce =-5v 60 200 h fe-2 dc current gain i c =-3a ; v ce =-5v 20 f t transition frequency i c =-0.5a; v ce =-5v 9 mhz c ob collector output capacitance f=1mhz ; v cb =-10v 150 pf switching times t on trun-on time 0.4 s t s storage time 1.7 s t f fall time r l =15 b ;v cc =-30v i b1 =-i b2 =-0.2a duty cycle c 1% 0.5 s  h fe-1 classifications o y 60-120 100-200
savantic semiconductor product specification 3 silicon pnp power transistors 2SB1015 package outline fig.2 outline dimensions (unindicated tolerance:0.15 mm)
savantic semiconductor product specification 4 silicon pnp power transistors 2SB1015


▲Up To Search▲   

 
Price & Availability of 2SB1015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X