Part Number Hot Search : 
ZTTMX 1078M 200BZ WSD751B 40D951K 5ETTTS MURS160 HT46R0
Product Description
Full Text Search
 

To Download 2SB1009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon pnp power transistors 2SB1009 description ? ? with to-126 package ? complement to type 2sd1380 applications ? for use in low frequency power amplifier applications pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -40 v v ceo collector-emitter voltage open base -32 v v ebo emitter-base voltage open collector -5 v i c collector current (dc) -2 a t a =25 ?? 0.1 p d total power dissipation t c =25 ?? 10 w t j junction temperature 150 ?? t stg storage temperature -55~150 ??
jmnic product specification 2 silicon pnp power transistors 2SB1009 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-10ma ;i b =0 -32 v v cesat collector-emitter saturation voltage i c =-2.0a; i b =-0.2a -0.8 v v besat base-emitter saturation voltage i c =-2.0a ;i b =-0.2a -2.0 v i cbo collector cut-off current v cb =-20v; i e =0 -1 | a i ebo emitter cut-off current v eb =-3v; i c =0 -1 | a h fe-1 dc current gain i c =-20ma ; v ce =-5v 40 h fe-2 dc current gain i c =-500ma ; v ce =-5v 82 390 f t transition frequency i c =-500ma ; v ce =-5v 100 mhz c ob collector output capacitance f=1mhz ; v cb =-10v 50 pf
jmnic product specification 3 silicon pnp power transistors 2SB1009 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SB1009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X