Part Number Hot Search : 
DMR76C 24A12 B99027 BD7956FS 0263003 2SK2201 NLU2G04 LE120CZ
Product Description
Full Text Search
 

To Download 2SB1007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon pnp power transistors 2SB1007 description ? ? with to-126 package ? complement to type 2sd1378 ? high breakdown voltage applications ? low frequency power amplification pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ?? ) symbol param eter conditions va lue unit v cbo collector-base voltage open emitter -80 v v ceo collector-emitter voltage open base -80 v v ebo emitter-base voltage open collector -5 v i c collector current (dc) -0.7 a t a =25 ?? 1.2 p d total power dissipation t c =25 ?? 10 w t j junction temperature 150 ?? t stg storage temperature -55~150 ??
jmnic product specification 2 silicon pnp power transistors 2SB1007 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-2ma ;i b =0 -80 v v (br)cbo collector-base breakdown voltage i c =-50 | a ;i e =0 -80 v v (br)ebo emitter-base breakdown voltage i e =-50 | a ;i c =0 -5 v v cesat collector-emitter saturation voltage i c =-0.5a ;i b =-50ma -0.2 -0.4 v i cbo collector cut-off current v cb =-50v; i e =0 -0.5 | a i ebo emitter cut-off current v eb =-4v; i c =0 -0.5 | a h fe dc current gain i c =-0.1a ; v ce =-3v 82 390 c ob output ca pacitance i e =0; v cb =-10v;f= 1mhz 14 20 pf f t transition frequency i e =50ma ; v ce =-10v 100 mhz ? h fe classifications p q r 82-180 120-270 180-390
jmnic product specification 3 silicon pnp power transistors 2SB1007 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SB1007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X