Part Number Hot Search : 
13004 NJM2700G LTC455BU RMCP1206 HCT57 BCP53T1 Z1015 2405D
Product Description
Full Text Search
 

To Download 2SB1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type transistors 1 www.kexin.com.cn silicon pnp epitaxial 2SB1001 features low frequency power amplifier absolute maximum ratings ta = 25 parameter symbol rating unit collector to base voltage v cbo -20 v collector to emitter voltage v ceo -16 v emitter to base voltage v ebo -6 v collector current i c -2 a peak collector current i cp * 1 -3 a collector power dissipation p c * 2 1w junction temperature tj 150 storage temperature t stg -55to+150 *1. pw 10 ms; d 0.02. *2. value on the alumina ceramic board (12.5 x 20 x 0.7 mm) electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector to base breakdown voltage v (br)cbo i c =-10a,i e =0 -20 v collector to emitter breakdown voltage v (br)ceo i c =-1ma,r be = -16 v emitter to base breakdown voltage v (br)ebo i e =-10a,i c =0 -6 v collector cutoff current i cbo v cb =-16v,i e =0 -0.1 a emitter cutoff current i ebo v eb =-5v,i c =0 -0.1 a dc current transfer ratio h fe v ce =-2v,i c = -0.1 a 100 320 collector to emitter saturation voltage v ce(sat) i c =-1a,i b = -0.1 a -0.15 -0.3 v base to emitter saturation voltage v be(sat) i c =-1a,i b =-0.1a -1 -1.2 v gain bandwidth product f t v ce =-2v,i c = -10 ma 150 mhz collector output capacitance c ob v cb =-10v,i e =0,f=1mhz 50 pf h fe classification marking bh bj hfe 100 200 160 320


▲Up To Search▲   

 
Price & Availability of 2SB1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X