Part Number Hot Search : 
P10N6 4759A RT9511 BLV909 BFQ17 BZX85C75 GRM32 VHB75W
Product Description
Full Text Search
 

To Download 017653504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial-grade cable 28 mining product construction: conductor: ? 6 awg through 4/0 awg fully annealed stranded bare copper per astm b-172 class m jacket: ? super vu-tron ? , orange ? temperature range: -50oc to +90oc jacket marking: ? #6 - #1 awg: carol super vu-tron ? welding cableCextra flexible (ul) 600 volt (-50 c to +90c) oil resistant p-123-141 msha (size) csa 90c arc welding cable ft-1 ? 1/0 - 4/0 awg: carol super vu-tron ? welding cable (size) extra flexible (ul) 600 volt (-50 c to +90c) oil resistant p-123-141 msha csa 90c arc welding cable ft-1 type rhh or rhw (ul) 600v for ct use applications: ? secondary voltage resistance welding leads ? power supply applications not exceeding 600 volts ac ? sizes 1/0 and larger for permanent wiring in conduit or tray of 600v power supplies, hoists, cranes or other applications where flexible power leads must be installed in conduit, raceways or trays features: ? ul listed ? csa certified ? excellent flexibility to last longer in flex applications ? abrasion-resistant ? resists oils and solvents ? rated -50oc for use in cold environments ? weather-resistant ? ozone-resistant ? safety-colored for high visibility ? assured longer service life, saving money in replacement costs, maintenance cost and downtime ? msha approved for flame resistance ? sunlight-resistant industry approvals: ? ul listed ? csa certified ? msha approved ? meets ul vertical flame test per ul 854 ? rohs compliant packaging: ? 250' (76.2 m), 500' (152.4 m), and 1000' (304.8 m) reels ? other put-ups available on special order super vu-tron ? welding cable 90oc 600 volt ul /csa rhh/rhw suggested ampacities: for 600 volt in-line applications awg amperes awg amperes 4/0 405 1 220 3/0 350 2 190 2/0 300 4 140 1/0 260 6 105 per standards: icea s-19-81 nema wc-3 part 8, appendix j ampacities for portable cable in accordance with nec table 400.5(b). may not be suitable for all installations per national electrical code ? . welding cable ampacities single conductor required cable sizes: for welding cable application length in feet for total circuit for secondary voltages only C do not use this table for 600 volt in-line applications amps 100' 150' 200' 250' 300' 350' 400' 100 4 4 2 2 1 1/0 1/0 150 4 2 1 1/0 2/0 3/0 3/0 200 2 1 1/0 2/0 3/0 4/0 4/0 250 1 1/0 2/0 3/0 4/0 300 1/0 2/0 3/0 4/0 350 1/0 3/0 4/0 400 2/0 3/0 450 2/0 4/0 500 3/0 4/0 550 3/0 4/0 600 4/0 required cable sizes shown in awg numbers the total circuit length includes both welding and ground leads (based on 4-volt drop) 60% duty cycle. these values for curren t-carrying capacity are based on a copper temperature of 60c (140f), an ambient temperature of 40c (104f) and yield load factors of from approximately 32% for the no. 2 awg cable to approximately 23% for the no. 3/0 awg cable, and higher for the smaller sizes. the sizes of cables generally used range from no. 2 awg to no. 3/0 awg. in actual service, the load factor may be much higher that indicated without overheating the cable as the ambient temperature will generally be substantially lower than 40c. super vu-tron ? welding cableul/csaclass m34 awg stranding catalog number cond. size (awg) conductor strand nominal o.d. approx. net wt. lbs/m' (s) std. ctn. inches mm 01768 6 660/34 0.370 9.40 125 250' 01767 4 1045/34 0.415 10.54 191 250' 01766 2 1666/34 0.475 12.07 259 250' 01765 1 2090/34 0.530 13.46 331 250' 01764 ? 1/0 2640/34 0.575 14.61 401 250' 01763 ? 2/0 3300/34 0.630 16.00 511 250' 01762 ? 3/0 4180/34 0.700 17.78 615 250' 01761 ? 4/0 5225/34 0.800 20.32 844 250' (s) actual shipping weight may vary. ? type rhh/rhw - 600v for ct use.
industrial-grade cable 29 mining product construction: conductor: ? 14 awg through 1111.1 kcmil stranded tinned annealed copper per aar 589 insulation: ? premium-grade 90oc ep jacket: ? chlorinated polyethylene (cpe), black jacket marking: ? sizes 14 through 1 awg - carol super vu-tron ? (size) (stranding) 90c dlo 2000 volts p-7k-123040 msha csa r90 1000v (ul) rhh or rhw 600 volts ? sizes 1/0 through 646.4 - carol super vu-tron ? (size) 90c dlo 2000 volts p-7k-123040 msha csa r90 1000v (-40c) ft-1 (ul) rhh or rhw 600 volts sunlight resistant for ct use note: 535.3 and 646.4 kcmil printed (ul) rhh or rhw 2000 volts ? sizes 777.7 through 1111.1 kcmil - carol super vu-tron ? c(ul) type rhw-2 2kv vw-1 for ct use type dlo 2000v 90c p-102 msha applications: ? diesel electric locomotives ? telecom power supply ? mining and earth-moving equipment ? shipyards ? motor leads ? where flexible power leads must be installed in conduit or raceways features: ? 90oc temperature rating ? excellent impact and abrasion resistance ? resists oils, acids, alkalies, heat, flame ? flexible tinned copper stranding ? ft4 upon request ? sunlight-resistant industry approvals: ? ul listed ? accepted for listing as flame-resistant by msha ? csa r90 ? rohs compliant packaging: ? lengths cut to order super vu-tron ? epr/cpe diesel locomotive cable 90oc 2000 volt dlo, ul rhh/rhw 600 volts csa r90 1000 volt 14 awg - 1111.1 kcmil dlo - 2000 volt catalog number cond. size (awg/ kcmil) cond. strand nom. ins. thickness nominal o.d. current amps approx. net weight lbs/mft (s) inches mm inches mm (1) (2) 81914 14 19/0.0147 0.045 1.14 0.21 5.44 25 35 34 81912 12 19/0.0185 0.047 1.19 0.24 6.10 30 40 45 81910 10 27/24 0.045 1.14 0.26 6.60 40 55 60 81908 8 37/24 0.060 1.52 0.34 8.64 55 80 95 81906 6 61/24 0.060 1.52 0.40 10.16 75 105 145 81904 4 105/24 0.060 1.52 0.46 11.68 95 140 205 81902 2 154/24 0.060 1.52 0.52 13.21 130 190 295 81901 1 224/24 0.080 2.03 0.65 16.51 150 220 440 81911 1/0 280/24 0.080 2.03 0.69 17.53 170 260 515 81920 2/0 329/24 0.080 2.03 0.73 18.54 195 300 580 81930 3/0 456/24 0.080 2.03 0.81 20.57 225 350 770 81940 4/0 551/24 0.080 2.03 0.87 22.10 260 405 930 81926 262.6 650/24 0.095 2.41 1.00 25.40 296 467 1130 81931 313.3 777/24 0.095 2.41 1.06 26.92 326 522 1295 81937 373.7 925/24 0.095 2.41 1.10 27.94 362 591 1545 81944 444.4 1110/24 0.095 2.41 1.23 31.24 400 652 1820 81953 535.3 1332/24 0.120 3.05 1.34 34.04 445 728 2195 81964 646.4 1609/24 0.120 3.05 1.45 36.83 493 815 2560 81977 777.7 1924/24 0.120 3.05 1.50 38.10 546 904 3050 81929* 929.2 2299/24 0.120 3.05 1.67 42.42 602 1014 3625 81999 1111.1 2745/24 0.140 3.56 1.84 46.74 635 1115 4354 dimensions and weights are nominal; subject to industry tolerances. (1) ampacities based on 90c conductor and 30c ambient temperature based on the national electrical code ? for not more than three current-carrying conductors in raceway, cable or earth. (2) ampacities based on single-conductor in free air, 90c conductor temperature and an ambient air temperature of 30c, in accordance with national electrical code ? (nec). (s) actual shipping weight may vary. * non-stock item


▲Up To Search▲   

 
Price & Availability of 017653504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X