Part Number Hot Search : 
V80100PW SK1929 4N31300 CT139 KSQ15A06 DS030070 11407150 68HC11
Product Description
Full Text Search
 

To Download U74ACT14-D14-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd u74act14 cmos ic www.unisonic.com.tw 1 of 4 copyright ? 2008 unisonic technologies co., ltd qw-r502-195.a hex schmitt-trigger inverters ? description the u74act14 contains six inverters with schmitt-trigger, provides the function = ya . the u74act14 have hysteresis between the positive-going and negative-going and negative-going input thresholds. ? features * inputs are ttl-voltage compatible * outputs source/sink 24ma * pb-free packages are available *pb-free plating product number: u74act14l ? ordering information ordering number normal lead free plating package packing U74ACT14-D14-T u74act14l-d14-t dip-14 tube u74act14-s14-t u74act14l-s14-t sop-14 tube u74act14-s14-r u74act14l-s14-r sop-14 tape reel u74act14-p14-t u74act14l-p14-t tssop-14 tube
u74act14 cmos ic unisonic technologies co., ltd 2 of 4 www.unisonic.com.tw qw-r502-195.a ? pin configuration 1 2 3 4 5 6 7 14 13 12 11 10 9 8 gnd 3y 3a 2y 2a 1y 1a 4y 4a 5y 5a 6y 6a v cc ? functional diagram ? function table input output a y l h h l ? logic diagram (positive logic) iec logic symbol
u74act14 cmos ic unisonic technologies co., ltd 3 of 4 www.unisonic.com.tw qw-r502-195.a ? absolute maximum ratings (unless otherwise specified) parameter symbol ratings unit supply voltage v cc -0.5~7 v input voltage v in -0.5~ v cc +0.5 v output voltage v out -0.5~v cc +0.5 v input clamp current i ik 20 ma output clamp current i ok 20 ma output current i out 50 ma v cc or gnd current i cc 50 ma storage temperature t stg -65 ~ +150 note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? recommended operating conditions parameter symbol min typ max unit supply voltage v cc 4.5 5.5 v input voltage v in 0 v cc v output voltage v out 0 v cc v operating temperature t a -40 +85 ? electrical characteristics (ta=25c) parameter symbol test conditions min typ max unit v cc =4.5v 2.0 v high-level input voltage v ih v cc =5.5v 2.0 v v cc =4.5v 0.8 v low-level input voltage v il v cc =5.5v 0.8 v v cc =4.5v 0.4 1.4 v hysteresis v th v cc =5.5v 0.5 1.6 v v cc =4.5v, i oh =-50 a 4.34 4.49 v v cc =5.5v, i oh =-50 a 5.4 5.49 v v cc =4.5v, i oh =-24ma 3.86 v high-level output voltage v oh v cc =5.5v, i oh =-24ma 4.86 v v cc =4.5v, i ol =50 a 0.001 0.1 v v cc =5.5v, i ol =50 a 0.001 0.1 v v cc =4.5v, i ol =24ma 0.36 v low-level output voltage v ol v cc =5.5v, i ol =24ma 0.36 v input leakage current i i(leak) v cc =5.5v, v in =5.5v or gnd 0.1 a maximum icc/input i cct v cc =5.5v, v in =v cc -2.1v 0.6 ma quiescent supply current i q v cc =5.5v, v in =v cc or gnd, i out =0 2.0 a input capacitance c in v cc =open 4.5 pf note: not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms. ? switching characteristics (ta=25c) parameter symbol test conditions min typ max unit t plh v cc =5.0v0.5v, c l =50pf 3.0 8.0 10.0 ns propagation delay from input (a) to output(y) t phl v cc =5.0v0.5v, c l =50pf 3.0 8.0 10.0 ns ? operating characteristic parameter symbol test conditions min typ max unit power dissipation capacitance cpd v cc =5 80 pf
u74act14 cmos ic unisonic technologies co., ltd 4 of 4 www.unisonic.com.tw qw-r502-195.a ? test circuit and waveforms note: c l includes probe and jig capacitance. fig-1 load circuitry for switching times. fig-2 propagation delay from input(a) to output(y). utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of U74ACT14-D14-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X