1 of 2 1000v,1500v 0.5a web site: www.taychipst.com features e-mail: sales@taychipst.com maximum ratings and electrical characteristics U05NH44,u05th44 rectifier silicon diffused type repetitive peak reverse voltage: v rrm = 1000, 1500v average forward current: i f (av) = 0.5a reverse recovery time: t rr = 4s surface mounting plastic mold package maximum ratings characteristic symbol rating unit U05NH44 1000 repetitive peak reverse voltage u05th44 v rrm 1500 v average forward current i f (av) 0.5 a i 2 t limit value (t = 1~10ms) i 2 t 2 a 2 s peak one cycle surge forward current (non-repetitive) i fsm 20 (50h z ) a junction temperature range t j ? 40~125 c storage temperature range t stg ? 40~125 c electrical characteristics (ta = 25c) characteristic symbol test condition min typ. max unit peak forward voltage v fm i fm = 0.5a D D 1.5 v repetitive peak reverse current i rrm v rrm = rated D D 10 a reverse recovery time t rr i f = 20ma, i r = 1ma D D 4 s (ta = 25c)
ratings and characteristic curves U05NH44 , u05th44 2 of 2 e-mail: sales@taychipst.com web site: www.taychipst.com 1000v,1500v 0.5a U05NH44,u05th44 rectifier silicon diffused type
|