Part Number Hot Search : 
EP100 H5N1506P 11026 10N10 SMB20 MT88L89 DM74LS SF1091A
Product Description
Full Text Search
 

To Download T541 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 1 one world. one kemet benefts ? e sr: 10 m to 40 m ? 1 25c maximum operating temperature ? p olymer cathode technology ? h igh frequency capacitance retention ? b enign failure mode ? ca pacitance: 22 f to 1,500 f ? 1 00% accelerated steady state aging ? su rge current testing options ? u tilizes multiple tantalum anode technology ? v olumetric effciency ? u se at up to 90% of rated voltage (10% derating) for part types 10 v ? u se at up to 80% of rated voltage (20% derating) for part types > 10 v ? v ery low esr ? e ia standard case sizes overview the kemet organic capacitor (ko-cap) is a tantalum capacitor with a ta anode and ta 2 o 5 dielectric. a conductive organic polymer replaces the traditionally used mno 2 as the cathode plate of the capacitor. this results in very low esr and improved capacitance retention at high frequency. combining this advancement with the use of a multiple anode design delivers the lowest esr values available in the industry. the ko-cap may also be operated at steady state voltages at up to 90% of rated voltage for part types with rated voltages of 10 volts and up to 80% of rated voltage for part types > 10 volts. the T541 series ko-cap offers the same advantages as the t530 series but is also designed for the commercial off-the-shelf (cots) requirements of defense and aerospace applications. this surface mount product offers a tin lead (snpb) leadframe fnish, surge current testing options and standard or low esr levels. high reliability kemet organic capacitor (ko-cap) T541 polymer commercial off-the-shelf (cots) multiple anode environmental compliance rohs compliant (6/6) according to directive 2002/95/ec when ordered with 100% sn solder. spice for a detailed analysis of specifc part numbers, please visit www.kemet.com for a free download of kemet's spice software. the kemet spice program is freeware intended to aid design engineers in analyzing the performance of these capacitors over frequency, temperature, ripple, and dc bias conditions. www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 2 2 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode ordering information t 541 d 157 m 10 a h 65 10 capacitor class series case size capacitance code (pf) capacitance tolerance voltage failure rate/ design lead material surge option esr t = tantalum 541 = polymer cots multiple anode d = 7 3 4 3 - 3 1 x = 7 3 4 3 - 4 3 y = 7343-40 first two digits represent signifcant fgures. third digit specifes number of zeros. m = 20% 2r5 = 2.5 v 003 = 3 v 004 = 4 v 006 = 6.3 v 010 = 10 v 016 = 16 v 020= 20 v 025 = 25 v 035 = 35 v 050 = 50 v a = n/a h = standard solder coated (snpb 5% pb minimum) 65 = no surge 66 = 10 cycles @ 25c 67 = 10 cycles -55c and 85c 10 = esr- standard 20 = esr-low 30 = esr-ultra low applications typical applications include decoupling and fltering in defense and aerospace applications that require low esr or a benign failure mode. performance characteristics item performance characteristics operating temperature -55c to 125c * rated capacitance range 22 C 1,500 f @ 120 hz/25c capacitance tolerance m tolerance (20%) rated voltage range 2.5 C 50 v df (120 hz) 8% esr (100 khz) refer to part number electrical specifcation table leakage current 0.1c v (a) at rated voltage after 5 minutes * kemets polymer cots (t540/T541 series) capacitors are rated for operation between -55c and +125c. parametric electrical performance remains within stated specifcation limits after 1,000 hours of continuous operation and/or storage at +125c. long-term duty cycles or storage at or above +125c may result in an increase in esr performance outside of the stated specifcation limits. www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 3 3 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode qualifcation test condition characteristics endurance 105c @ rated voltage, 2,000 hours 125c @ 2/3 rated voltage, 2,000 hours c/c within -20%/+10% of initial value df initial limit dcl 1.25 x initial limit @ 125oc esr 2 x il @ 105oc, 5 x il @ 125oc storage life 125c @ 0 volts, 2,000 hours c/c within -20%/+10% of initial value df within initial limits dcl within 2.0 x initial limit esr within 5.0 x initial limit humidity 60c, 90% rh, 500 hours, rated voltage 60c, 90% rh, 500 hours, no load c/c within -5%/+35% of initial value df initial limit dcl within 3.0 x initial limit temperature stability extreme temperature exposure at a succession of continuous steps at +25oc, -55oc, +25oc, +85oc, +125oc, +25oc +25c -55c +85c +125c c/c i l* 20% 20% 30% df il il 1.2 x il 1.5 x il dcl il n/a 10 x il 10 x il surge voltage 105c, 1.32 x rated voltage, 33 resistance, 1,000 cycles c/c within -20%/+10% of initial value df within initial limits dcl within initial limits esr within initial limits mechanical shock/vibration milCs td C202, method 213, condition i, 100 g peak milCs td C202, method 204, condition d, 10 hz to 2,000 hz, 20 g peak c/c within 10% of initial value df within initial limits dcl within initial limits additional qualifcation tests per milCprfC55365/8 please contact kemet for more information. *il = initial limit certifcation milCprfC55365/8 www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 4 4 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode 10 100 1,000 100 1,000 10,000 100,000 1,000,000 10,000,000 capacitance (f) frequency (hz) T541x227m016ahe040 T541x107m020ahe050 T541x107m025ahe060 T541x336m050ahe075 capacitance vs. frequency esr vs. frequency dimensions C millimeters (inches) metric will govern 15 termination cutout at kemet?s option, either end case size component eia l* w* h* f* 0.1 (0.004) s* 0.3 (0.012) b* 0.15 (ref) 0.006 x (ref) p (ref) r (ref) t (ref) a (min) g (ref) e (ref) d 7343C31 7.3 0.3 (.287 0.012) 4.3 0.3 (.169 0.012) 2.8 0.3 (.110 0.012) 2.4 (.094) 1.3 (.051) 0.5 (.020) 0.10 0.10 (.004 0.004) 0.9 (.035) 1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) 7343C43 7.3 0.3 (.287 0.012) 4.3 0.3 (.169 0.012) 4.0 0.3 (.157 0.012) 2.4 (.094) 1.3 (.051) 0.5 (.020) 0.10 0.10 (.004 0.004) 1.7 (.067) 1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) 7343C40 7.3 0.3 (.287 0.012) 4.3 0.3 (.169 0.012) 4.0 (0.157) 2.4 (.094) 1.3 (.051) 0.5 (.020) 0.10 0.10 (.004 0.004) 1.7 (.067) 1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) notes: (ref) C dimensions provided for reference only. no dimensions are provided for b, p or r because low profle cases do not have a bevel or a notch. * milCcC55365/8 specifed dimensions electrical characteristics 0.001 0.01 0.1 1 10 100 1,000 10,000 100,000 1,000,000 10,000,000 impedance & esr (ohms) frequency (hz) T541x227m016ahe040_imp T541x227m016ahe040_esr T541x107m020ahe050_imp T541x107m020ahe050_esr T541x107m025ahe060_imp T541x107m025ahe060_esr T541x336m050ahe075_imp T541x336m050ahe075_esr www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 5 5 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode table 1 C ratings & part number reference (1) to complete kemet part number, insert 65 = none, 66 = 10 cycles +25c, 67 = 10 cycles -55c and +85c. designates surge current option. please refer to ordering information for additional details. capacitance f case size kemet part number dc leakage df esr ripple current (arms) 100 khz maximum a @ 25c maximum % @ 25c 120 hz maximum m @ 25c 100 khz maximum w/t= 20c @ -55c to 105c w/t= 2c @ 125c 2.5 volt rating at 105c (1.7 volt rating at 125c) 470 d T541d477m2r5ah(1)20 118 10 6 6.5 2.1 470 d T541d477m2r5ah(1)10 118 10 10 5.0 1.6 680 y T541y687m2r5ah(1)30 170 10 5 7.3 2.3 680 y T541y687m2r5ah(1)20 170 10 6 6.6 2.1 680 y T541y687m2r5ah(1)10 170 10 10 5.1 1.6 680 d T541d687m2r5ah(1)20 170 10 6 6.5 2.1 680 d T541d687m2r5ah(1)10 170 10 10 5.0 1.6 1000 x T541x108m2r5ah(1)30 250 10 5 7.3 2.4 1000 x T541x108m2r5ah(1)20 250 10 6 6.7 2.1 1000 x T541x108m2r5ah(1)10 250 10 10 5.2 1.7 1500 x T541x158m2r5ah(1)30 375 10 5 7.3 2.4 1500 x T541x158m2r5ah(1)20 375 10 6 6.7 2.1 1500 x T541x158m2r5ah(1)10 375 10 10 5.2 1.7 3 volt rating at 105c (2 volt rating at 125c) 470 d T541d477m003ah(1)10 141 10 10 5.0 1.6 680 d T541d687m003ah(1)10 204 10 10 5.0 1.6 1000 x T541x108m003ah(1)10 300 10 10 5.2 1.7 1500 x T541x158m003ah(1)10 450 10 8 5.8 1.9 4 volt rating at 105c (2.7 volt rating at 125c) 330 d T541d337m004ah(1)20 132 10 6 6.5 2.1 330 d T541d337m004ah(1)10 132 10 10 5.0 1.6 470 d T541d477m004ah(1)10 188 10 10 5.0 1.6 470 y T541y477m004ah(1)30 188 10 5 7.3 2.3 470 y T541y477m004ah(1)20 188 10 6 6.6 2.1 470 y T541y477m004ah(1)10 188 10 10 5.1 1.6 680 x T541x687m004ah(1)30 272 10 5 7.3 2.4 680 x T541x687m004ah(1)20 272 10 6 6.7 2.1 680 x T541x687m004ah(1)10 272 10 10 5.2 1.7 1000 x T541x108m004ah(1)20 400 10 6 6.7 2.1 1000 x T541x108m004ah(1)10 400 10 10 5.2 1.7 6.3 volt rating at 105c (4.2 volt rating at 125c) 220 d T541d227m006ah(1)20 139 10 6 6.5 2.1 220 d T541d227m006ah(1)10 139 10 10 5.0 1.6 330 d T541d337m006ah(1)10 208 10 10 5.0 1.6 330 y T541y337m006ah(1)30 208 10 5 7.3 2.3 330 y T541y337m006ah(1)20 208 10 6 6.6 2.1 330 y T541y337m006ah(1)10 208 10 10 5.1 1.6 470 x T541x477m006ah(1)30 296 10 5 7.3 2.4 470 x T541x477m006ah(1)20 296 10 6 6.7 2.1 470 x T541x477m006ah(1)10 296 10 10 5.2 1.7 10 volt rating at 105c (6.6 volt rating at 125c) 150 d T541d157m010ah(1)20 150 10 6 6.5 2.1 150 d T541d157m010ah(1)10 150 10 10 5.0 1.6 220 d T541d227m010ah(1)20 220 10 6 6.5 2.1 220 d T541d227m010ah(1)10 220 10 10 5.0 1.6 220 y T541y227m010ah(1)20 220 10 6 6.6 2.1 220 y T541y227m010ah(1)10 220 10 10 5.1 1.6 330 x T541x337m010ah(1)30 330 10 5 7.3 2.4 330 x T541x337m010ah(1)20 330 10 6 6.7 2.1 330 x T541x337m010ah(1)10 330 10 10 5.2 1.7 capacitance f case size kemet part number dc leakage df esr ripple current (arms) 100 khz maximum www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 6 6 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode table 1 C ratings & part number reference (1) to complete kemet part number, insert 65 = none, 66 = 10 cycles +25c, 67 = 10 cycles -55c and +85c. designates surge current option. please refer to ordering information for additional details. derating guidelines 50% 55% 60% 65% 70% 75% 80% 85% 90% 95% 100% -55 25 45 85 105 125 % rated voltage temperature ( c) maximum transient voltage recommended application voltage vr 10v recommended application voltage vr > 10v 67% 60% 54% voltage rating maximum recommended steady state voltage maximum recommended transient voltage (1 ms C 1 s) maximum recommended steady state voltage maximum recommended transient voltage (1 ms C 1 s) -55c to 105c 105c to 125c 2.5 v v r 10 v 90% of v r v r 60% of v r 67% of v r 10 v < v r 50 v 80% of v r v r 54% of v r 67% of v r v r = rated voltage capacitance f case size kemet part number dc leakage df esr ripple current (arms) 100 khz maximum a @ 25c maximum % @ 25c 120 hz maximum m @ 25c 100 khz maximum w/t= 20c @ -55c to 105c w/t= 2c @ 125c 16 volt rating at 105c (10.7 volt rating at 125c) 150 T541x157m016ah(1)20 240 10 25 3.3 1.1 150 T541x157m016ah(1)10 240 10 40 2.6 0.8 220 T541x227m016ah(1)20 352 10 25 3.3 1.1 220 T541x227m016ah(1)10 352 10 40 2.6 0.8 330 T541x337m016ah(1)20 528 10 25 3.3 1.1 330 T541x337m016ah(1)10 528 10 50 2.3 0.7 20 volt rating at 105c (13.4 volt rating at 125c) 100 T541x107m020ah(1)10 200 10 50 2.3 0.7 25 volt rating at 105c (16.7 volt rating at 125c) 68 T541x686m025ah(1)10 170 10 50 2.3 0.7 100 T541x107m025ah(1)10 250 10 60 2.1 0.7 35 volt rating at 105c (23.4 volt rating at 125c) 33 T541x336m035ah(1)10 116 10 60 2.1 0.7 47 T541x476m035ah(1)10 165 10 60 2.1 0.7 50 volt rating at 105c (33.5 volt rating at 125c) 22 T541x226m050ah(1)10 110 10 75 1.9 0.6 33 T541x336m050ah(1)10 165 10 75 1.9 0.6 capacitance f case size kemet part number dc leakage df esr ripple current (arms) 100 khz maximum www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 7 7 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode ripple current/ripple voltage permissible ac ripple voltage and current are related to equivalent series resistance (esr) and the power dissipation capabilities of the device. permissible ac ripple voltage which may be applied is limited by two criteria: a . the positive peak ac voltage plus the dc bias voltage, if any, must not exceed the dc voltage rating of the capacitor. b . the negative peak ac voltage in combination with bias voltage, if any, must not exceed the allowable limits specifed for reverse voltage. see the reverse voltage section for allowable limits. the maximum power dissipation by case size can be determined using the below table. the maximum power dissipation rating stated in the table must be reduced with increasing environmental operating temperatures. refer to the below table for temperature compensation requirements. case code maximum power dissipation (p max) mwatts @ 45c with +30c rise kemet eia t520t/t525t/t540t/ t543t 3528C12 105 t520m/t543m 3528C15 120 t520a/t543a 3216C18 112 t520b/t525b/t540b/ t543b 3538C21 127 t520u/t543u 6032C15 135 t520l/t543l 3528C19 150 t520c/t543c 6032C28 165 t520w/t545w/t543w 7343C15 180 t520v/t521v/t522v/ t545v/t543v 7343C20 187 t520d/t521d/t525d/ t540d/t545d/t543d 7343C31 225 t520y/t522y/t525y/ t543y 7343C40 241 t520x/t521x/t545x/ t543x 7343C43 247 t545e 7260C38 345 t520h/t545h/t543h 7260C20 187 t528i 3216C10 95 t528k 3528C10 150 t528w 7343C15 325 t528z 7343C17 325 t530/T541d 7343C31 255 t530/T541y 7343C40 263 t530/T541x 7443C43 270 the maximum power dissipation rating must be reduced with increasing environmental operating temperatures. refer to the temperature compensation multiplier table for details. temperature compensation multipliers for maximum power dissipation 45c 45 c < t 85c 85c < t 125c 1.00 0.70 0.25 t= environmental temperature using the p max of the device, the maximum allowable rms ripple current or voltage may be determined. i(max) = p max/r e(max) = p max*r i = rms ripple current (amperes) e = rms ripple voltage (volts) p max = maximum power dissipation (watts) r = esr at specifed frequency (ohms) www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 8 8 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode reverse voltage polymer tantalum capacitors are polar devices and may be permanently damaged or destroyed if connected in the wrong polarity. these devices will withstand a small degree of transient voltage reversal for short periods as shown in the below table. temperature permissible transient reverse voltage 25c 15% of rated voltage 55c 10% of rated voltage 85c 5% of rated voltage 105c 3% of rated voltage 125c* 1% of rated voltage *for series rated to 125c table 2 C land dimensions/courtyard kemet metric size code density level a: maximum (most) land protrusion (mm) density level b: median (nominal) land protrusion (mm) density level c: minimum (least) land protrusion (mm) case eia x y c v1 v2 x y c v1 v2 x y c v1 v2 d 7343C31 2.55 3.75 2.70 10.20 5.50 2.45 3.35 2.60 9.10 5.00 2.35 2.95 2.50 8.20 4.70 x1 7343C43 2.55 3.75 2.70 10.20 5.50 2.45 3.35 2.60 9.10 5.00 2.35 2.95 2.50 8.20 4.70 y1 7343C35 2.55 3.75 2.70 10.20 5.50 2.45 3.35 2.60 9.10 5.00 2.35 2.95 2.50 8.20 4.70 density level a: for low-density product applications. recommended for wave solder applications and provides a wider process window for refow solder processes. density level b: for products with a moderate level of component density. provides a robust solder attachment condition for refow solder processes. density level c: for high component density product applications. before adapting the minimum land pattern variations the user should perform qualifcation testing based on the conditions outlined in ipc standard 7351 (ipcC7351). 1 height of these chips may create problems in wave soldering. www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 9 9 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode time temperature t smin 25oc to peak t l t s 25 t p t smax t l t p maximum ramp up rate = 3oc/seconds maximum ramp down rate = 6oc/seconds soldering process kemets families of surface mount capacitors are compatible with wave (single or dual), convection, ir, or vapor phase refow techniques. preheating of these components is recommended to avoid extreme thermal stress. kemet's recommended profle conditions for convection and ir refow refect the profle conditions of the ipc/jCstdC020d standard for moisture sensitivity testing. the devices can safely withstand a maximum of three refow passes at these conditions. please note that although the x/7343C43 case size can withstand wave soldering, the tall profle (4.3 mm maximum) dictates care in wave process development. hand soldering should be performed with care due to the diffculty in process control. if performed, care should be taken to avoid contact of the soldering iron to the molded case. the iron should be used to heat the solder pad, applying solder between the pad and the termination, until refow occurs. once refow occurs, the iron should be removed immediately. wiping the edges of a chip and heating the top surface is not recommended. during typical refow operations, a slight darkening of the gold- colored epoxy may be observed. this slight darkening is normal and not harmful to the product. marking permanency is not affected by this change. profle feature snpb assembly pb-free assembly preheat/soak temperature minimum (t smin ) 100c 150c temperature maximum (t smax ) 150c 200c time (t s ) from t smin to t smax ) 60 C 120 seconds 60 C 120 seconds ramp-up rate (t l to t p ) 3c/seconds maximum 3c/seconds maximum liquidous temperature (t l ) 183c 217c time above liquidous (t l ) 60 C 150 seconds 60 C 150 seconds peak temperature (t p ) 220c* 235c** 250c* 260c** time within 5c of maximum peak temperature (t p ) 20 seconds maximum 30 seconds maximum ramp-down rate (t p to t l ) 6c/seconds maximum 6c/seconds maximum time 25c to peak temperature 6 minutes maximum 8 minutes maximum note: all temperatures refer to the center of the package, measured on the package body surface that is facing up during assembly refow. *case size d, e, p, y, and x **case size a, b, c, h, i, k, m, r, s, t, u, v, w, and z construction polymer /ta 2 o 5 /ta silver adhesive carbon silver paint washer tantalum wire weld leadframe (-cathode) leadframe (+anode) www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 10 10 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode capacitor marking (ko) kemet multi - anode polymer rated voltage 158 3 k 030 km polarity indicator (+) picofarad code kemet id pwc* * 030 = 30 th week of 2010 storage all ko-cap series are shipped in moisture barrier bags with a desiccant and moisture indicator card. these series are classifed as msl3 (moisture sensitivity level 3). product contained within the moisture barrier bags should be stored in normal working environments with temperatures not to exceed 40c and humidity not in excess of 60% rh. www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 11 11 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode tape & reel packaging information kemets molded tantalum and aluminum chip capacitor families are packaged in 8 and 12 mm plastic tape on 7" and 13" reels in accordance with eia standard 481C1 : embossed carrier taping of surface mount components for automatic handling. this packaging system is compatible with all tape-fed automatic pick-and-place systems. table 3 C packaging quantity case code tape width (mm) 7" reel* 13" reel* kemet eia r 2012-12 8 2,500 10,000 i 3216-10 8 3,000 12,000 s 3216-12 8 2,500 10,000 t 3528-12 8 2,500 10,000 m 3528-15 8 2,000 8,000 u 6032-15 12 1,000 5,000 l 6032-19 12 1,000 5,000 w 7343-15 12 1,000 3,000 z 7343-17 12 1,000 3,000 v 7343-20 12 1,000 3,000 a 3216-18 8 2,000 9,000 b 3528-21 8 2,000 8,000 c 6032-28 12 500 3,000 d 7343-31 12 500 2,500 y 7343-40 12 500 2,000 x 7343-43 12 500 2,000 e/t428p 7260-38 12 500 2,000 * no c-spec required for 7" reel packaging. c-7280 required for 13" reel packaging. top tape thickness 0.10 mm (0.004") maximum thickness 8 mm (0.315") or 12 mm (0.472") 180 mm (7.0") or 330 mm (13.0") www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 12 12 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode figure 1 C embossed (plastic) carrier tape dimensions po t f w cent er line s of ca vity ao bo user direction of unre elin g cover tape ko b 1 is for tape feeder reference only, including dra ft concentric abou t b o . t 2 ?d 1 ?do b 1 s 1 t 1 e 1 e 2 p 1 p 2 embossment for c avity size, see note 1 table 4 [10 pitches cumulative tolerance on tape 0.2 mm] table 4 C embossed (plastic) carrier tape dimensions metric will govern constant dimensions millimeters (inches) tape size d 0 d 1 minimum note 1 e 1 p 0 p 2 r reference note 2 s 1 minimum note 3 t maximum t 1 maximum 8 mm 1.5 +0.10/-0.0 (0.059 +0.004/-0.0) 1.0 (0.039) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 25.0 (0.984) 0.600 (0.024) 0.600 (0.024) 0.100 (0.004) 12 mm 1.5 (0.059) 30 (1.181) 16 mm variable dimensions millimeters (inches) tape size pitch b 1 maximum note 4 e 2 minimum f p 1 t 2 maximum w maximum a 0 ,b 0 & k 0 8 mm single (4 mm) 4.35 (0.171) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 4.0 0.10 (0.157 0.004) 2.5 (0.098) 8.3 (0.327) note 5 12 mm single (4 mm) & double (8 mm) 8.2 (0.323) 10.25 (0.404) 5.5 0.05 (0.217 0.002) 8.0 0.10 (0.315 0.004) 4.6 (0.181) 12.3 (0.484) 16 mm triple (12 mm) 12.1 (0.476) 14.25 (0.561) 5.5 0.05 (0.217 0.002) 8.0 0.10 (0.315 0.004) 4.6 (0.181) 16.3 (0.642) 1. the embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location and hole location shall be applied independent of each other. 2. the tape, with or without components, shall pass around r without damage (see figure 5). 3. if s 1 < 1.0 mm, there may not be enough area for cover tape to be properly applied (see eia standard 481Cd, paragraph 4.3, section b). 4. b 1 dimension is a reference dimension for tape feeder clearance only. 5. the cavity def ned by a 0 , b 0 and k 0 shall surround the component with suff cient clearance that: (a) the component does not protrude above the top surface of the carrier tape. (b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. (c) rotation of the component is limited to 20 maximum for 8 and 12 mm tapes and 10 maximum for 16 mm tapes (see figure 3). (d) lateral movement of the component is restricted to 0.5 mm maximum for 8 mm and 12 mm wide tape and to 1.0 mm maximum for 16 mm tape (see figure 4). (e) see addendum in eia standard 481Cd for standards relating to more precise taping requirements. www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 13 13 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode packaging information performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: tape width peel strength 8 mm 0.1 to 1.0 newton (10 to 100 gf) 12 and 16 mm 0.1 to 1.3 newton (10 to 130 gf) the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia standards 556 and 624 . figure 2 C maximum component rotation ao bo t s max imum c ompon en t rota ti on t op view maxi mum co mponent rotat ion s id e view tape m ax imum width (mm) r otat io n ( t ) 8,12 20 16 ? 200 10 tap e m aximum wid th ( mm) ro tat ion ( s ) 8,12 20 16 ? 56 10 72 ? 200 5 typical pocke t cente r line typical com po nent centerline figure 3 C maximum lateral movement 0.5 mm maxi mum 0.5 mm maxi mum 8 mm & 1 2 mm tape 1.0 mm maxi mum 1.0 mm maxi mum 1 6 mm tape figure 4 C bending radius r r b en ding radius e mbo ssed carrier p unc hed ca rrier www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 14 14 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode figure 5 C reel dimensions a d (see note) full radi us, see note b (see note) access hole at slot location (? 40 mm minimum) if present, tape slot in core for t ap e start: 2.5 mm minimum width x 10.0 mm minimum depth w 3 (includes flange distortion at outer edge) w 2 (m ea sured at hu b) w 1 (m ea sured at hu b) c (arbor hole diameter) note: drive spokes optional; if used, dimensions b and d shall apply. n table 5 C reel dimensions metric will govern constant dimensions millimeters (inches) tape size a b minimum c d minimum 8 mm 178 0.20 (7.008 0.008) or 330 0.20 (13.000 0.008) 1.5 (0.059) 13.0 +0.5/-0.2 (0.521 +0.02/-0.008) 20.2 (0.795) 12 mm 16 mm variable dimensions millimeters (inches) tape size n minimum w 1 w 2 maximum w 3 8 mm 50 (1.969) 8.4 +1.5/-0.0 (0.331 +0.059/-0.0) 14.4 (0.567) shall accommodate tape width without interference 12 mm 12.4 +2.0/-0.0 (0.488 +0.078/-0.0) 18.4 (0.724) 16 mm 16.4 +2.0/-0.0 (0.646 +0.078/-0.0) 22.4 (0.882) www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 15 15 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode figure 6 C tape leader & trailer dimensions trailer 16 0 mm minimum carrier t ape end start rou nd sp rock et holes el ongated spro ck et holes ( 32 mm tape and wi de r) t op co ve r t ape top c ove r t ape p unche d carrier 8 mm & 12 mm only e mboss ed carrier components 100 mm minimum leader 400 mm minimum figure 7 C maximum camber carrier tape round sprocket holes 1 mm ma ximum , either direction straight edge 250 mm elongated sprocket holes (32 mm & wider ta pe s) www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 16 16 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america southeast lake mary, fl tel: 407-855-8886 northeast wilmington, ma tel: 978-658-1663 west chester, pa tel: 610-692-4642 central novi, mi tel: 248-994-1030 carmel, in tel: 317-706-6742 west milpitas, ca tel: 408-433-9950 mexico zapopan, jalisco tel: 52-33-3123-2141 europe southern europe geneva, switzerland tel: 41-22-715-0100 paris, france tel: 33-1-4646-1009 sasso marconi, italy tel: 39 - 051-939111 milan, italy tel: 39-02-57518176 rome, italy tel: 39-06-23231718 madrid, spain tel: 34-91-804-4303 central europe landsberg, germany tel: 49-8191-3350800 dortmund, germany tel: 49-2307-3619672 kwidzyn, poland tel: 48-55-279-7025 northern europe bishops stortford, united kingdom tel: 44-1279-757201 weymouth, united kingdom tel: 44-1305-830747 coatbridge, scotland tel: 44-1236-434455 f?rjestaden, sweden tel: 46-485-563934 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5829-1711 shanghai, china tel: 86-21-6447-0707 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6586-1900 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 17 17 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode other kemet resources tools resource location conf gure a part: capedge http://capacitoredge.kemet.com spice & fit software http://www.kemet.com/spice search our faqs: knowledgeedge http://www.kemet.com/keask product information resource location products http://www.kemet.com/products technical resources (including soldering techniques) http://www.kemet.com/technicalpapers rohs statement http://www.kemet.com/rohs quality documents http://www.kemet.com/qualitydocuments product request resource location sample request http://www.kemet.com/sample engineering kit request http://www.kemet.com/kits contact resource location website www.kemet.com contact us http://www.kemet.com/contact investor relations http://www.kemet.com/ir call us 1-877-mykemet twitter http://twitter.com/kemetcapacitors disclaimer all product specif cations, statements, information and data (collectively, the information) are subject to change without notice. all information given herein is believed to be accurate and reliable, but is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute C and we specif cally disclaim C any warranty concerning suitability for a specif c customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained. although we design and manufacture our products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicated or that other measures may not be required. www.datasheet.net/ datasheet pdf - http://www..co.kr/
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t 2023_T541 ? 7/24/2012 18 18 tantalum surface mount capacitors high reliability kemet organic capacitor (ko-cap) C T541 polymer commercial off-the-shelf (cots) multiple anode www.datasheet.net/ datasheet pdf - http://www..co.kr/


▲Up To Search▲   

 
Price & Availability of T541

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X