Part Number Hot Search : 
MBA0204 DP68H8B STRLP 1FM44 UPC592 LC552 E1500 LT1033CP
Product Description
Full Text Search
 

To Download SST112SOT-23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  click to buy information furnished by linear integrated systems and micross components is believed to be accurate and reliable. however, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of linear integrated systems. features ? direct ? replacement ? for ? siliconix ? sst112 ? low ? gate ? leakage ? current ? 5pa ? fast ? switching ? t ( on ) ?? 4ns ? absolute ? maximum ? ratings ? @ ? 25c ? (unless ? otherwise ? noted) ? maximum ? temperatures ? storage ? temperature ?\ 55c ? to ? +150c ? operating ? junction ? temperature ?\ 55c ? to ? +135c ? maximum ? power ? dissipation ? continuous ? power ? dissipation ?? 350mw ? maximum ? current gate ? current ? (note ? 1) ? 50ma ? maximum ? voltages ? gate ? to ? drain ? voltage ? v gds ? = ?\ 35v ? gate ? to ? source ? voltage ? v gss ? = ?\ 35v ? ?? sst112 ? electrical ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) symbol ? characteristic ? min ? typ. ? max ? units ? conditions ? bv gss ? gate ? to ? source ? breakdown ? voltage ?\ 35 ? \\? \\? ? ? v ? i g ? = ? 1a, ??? v ds ? = ? 0v ? v gs ( off ) ? gate ? to ? source ? cutoff ? voltage ?\ 1 ? \\? \ 5 ? v ds ? = ? 5v, ? i d ? = ? 1a ? v gs ( f ) ? gate ? to ? source ? forward ? voltage ? \\? 0.7 ? \\? i g ? = ? 1ma, ??? v ds ? = ? 0v ? i dss ? drain ? to ? source ? saturation ? current ? (note ? 2) ? 5 ? \\? \\? ma ? v ds ? = ? 15v, ? v gs ? = ? 0v ? i gss ? gate ? reverse ? current ? \\? \ 0.005 ?\ 1 ? na ? v gs ? = ?\ 15v, ?? v ds ? = ? 0v ? i g ? gate ? operating ? current ? \\? \ 0.5 ? \\? pa ? v dg ? = ? 15v, ?? i d ? = ? 10ma ? i d ( off ) ? drain ? cutoff ? current ? \\? ? 0.005 ? 1 ? na ? v ds ? = ? 5v, ? v gs ? = ?\ 10v ? r ds ( on ) ? drain ? to ? source ? on ? resistance ? \\? \\? 50 ?? i g ? = ? 1ma, ?? v ds ? = ? 0v ? ? ? ???? ? sst112 ? dynamic ? electrical ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) ? symbol ? characteristic ? min ? typ. ? max ? units ? conditions ? g fs ? forward ? transconductance ? \\? 6 ? \\? ms ? v ds ? = ? 20v, ?? i d ? = ? 1ma ? , ? f ? = ? 1khz ? g os ? output ? conductance ? \\? 25 ? \\? s ? r ds ( on ) ? drain ? to ? source ? on ? resistance ? \\? \\? 50 ?? v gs ? = ? 0v, ? i d ? = ? 0ma, ?? f ? = ? 1khz ? c iss ? input ? capacitance ? \\? 7 ? 12 ? pf ? v ds ? = ? 0v, ? v gs ? = ?\ 10v, ? f ? = ? 1mhz ? ? c rss ? reverse ? transfer ? capacitance ? \\? 3 ? 5 ? e n ? equivalent ? noise ? voltage ? \\? 3 ? \\? nv/ hz ? v dg ? = ? 10v, ?? i d ? = ? 1ma ? , ? f ? = ? 1khz ? ? ? ???? ? sst112 ? switching ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) ? symbol ? characteristic ?? units ? conditions ? t d(on) ? turn ? on ? time ? 2 ?? ? ns ? v dd ? = ? 10v ? v gs (h) ? = ? 0v ? ? see ? switching ? circuit ? t r ? turn ? on ? rise ? time ? 2 ? t d(off) ? turn ? off ? time ? 6 ? t f ? turn ? off ? fall ? time ? 15 ? ??????????????????????????????????????????????????????????????? ????????????????????????????????????????????????? ? sst112 ? switching ? circuit ? parameters ??????????????????????????????????????????????????????????????? ?????????????????????????????????????????????????????????? ? v gs(l) ?\ 7v ?? r l ? 1600 ? ? i d(on) ? 6ma ?? ??? ??? ??? ??? ??? sst112 n-channel jfet linear s y stems re p laces discontinued siliconix sst112 this n-channel jfet is optimised for low noise high performance switching. the part is particularly suitable for use in low noise audio amplifiers. the sot-23 package is well suited for cost sensitive applications and mass production. ( see packa g in g information ) . sst112 applications: ? analog switches ? commutators ? cho pp ers sst112 benefits: ? short sample & hold aperture time ? low insertion loss ? low noise micross components europe available packages: sst112 in sot-23 sst112 in bare die. please contact micross for full package and die dimensions note ? 1 ?\? absolute ? maximum ? ratings ? are ? limiting ? values ? above ? which ? sst112 serviceability ? may ? be ? impaired. ?? note ? 2 ? ? pulse ? test: ? pw ? 300 ? s, ? duty ? cycle ?? 3% tel: +44 1603 788967 email: chipcomponents@micross.com web: http://www.micross.com/distribution switching ? test ? circuit sot-23 (top view)


▲Up To Search▲   

 
Price & Availability of SST112SOT-23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X