Part Number Hot Search : 
M8400 TCS3414 6006A 7S471K 0724157 50020 DSP563 ESDAVLC
Product Description
Full Text Search
 

To Download SST110SOT-23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  click to buy information furnished by linear integrated systems and micross components is believed to be accurate and reliable. however, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of linear integrated systems. features ? direct ? replacement ? for ? siliconix ? sst110 ? low ? on ? resistance ? r ds ( on ) ? ? 18 ? fast ? switching ? t ( on ) ?? 4ns ? absolute ? maximum ? ratings ? @ ? 25c ? (unless ? otherwise ? noted) ? maximum ? temperatures ? storage ? temperature ?\ 55c ? to ? +150c ? operating ? junction ? temperature ?\ 55c ? to ? +150c ? maximum ? power ? dissipation ? continuous ? power ? dissipation ?? 350mw ? maximum ? current gate ? current ? (note ? 1) ? 50ma ? maximum ? voltages ? gate ? to ? drain ? voltage ? v gds ? = ?\ 25v ? gate ? to ? source ? voltage ? v gss ? = ?\ 25v ? ?? sst110 ? electrical ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) symbol ? characteristic ? min ? typ. ? max ? units ? conditions ? bv gss ? gate ? to ? source ? breakdown ? voltage ?\ 25 ? \\? \\? ? ? v ? i g ? = ? 1a, ??? v ds ? = ? 0v ? v gs ( off ) ? gate ? to ? source ? cutoff ? voltage ?\ 0.5 ? \\? \ 4 ? v ds ? = ? 5v, ? i d ? = ? 1a ? v gs ( f ) ? gate ? to ? source ? forward ? voltage ? \\? 0.7 ? \\? i g ? = ? 1ma, ??? v ds ? = ? 0v ? i dss ? drain ? to ? source ? saturation ? current ? (note ? 2) ? 10 ? \\? \\? ma ? v ds ? = ? 15v, ? v gs ? = ? 0v ? i gss ? gate ? reverse ? current ? \\? \ 0.01 ?\ 3 ?? na ? v gs ? = ?\ 15v, ?? v ds ? = ? 0v ? i g ? gate ? operating ? current ? \\? \ 0.01 ? \\? v dg ? = ? 10v, ?? i d ? = ? 10ma ? i d ( off ) ? drain ? cutoff ? current ? \\? ? 0.02 ? 3 ? v ds ? = ? 5v, ? v gs ? = ?\ 10v ? r ds ( on ) ? drain ? to ? source ? on ? resistance ? \\? \\? 18 ?? v gs ? = ? 0v, ?? v ds ?? 0.1v ? ? ? ???? ? sst110 ? dynamic ? electrical ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) ? symbol ? characteristic ? min ? typ. ? max ? units ? conditions ? g fs ? forward ? transconductance ? \\? 17 ? \\? ms ? v ds ? = ? 5v, ?? i d ? = ? 10ma ? , ? f ? = ? 1khz ? g os ? output ? conductance ? \\? 0.6 ? \\? r ds ( on ) ? drain ? to ? source ? on ? resistance ? \\? \\? 18 ?? v gs ? = ? 0v, ? i d ? = ? 0a, ?? f ? = ? 1khz ? c iss ? input ? capacitance ? \\? 60 ? \\? ? pf ? v ds ? = ? 0v, ? v gs ? = ? 0v, ? f ? = ? 1mhz ? c rss ? reverse ? transfer ? capacitance ? \\? 11 ? \\? v ds ? = ? 0v, ? v gs ? = ?\ 10v, ? f ? = ? 1mhz ? e n ? equivalent ? noise ? voltage ? \\? 3.5 ? \\? nv/ hz ? v ds ? = ? 5v, ?? i d ? = ? 10ma ? , ? f ? = ? 1khz ? ? ? ???? ? sst110 ? switching ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) ? symbol ? characteristic ?? units ? conditions ? t d(on) ? turn ? on ? time ? 3 ?? ? ns ? v dd ? = ? 1.5v ? v gs (h) ? = ? 0v ? ? see ? switching ? circuit ? t r ? turn ? on ? rise ? time ? 1 ? t d(off) ? turn ? off ? time ? 4 ? t f ? turn ? off ? fall ? time ? 18 ? ??????????????????????????????????????????????????????????????? ????????????????????????????????????????????????? ? sst110 ? switching ? circuit ? parameters ??????????????????????????????????????????????????????????????? ?????????????????????????????????????????????????????????? ? v gs(l) ?\ 5v ?? r l ? 150 ? ? i d(on) ? 10ma ?? ??? ??? ??? ??? ??? sst110 n-channel jfet linear s y stems re p laces discontinued siliconix sst110 this n-channel jfet is optimised for low noise high performance switching. the part is particularly suitable for use in low noise audio amplifiers. the sot-23 package is well suited for cost sensitive applications and mass production. ( see packa g in g information ) . sst110 applications: ? analog switches ? commutators ? cho pp ers sst110 benefits: ? low on resistance ? low insertion loss ? low noise micross components europe available packages: sst110 in sot-23 sst110 in bare die. please contact micross for full package and die dimensions note ? 1 ?\? absolute ? maximum ? ratings ? are ? limiting ? values ? above ? which ? sst110 serviceability ? may ? be ? impaired. ?? note ? 2 ? ? pulse ? test: ? pw ? 300 ? s, ? duty ? cycle ?? 3% tel: +44 1603 788967 email: chipcomponents@micross.com web: http://www.micross.com/distribution switching ? test ? circuit sot-23 (top view)


▲Up To Search▲   

 
Price & Availability of SST110SOT-23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X