Part Number Hot Search : 
TDA821 DG202D N03LS 1N3507A LXO108 IR3312 SMB43A E712545
Product Description
Full Text Search
 

To Download SM1200B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SM1200B voltage 200 v 1.0 a schottky barrier rectifiers 09-jul-2010 rev. a page 1 of 2 do-214aa (smb) .220(5.59) .200(5.08) .185(4.70) .160(4.06) .012(0.31) .006(0.15) .083(2.11) .075(1.91) .096(2.44) .083(2.13) .050(1.27) .030(0.76) .155(3.94) .130(3.30) .008 (.203) max. dimens ions in inche s and (millimeters ) rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? ideal for surface mount applications ? easy pick and place ? built-in strain relief ? low forward voltage drop packaging information ? case: molded plastic ? epoxy: ul 94v-0 rate flame retardant ? metallurgically bonded construction ? polarity: color band denotes cathode end ? mounting position: any maximum ratings and electrical characteristics rating 25c ambient temperatur e unless otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number symbol SM1200B units maximum recurrent peak reverse voltage working peak reverse voltage maximum dc blocking voltage v rrm v rwm v r 200 200 200 v maximum average forward rectified current see fig. 1 i f(av) 1.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 25 a maximum instantaneous forward voltage @ i f =1a t a =25 c (note: 3) @ i f =1a t a =125 c v f 0.9 0.72 v maximum dc reverse current @ t a = 25 c at rated dc blocking voltage @ t a = 125 c (note: 3) i r 30 5 ua ma typical junction capacitance (note1) c j 50 pf typical thermal resistance r jl 25 c/w operating temperature range t j -50 ~ + 150 c storage temperature t stg -65 ~ + 175 c notes: 1. measured at 1mhz and applied reverse voltage of 4.0 v d.c. 2. thermal resistance junction to lead. 3. pulse test: 300us pulse width, 1% duty cycle
elektronische bauelemente sm1200a voltage 200 v 1.0 a schottky barrier rectifiers 0 9-jul -2010 rev. a page 2 of 2 ratings and characteristic curves tj, junction temperature ( 
) a verage forward current (a) typical forward current derating curve 1.5 1.0 0.1 0 20 50 100 150 190 5p 5p 0.5 0.01 0.1 1 10 instantaneous forward current (a) forward voltage (v) typical forward characteristic 0.6 0.7 0.8 0.9 1.0 1.1 5b5e
5e5`
5a5`5`
5g5e
5a5b5e
maximum non- repetitive forward surge current number of cycles at 60hz peak forwad surge current (a) 0 10 20 30 40 50 0 10 100 8.3ms single half sine wave jedec method tj=25 
junction capacitance (pf) revise voltage (%) typical junction capacitance 0 20 40 50 60 0 1 10 100 0.01 0.1 1 10 100 160 40 80 120 200 10 reverse voltage(v) 5p 5p typical reverse characteristic reverse curren t(ua) 5b5e
5e5`
5g5e
5a5`5`
5a5b5e


▲Up To Search▲   

 
Price & Availability of SM1200B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X