Part Number Hot Search : 
PM070WU2 E1309 MC949G 17P06 ESD7331 15111 SVF7N60F APHK1608
Product Description
Full Text Search
 

To Download RM2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rm 10/rm 2/ro 2 series 200v-600v 1.2a-2.0a 1 of 1 web site: www.taychipst.com e-mail: sales@taychipst.com rectifier d iodes 0 25 50 75 100 125 150 0 0.3 0.6 0.9 1.2 1.5 rm10z rm10 rm10a rm10b 0 25 50 75 100 125 150 0 0.3 0.6 0.9 1.2 1.5 0.4 0.6 0.8 1.0 1.2 0.2 t a 150 c = 60 c 100 c 25 c 0.05 0.1 0.5 1.0 5.0 0.5 0.6 0.7 0.8 0.9 1.0 1.1 0.05 0.1 0.5 1.0 5.0 0.5 0.6 0.7 0.8 0.9 1.0 1.1 0 1 5 50 10 20ms i fsm (a) 50 rm10z rm10 rm10a rm10b 1 5 50 10 20ms i fsm (a) 1 5 50 10 20ms i fsm (a) 100 150 0 20 100 0 20 62.5 0.7 7.2 0.2 4.0 0.2 0.78 0.05 62.5 0.7 7.2 0.2 4.0 0.2 0.98 0.05 80 60 40 40 60 80 0 25 50 75 100 125 150 0 0.3 0.6 0.9 1.2 1.5 rm 10 series rm 2 series ro 2 series 1 10 50 0.1 0.01 0.001 l =15mm l =15mm p.c.b 1801001.6 t solder 10mm copper foil parameter type no. absolute maximum ratings v rm (v) i f (av) (a) i fsm (a) v f (v) i f (a) v r = v rm max i r ( a) i r (h) ( a) tj ( c) tstg ( c) max electrical characteristics (ta = 25 c) (g) mass others rm 10z 200 rm 10 400 rm 10a 600 rm 10b 800 rm 2z 200 rm 2 400 rm 2a 600 rm 2b 800 rm 2c 1000 ro 2z 200 ro 2 400 ro 2a 600 ro 2b 800 ro 2c 1000 1.5 1.5 10 50 15 0.4 120 1.2 150 1.2 100 0.91 a ?0 to +150 1.5 10 50 12 0.6 0.91 b ?0 to +150 1.2 80 1.5 10 50 12 0.61 0.92 ?0 to +150 t a 130 c = 25 c 100 c t a 130 c = 25 c 100 c fig. 50hz half-cycle sinewave single shot forward voltage v f (v) forward current i f (a) v f ? f characteristics (typical) ambient temperature ta ( c) overcurrent cycles i fms rating peak forward surge current i fsm (a) average forward current i f (av) (a) ta i f(av) derating forward voltage v f (v) forward current i f (a) v f ? f characteristics (typical) ambient temperature ta ( c) overcurrent cycles i fms rating peak forward surge current i fsm (a) average forward current i f (av) (a) ta i f(av) derating forward voltage v f (v) forward current i f (a) v f ? f characteristics (typical) ambient temperature ta ( c) overcurrent cycles i fms rating peak forward surge current i fsm (a) average forward current i f (av) (a) ta i f(av) derating external dimensions (unit: mm) flammability: ul94v-0 or equivalent a fig. b fig. cathode mark cathode mark v r = v rm ta = 100 c max ( c/ w) rth (j- )


▲Up To Search▲   

 
Price & Availability of RM2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X