Part Number Hot Search : 
LX1792 SMC5K13A 3M500 00505 AD850 1N5072 S1200 KBPC1
Product Description
Full Text Search
 

To Download PI74ALVC162835FD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ps8474 04/25/00 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1 2345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012 12345678901 2 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 product features ? PI74ALVC162835FD is designed for low voltage operation, v cc = 2.3v to 3.6v ? data inputs have clamp diodes to v cc ? outputs have equivalent 26 w series resistors ? supports pc133 registered dimm ? typical v olp (output ground bounce) < 0.8v at v cc = 3.3v, t a = 25c ? typical v ohv (output v oh undershoot) < 2.0v at v cc = 3.3v, t a = 25c ? industrial operation at ?40c to +85c ? packages available: ? 56-pin 240 mil wide plastic tssop (a) ? 56-pin 173 mil wide plastic tvsop (k6) ? 56-pin 300 mil wide plastic ssop (v) PI74ALVC162835FD 18-bit universal bus driver with 3-state outputs logic block diagram product description pericom semiconductor?s pi74alvc series of logic circuits are produced using the company?s advanced 0.5 micron cmos technology, achieving industry leading speed. the 18-bit PI74ALVC162835FD universal bus driver is designed for 2.3v to 3.6v v cc operation. data flow from a to y is controlled by output enable (oe). the device operates in the transparent mode when le is high. the a data is latched if clk is held at a high or low logic level. if le is low, the a-bus is stored in the latch/flip-flop on the low-to-high transition of clk. when oe is high, the outputs are in the high- impedance state. to ensure the high-impedance state during power up or power down, oe should be tied to v cc through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. to 17 other channels clk le a1 54 28 30 oe 27 1d c1 clk y1 3
2 ps8474 04/25/00 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 PI74ALVC162835FD 18-bit universal bus driver with 3-state outputs s t u p n i s t u p t u o y e oe lk l ca hxxxz lhxll lhxhh ll - ll ll - hh llhxo y ) 2 ( lllxo y ) 3 ( pin name description oe output enable input (active low) le latch enable clk clock input a data input y data output gnd ground v cc power 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 25 26 27 28 32 31 30 29 product pin description truth table (1)? notes: 1. h = high signal level l = low signal level z = high impedance - = transition low-to-high x = irrelevant 2. output level before the indicated steady-state input conditions were established, provided that clk is high before le goes low. 3. output level before the indicated steady-state input conditions were established. product pin configuration gnd nc a1 gnd a2 a3 v cc a4 a5 a6 gnd a7 a8 a9 a10 a11 a12 gnd a13 a14 a15 vcc a16 a17 gnd a18 clk gnd nc nc y1 gnd y2 y3 v cc y4 y5 y6 gnd y7 y8 y9 y10 y11 y12 gnd y13 y14 y15 v cc y16 y17 gnd y18 oe le 56-pin a,k,v
3 ps8474 04/25/00 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 PI74ALVC162835FD 18-bit universal bus driver with 3-state outputs storage temperature ......................................................... ?65c to +150c ambient temperature with power applied ....................... ?40c to +85c input voltage range, v in ................................................. ?0.5v to v cc +0.5v output voltage range, v out .......................................... ?0.5v to v cc +0.5v dc input voltage ................................................................ ?0.5v to +5.0v dc output current ............................................................................ 100ma power dissipation ................................................................................ 1.0w note: stresses greater than those listed under maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indi- cated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. maximum ratings (above which the useful life may be impaired. for user guidelines, not tested.) note: 1. unused control inputs must be held high or low to prevent them from floating. recommended operating conditions (1) s r e t e m a r a pn o i t p i r c s e ds n o i t i d n o c t s e t. n i m. p y t. x a ms t i n u v c c e g a t l o v y l p p u s3 . 26 . 3 v v h i e g a t l o v h g i h t u p n i v c c v 7 . 2 o t v 3 . 2 =7 . 1 v c c v 6 . 3 o t v 7 . 2 =0 . 2 v l i e g a t l o v w o l t u p n i v c c v 7 . 2 o t v 3 . 2 =7 . 0 v c c v 6 . 3 o t v 7 . 2 =8 . 0 v n i e g a t l o v t u p n i0v c c v t u o e g a t l o v t u p t u o0v c c i h o t n e r r u c t u p t u o l e v e l - h g i h v c c v 3 . 2 =6 ? a m v c c v 7 . 2 =8 ? v c c v 0 . 3 =2 1 ? i l o t n e r r u c t u p t u o l e v e l - w o l v c c v 3 . 2 =6 v c c v 7 . 2 =8 v c c v 0 . 3 =2 1 t a e r u t a r e p m e t r i a - e e r f g n i t a r e p o0 4 ?5 8c
4 ps8474 04/25/00 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 PI74ALVC162835FD 18-bit universal bus driver with 3-state outputs dc electrical characteristics (over the operating range, t a = ?40c to +85c, v cc = 3.3v 10%) notes: 1. for max. or min. conditions, use appropriate value specified under electrical characteristics for the applicable device typ e. 2. typical values are at v cc = 3.3v, +25c ambient and maximum loading. 3. for i/o ports, the i oz includes the input leakage current. r e t e m a r a ps n o i t i d n o cv c c ) 1 ( . n i m ) 1 ( . p y t ) 2 ( . x a m ) 1 ( s t i n u v h o i h o 0 0 1 ? = m a. x a m o t . . n i mv c c 2 . 0 - v i h o a m 4 ? =v h i v 7 . 1 =v 3 . 29 . 1 i h o a m 6 ? = v h i v 7 . 1 =v 3 . 27 . 1 v h i v 0 . 2 =v 0 . 34 . 2 i h o a m 8 ? =v h i v 0 . 2 =v 7 . 20 . 2 i h o a m 2 1 ? =v h i v 0 . 2 =v 0 . 30 . 2 v l o i h o 0 0 1 = m a. x a m o t . . n i m2 . 0 i h o a m 4 =v l i v 7 . 0 =v 3 . 24 . 0 i h o a m 6 = v l i v 7 . 0 =v 3 . 25 5 . 0 v l i v 8 . 0 =v 0 . 35 5 . 0 i h o a m 8 =v l i v 8 . 0 =v 7 . 26 . 0 i h o a m 2 1 =v l i v 8 . 0 =v 0 . 38 . 0 i i v i v = c c d n g r ov 6 . 35 a m i z o v o v = c c d n g r ov 6 . 35 i c c v i v = c c d n g r ov 6 . 30 4 d i c c v t a t u p n i e n o c c , v 6 . 0 - v a s t u p n i r e h t o c c d n g r o v 6 . 3 o t v 30 5 7 c i s t u p n i s l o r t n o cv i v = c c d n g r ov 3 . 30 . 4 f p t u p n i a t a dv o v = c c d n g r ov 3 . 35 . 5 c o s t u p t u ov o v = c c d n g r ov 3 . 30 . 5
5 ps8474 04/25/00 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 PI74ALVC162835FD 18-bit universal bus driver with 3-state outputs s r e t e m a r a p m o r f ) t u p n i ( o t ) t u p t u o ( v c c v 2 . 0 v 5 . 2 =v c c v 7 . 2 =v c c v 3 . 0 v 3 . 3 = s t i n u . n i m. x a m. n i m. x a m. n i m. x a m f x a m 0 5 10 5 10 5 1z h m t d p ay 1 5 51 2 . 4 s n t d p e ly 3 . 19 . 58 . 53 . 11 . 5 t d p k l cy4 . 13 . 61 . 64 . 15 . 3 t n e e oy 4 . 13 . 65 . 61 . 15 . 5 t s i d e oy1 9 . 49 . 43 . 15 . 4 switching characteristics over operating range (1) pericom semiconductor corporation 2380 bering drive ? san jose, ca 95131 ? 1-800-435-2336 ? fax (408) 435-1100 ? http://www.pericom.com notes: 1. unused control inputs must be held high or low to prevent them from floating. operating characteristics, t a = 25c s r e t e m a r a p t s e t s n o i t i d n o c v c c v 2 . 0 v 5 . 2 =v c c v 3 . 0 v 3 . 3 = s t i n u l a c i p y tl a c i p y t c d p n o i t a p i s s i d r e w o p e c n a t i c a p a c d e l b a n e s t u p t u o c l , f p 0 = z h m 0 1 = f 5 . 5 30 4 f p d e l b a s i d s t u p t u o5 . 2 14 1 timing requirements over operating range note: 1. unused control inputs must be held high or low to prevent them from floating. s r e t e m a r a pn o i t p i r c s e d v c c v 2 . 0 v 5 . 2 =v c c v 7 . 2 =v c c v 3 . 0 v 3 . 3 = s t i n u . n i m. x a m. n i m. x a m. n i m. x a m f k c o l c y c n e u q e r f k c o l c00 5 100 5 10 0 5 1z h m t w e s l u p n o i t a r u d h g i h e l3 . 33 . 33 . 3 s n w o l r o h g i h k l c3 . 33 . 33 . 3 t u s p u t e s e m i t k l c e r o f e b a t a d - 2 . 21 . 21 e l e r o f e b a t a d h g i h k l c ,9 . 16 . 15 . 1 e l e r o f e b a t a d w o l k l c ,3 . 11 . 11 t h e m i t d l o h k l c r e t f a a t a d - 6 . 06 . 06 . 0 e l r e t f a a t a d w o l r o h g i h k l c ,4 . 17 . 14 . 1 d / t d v ) 1 ( l l a f r o e s i r n o i t i s n a r t t u p n i00 100 10 0 1v / s n


▲Up To Search▲   

 
Price & Availability of PI74ALVC162835FD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X