Part Number Hot Search : 
5KE91 26220 SK353 1N1202A 13N10 3488E MA64FAG AM7381P
Product Description
Full Text Search
 

To Download PHE426HR7470JR06L2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rohs complian t 100 250 300 400 450 630 1000 1600 2000 63 160 160 220 220 250 250 650 700 0.001 0.001 0.033 0.001 0.1 0.001 0.0027 0.0047 0.001 C0.22 C27 C18 C10 C3.9 C5.6 C3.3 C0.047 C0.027 in accordance with iec e12 series 5%, other tolerances on request C55 ... +105c +85c the rated voltage is decreased with 1.3%/c between +85c and +105c. iec 60068-1, 55/105/56/b category b according to iec 60065 du/dt according to article table for peak to peak voltages lower than rated voltage (u pp < u r ), the specifed du/dt can be multiplied by the factor u r /u pp. C200 (+50, C100) ppm/c (at 1 khz) approximately 6 nh/cm for the total length of capacitor winding and the leads. maximum values at +23c c 0.1 f 0.1f < c 1.0 f c > 1.0 f 1 khz 0.05% 0.05% 0.10% 10 khz C 0.10% 100 khz 0.25% C C measured at +23c, 100 vdc 60 s for u r < 500 vdc and at 500 vdc for u r 500 vdc between terminals: c 0.33 f: 100 000 m ? c > 0.33 f: 30 000 s between terminals and case: 100 000 m ? . phe426 ? s ingle metallized flm pulse capacitor, polypropylene dielectric ? a ccording to iec 60384-16, grade 1.1 typical applic ations construction technical data pulse operation in smps, tv, monitor, electrical ballast and other high frequency applications demanding stable operation. polypropylene flm capacitor with vacuum evaporated aluminum electrodes. radial leads of tinned wire are electrically welded to the contact metal layer on the ends of the capacitor winding. encapsulation in self-extinguishing material meeting the requirements of ul 94v-0. two different winding constructions are used, depending on voltage and lead spacing. they are specifed in the article table. rated voltage u r , vdc rated voltage u r , vac capacitance range, f capacitance values capacitance tolerance c ategory temperature range r ated temperature v oltage derating climatic category passive fammability maximum pulse steepness: t emperature coeffcient self-inductance dissipation factor tan i nsulation resistance p d std i max i b 5.0 0.4 0.5 5 -1 20 0.4 7.5 0.4 0.6 5 -1 20 0.4 10.0 0.4 0.6 5 -1 30 0.4 15.0 0.4 0.8 6 -1 30 0.4 22.5 0.4 0.8 6 -1 30 0.4 27.5 0.4 0.8 6 -1 30 0.4 37.5 0.5 1.0 6 -1 30 0.7 l h b p l ? d 0.5 b 1 section construction 2 section construction
 evox rifa leaded film capacitors der ating of u rms vs frequency , +85c ambient temper ature and 10c internal he ating, typical v alues phe426 environme ntal te st data according to iec 60384-16, grade 1.1 and quality tests and requirements for pulse capacitors on page 95. marking ? rifa ? article code ? rated capacitance according to iec 60062 ? capacitance tolerance code ? rated voltage ? manufacturing code (year, month) ordering infor mation the article code for the standard part is given in the article table. for other options, see page 11. m ore simulation possibilities in pccad software package. see page 94. 100 0.1 1.0 10 100 10 0.012 f 0.056 f 0.22 f 0.82 f 2.5 f u rms (v) 400 vdc/450 vdc/220 vac frequency (khz) 100 0.1 1.0 10 100 10 0.022 f 0.068 f 0.27 f 1 f u rms (v) frequency (khz) 630 vdc/250 vac u rms (v) 1000 vdc/250 vac frequency (khz) 0.68 f 2.2 f 4.7 f 0.1 f 0.039 f u rms (v) 100 10 0.1 1.0 10 100 1 300 vdc/160 vac frequency (khz) 100 10 0.1 1.0 10 100 1 0.1 f 0.33 f 2.2 f 4.7 f u rms (v) 250 vdc/160vac frequency (khz) u rms (v) 1600 vdc/650 vac frequency (khz) 1000 100 0.0047f 0.022f 0.047f 10 0.1 1.0 10.0 100.0 1000.0 1 u rms (v) 2000 vdc/700 vac frequency (khz) 1000 100 10 0.1 1.0 10.0 100.0 1000.0 1 0.001f 0.0047f 0.022f
250 vdc/160 vac (1 section ) lead sp acing 7.5 mm 0.0010 k01 4.0 8.0 10.0 180 160 phe426hk4100jr05 0.0012 k01 4.0 8.0 10.0 180 160 phe426hk4120jr05 0.0015 k01 4.0 8.0 10.0 180 160 phe426hk4150jr05 0.0018 k01 4.0 8.0 10.0 180 160 phe426hk4180jr05 0.0022 k01 4.0 8.0 10.0 180 160 phe426hk4220jr05 0.0027 k01 4.0 8.0 10.0 180 160 phe426hk4270jr05 0.0033 k01 4.0 8.0 10.0 180 160 phe426hk4330jr05 0.0039 k01 4.0 8.0 10.0 180 160 phe426hk4390jr05 0.0047 k01 4.0 8.0 10.0 180 160 phe426hk4470jr05 0.0056 k01 4.0 8.0 10.0 180 160 phe426hk4560jr05 0.0068 k01 4.0 8.0 10.0 180 160 phe426hk4680jr05 0.0082 k01 4.0 8.0 10.0 180 160 phe426hk4820jr05 0.010 k01 4.0 8.0 10.0 180 160 phe426hk5100jr05 0.012 k01 4.0 8.0 10.0 180 160 phe426hk5120jr05 0.015 k01 4.0 8.0 10.0 180 160 phe426hk5150jr05 0.018 k01 4.0 8.0 10.0 180 160 phe426hk5180jr05 0.022 k01 4.0 8.0 10.0 180 160 phe426hk5220jr05 0.027 k01 4.0 8.0 10.0 180 160 phe426hk5270jr05 0.033 k01 4.0 8.0 10.0 180 160 phe426hk5330jr05 0.039 k01 4.0 8.0 10.0 180 160 phe426hk5390jr05 0.047 k01 4.0 8.0 10.0 180 160 phe426hk5470jr05 0.056 k01 4.0 8.0 10.0 180 160 phe426hk5560jr05 0.068 k03 5.0 11.0 10.0 180 160 phe426hk5680jr05 0.082 k03 5.0 11.0 10.0 180 160 phe426hk5820jr05 0.10 k03 5.0 11.0 10.0 180 160 phe426hk6100jr05 0.12 k04 6.0 12.0 10.5 180 160 phe426hk6120jr05 0.15 k04 6.0 12.0 10.5 180 160 phe426hk6150jr05 lead sp acing 10 mm 0.068 a01 4.0 9.0 13.0 160 135 phe426ha5680jr05 0.082 a01 4.0 9.0 13.0 160 135 phe426ha5820jr05 0.10 a02 4.5 10.5 13.0 160 120 phe426ha6100jr05 0.12 a02 4.5 10.5 13.0 160 120 phe426ha6120jr05 0.15 a03 5.0 11.0 13.0 160 113 phe426ha6150jr05 0.18 a03 5.0 11.0 13.0 160 113 phe426ha6180jr05 0.22 a04 6.0 12.0 13.0 160 105 phe426ha6220jr05 lead sp acing 15 mm 0.18 b04 5.5 10.5 18.0 120 99 phe426hb6180jr06 0.22 b04 5.5 10.5 18.0 120 99 phe426hb6220jr06 0.27 b05 5.5 12.5 18.0 120 85 phe426hb6270jr06 0.33 b15 6.0 12.0 18.0 120 83 phe426hb6330jr06 0.39 b10 6.5 12.5 18.0 120 82 phe426hb6390jr06 0.47 b06 7.5 14.5 18.0 120 74 phe426hb6470jr06 0.56 b06 7.5 14.5 18.0 120 74 phe426hb6560jr06 0.68 b12 8.0 15.0 18.0 120 71 phe426hb6680jr06 0.82 b11 8.5 16.0 18.0 120 64 phe426hb6820jr06 1.0 b14 9.5 17.5 18.0 120 60 phe426hb7100jr06 lead sp acing 22.5 mm 0.68 d13 6.5 14.5 26.0 80 58 phe426hd6680jr06l2 0.82 d17 7.0 16.5 26.0 80 53 phe426hd6820jr06l2 1.0 d17 7.0 16.5 26.0 80 53 phe426hd7100jr06l2 1.2 d14 8.0 16.0 26.0 80 53 phe426hd7120jr06l2 1.5 d15 9.0 18.5 26.0 80 48 phe426hd7150jr06l2 1.8 d18 10.5 19.0 26.0 80 45 phe426hd7180jr06l2 2.2 d16 11.0 21.5 26.0 80 40 phe426hd7220jr06l2 2.7 d20 13.5 23.0 26.0 80 40 phe426hd7270jr06l2 3.3 d20 13.5 23.0 26.0 80 40 phe426hd7330jr06l2 3.9 d19 15.5 24.5 26.0 80 40 phe426hd7390jr06l2 4.7 d19 15.5 24.5 26.0 80 40 phe426hd7470jr06l2 ar ticle table c apaci- box m ax dimensions m ax r thha a rticle code tance code in mm d u /dt c / w f b h l v /s 85 c 0.2 m/s phe426 100 vdc/63 vac (1 section ) lead sp acing 5 mm 0.0010 j01 2.5 6.5 7.2 100 230 phe426dj4100jr05 0.0012 j01 2.5 6.5 7.2 100 230 phe426dj4120jr05 0.0015 j01 2.5 6.5 7.2 100 230 phe426dj4150jr05 0.0018 j01 2.5 6.5 7.2 100 230 phe426dj4180jr05 0.0022 j01 2.5 6.5 7.2 100 230 phe426dj4220jr05 0.0027 j01 2.5 6.5 7.2 100 230 phe426dj4270jr05 0.0033 j01 2.5 6.5 7.2 100 230 phe426dj4330jr05 0.0039 j01 2.5 6.5 7.2 100 230 phe426dj4390jr05 0.0047 j01 2.5 6.5 7.2 100 230 phe426dj4470jr05 0.0056 j01 2.5 6.5 7.2 100 230 phe426dj4560jr05 0.0068 j01 2.5 6.5 7.2 100 230 phe426dj4680jr05 0.0082 j01 2.5 6.5 7.2 100 230 phe426dj4820jr05 0.010 j01 2.5 6.5 7.2 100 230 phe426dj5100jr05 0.012 j01 2.5 6.5 7.2 100 230 phe426dj5120jr05 0.015 j01 2.5 6.5 7.2 100 230 phe426dj5150jr05 0.018 j02 3.5 8.0 7.2 100 230 phe426dj5180jr05 0.022 j02 3.5 8.0 7.2 100 230 phe426dj5220jr05 0.027 j02 3.5 8.0 7.2 100 230 phe426dj5270jr05 0.033 j02 3.5 8.0 7.2 100 230 phe426dj5330jr05 0.039 j02 3.5 8.0 7.2 100 230 phe426dj5390jr05 0.047 j02 3.5 8.0 7.2 100 230 phe426dj5470jr05 0.056 j03 4.5 9.0 7.2 100 230 phe426dj5560jr05 0.068 j03 4.5 9.0 7.2 100 230 phe426dj5680jr05 0.082 j04 5.0 10.0 7.2 100 230 phe426dj5820jr05 0.10 j05 6.0 11.0 7.2 100 230 phe426dj6100jr05 0.12 j05 6.0 11.0 7.2 100 230 phe426dj6120jr05 0.15 j06 7.2 13.0 7.2 100 230 phe426dj6150jr05 0.18 j06 7.2 13.0 7.2 100 230 phe426dj6180jr05 0.22 j06 7.2 13.0 7.2 100 230 phe426dj6220jr05 250 vdc/160 vac (1 section ) lead sp acing 5 mm 0.0010 j01 2.5 6.5 7.2 40 230 phe426hj4100jr05 0.0012 j01 2.5 6.5 7.2 40 230 phe426hj4120jr05 0.0015 j01 2.5 6.5 7.2 40 230 phe426hj4150jr05 0.0018 j01 2.5 6.5 7.2 40 230 phe426hj4180jr05 0.0022 j01 2.5 6.5 7.2 40 230 phe426hj4220jr05 0.0027 j01 2.5 6.5 7.2 40 230 phe426hj4270jr05 0.0033 j01 2.5 6.5 7.2 40 230 phe426hj4330jr05 0.0039 j01 2.5 6.5 7.2 40 230 phe426hj4390jr05 0.0047 j01 2.5 6.5 7.2 40 230 phe426hj4470jr05 0.0056 j01 2.5 6.5 7.2 40 230 phe426hj4560jr05 0.0068 j01 2.5 6.5 7.2 40 230 phe426hj4680jr05 0.0082 j01 2.5 6.5 7.2 40 230 phe426hj4820jr05 0.010 j01 2.5 6.5 7.2 40 230 phe426hj5100jr05 0.012 j01 2.5 6.5 7.2 40 230 phe426hj5120jr05 0.015 j01 2.5 6.5 7.2 40 230 phe426hj5150jr05 0.018 j02 3.5 8.0 7.2 40 230 phe426hj5180jr05 0.022 j02 3.5 8.0 7.2 40 230 phe426hj5220jr05 0.027 j02 3.5 8.0 7.2 40 230 phe426hj5270jr05 0.033 j02 3.5 8.0 7.2 40 230 phe426hj5330jr05 0.039 j02 3.5 8.0 7.2 40 230 phe426hj5390jr05 0.047 j02 3.5 8.0 7.2 40 230 phe426hj5470jr05 0.056 j03 4.5 9.0 7.2 40 230 phe426hj5560jr05 0.068 j03 4.5 9.0 7.2 40 230 phe426hj5680jr05 0.082 j04 5.0 10.0 7.2 40 230 phe426hj5820jr05 0.10 j05 6.0 11.0 7.2 40 230 phe426hj6100jr05 0.12 j05 6.0 11.0 7.2 40 230 phe426hj6120jr05 0.15 j06 7.2 13.0 7.2 40 230 phe426hj6150jr05 0.18 j06 7.2 13.0 7.2 40 230 phe426hj6180jr05 0.22 j06 7.2 13.0 7.2 40 230 phe426hj6220jr05 c apaci- box m ax dimensions m ax r thha a rticle code tance code in mm d u /dt c / w f b h l v /s 85 c 0.2 m/s
 evox rifa leaded film capacitors ar ticle table phe426 c apaci- box m ax dimensions m ax r thha a rticle code tance code in mm d u /dt c / w f b h l v /s 85 c 0.2 m/s c apaci- box m ax dimensions m ax r thha a rticle code tance code in mm d u /dt c / w f b h l v /s 85 c 0.2 m/s 300 vdc/160 vac (1 section ) lead sp acing 22.5 mm 1.2 d18 10.5 19.0 26.0 100 45 phe426jd7120jr06l2 1.5 d16 11.0 21.5 26.0 100 40 phe426jd7150jr06l2 1.8 d20 13.5 23.0 26.0 100 40 phe426jd7180jr06l2 2.2 d20 13.5 23.0 26.0 100 40 phe426jd7220jr06l2 2.7 d19 15.5 24.5 26.0 100 40 phe426jd7270jr06l2 lead sp acing 27.5 mm 1.0 f11 10.5 20.5 31.5 70 37 phe426jf7100jr06l2 1.2 f11 10.5 20.5 31.5 70 37 phe426jf7120jr06l2 1.5 f11 10.5 20.5 31.5 70 37 phe426jf7150jr06l2 1.8 f11 10.5 20.5 31.5 70 37 phe426jf7180jr06l2 1.8 f17 21.0 12.5 31.5 70 37 phe426jt7180jr06l2 2.2 f12 11.5 22.5 31.5 70 34 phe426jf7220jr06l2 2.7 f03 13.5 23.0 31.5 70 33 phe426jf7270jr06l2 3.3 f13 14.5 24.5 31.5 70 32 phe426jf7330jr06l2 3.9 f14 17.5 28.0 31.5 70 28 phe426jf7390jr06l2 3.9 f19 27.5 16.0 31.5 70 28 phe426jt7390jr06l2 4.7 f14 17.5 28.0 31.5 70 28 phe426jf7470jr06l2 5.6 f15 19.0 29.0 31.5 70 26 phe426jf7560jr06l2 5.6 f18 31.0 19.0 31.5 70 26 phe426jt7560jr06l2 6.8 f16 21.0 30.0 31.5 70 26 phe426jf7680jr06l2 lead sp acing 37.5 mm 3.3 r05 13.0 24.0 41.0 40 27 phe426jr7330jr06l2 3.9 r05 13.0 24.0 41.0 40 27 phe426jr7390jr06l2 4.7 r04 15.0 26.0 41.0 40 25 phe426jr7470jr06l2 5.6 r02 16.5 32.0 41.0 40 21 phe426jr7560jr06l2 6.8 r02 16.5 32.0 41.0 40 21 phe426jr7680jr06l2 8.2 r03 19.0 36.0 41.0 40 19 phe426jr7820jr06l2 10.0 r03 19.0 36.0 41.0 40 19 phe426jr8100jr06l2 12.0 r06 21.0 38.0 41.0 40 17 phe426jr8120jr06l2 15.0 r08 28.0 43.0 41.0 40 17 phe426jr8150jr06l2 18.0 r08 28.0 43.0 41.0 40 17 phe426jr8180jr06l2 400 vdc/220 vac (1 section ) lead sp acing 5 mm 0.0010 j01 2.5 6.5 7.2 30 230 phe426kj4100jr05 0.0012 j01 2.5 6.5 7.2 30 230 phe426kj4120jr05 0.0015 j01 2.5 6.5 7.2 30 230 phe426kj4150jr05 0.0018 j01 2.5 6.5 7.2 30 230 phe426kj4180jr05 0.0022 j01 2.5 6.5 7.2 30 230 phe426kj4220jr05 0.0027 j01 2.5 6.5 7.2 30 230 phe426kj4270jr05 0.0033 j01 2.5 6.5 7.2 30 230 phe426kj4330jr05 0.0039 j01 2.5 6.5 7.2 30 230 phe426kj4390jr05 0.0047 j01 2.5 6.5 7.2 30 230 phe426kj4470jr05 0.0056 j01 2.5 6.5 7.2 30 230 phe426kj4560jr05 0.0068 j01 2.5 6.5 7.2 30 230 phe426kj4680jr05 0.0082 j02 3.5 8.0 7.2 30 230 phe426kj4820jr05 0.010 j02 3.5 8.0 7.2 30 230 phe426kj5100jr05 0.012 j02 3.5 8.0 7.2 30 230 phe426kj5120jr05 0.015 j02 3.5 8.0 7.2 30 230 phe426kj5150jr05 0.018 j02 3.5 8.0 7.2 30 230 phe426kj5180jr05 0.022 j02 3.5 8.0 7.2 30 230 phe426kj5220jr05 0.027 j03 4.5 9.0 7.2 30 230 phe426kj5270jr05 0.033 j03 4.5 9.0 7.2 30 230 phe426kj5330jr05 0.039 j04 5.0 10.0 7.2 30 230 phe426kj5390jr05 0.047 j05 6.0 11.0 7.2 30 230 phe426kj5470jr05 0.056 j05 6.0 11.0 7.2 30 230 phe426kj5560jr05 0.068 j06 7.2 13.0 7.2 30 230 phe426kj5680jr05 250 vdc/160 vac (1 section ) lead sp acing 27.5 mm 2.2 f11 10.5 20.5 31.5 50 37 phe426hf7220jr06l2 2.7 f11 10.5 20.5 31.5 50 37 phe426hf7270jr06l2 2.7 f17 21.0 12.5 31.5 50 37 phe426ht7270jr06l2 3.3 f12 11.5 22.5 31.5 50 34 phe426hf7330jr06l2 3.9 f03 13.5 23.0 31.5 50 33 phe426hf7390jr06l2 4.7 f03 13.5 23.0 31.5 50 32 phe426hf7470jr06l2 5.6 f14 17.5 28.0 31.5 50 28 phe426hf7560jr06l2 6.8 f14 17.5 28.0 31.5 50 28 phe426hf7680jr06l2 6.8 f19 27.5 16.0 31.5 50 28 phe426ht7680jr06l2 8.2 f15 19.0 29.0 31.5 50 26 phe426hf7820jr06l2 10.0 f16 21.0 30.0 31.5 50 26 phe426hf8100jr06l2 10.0 f18 31.0 19.0 31.5 50 26 phe426ht8100jr06l2 lead sp acing 37.5 mm 4.7 r05 13.0 24.0 41.0 30 27 PHE426HR7470JR06L2 5.6 r05 13.0 24.0 41.0 30 27 phe426hr7560jr06l2 6.8 r04 15.0 26.0 41.0 30 25 phe426hr7680jr06l2 8.2 r02 16.5 32.0 41.0 30 21 phe426hr7820jr06l2 10.0 r02 16.5 32.0 41.0 30 21 phe426hr8100jr06l2 12.0 r03 19.0 36.0 41.0 30 19 phe426hr8120jr06l2 15.0 r03 19.0 36.0 41.0 30 19 phe426hr8150jr06l2 18.0 r06 21.0 38.0 41.0 30 17 phe426hr8180jr06l2 20.0 r06 21.0 38.0 41.0 30 17 phe426hr8200jr06l2 22.0 r08 28.0 43.0 41.0 30 17 phe426hr8220jr06l2 27.0 r08 28.0 43.0 41.0 30 17 phe426hr8270jr06l2 300 vdc/160 vac (1 section ) lead sp acing 10 mm 0.033 a01 4.0 9.0 13.0 200 135 phe426ja5330jr05 0.039 a01 4.0 9.0 13.0 200 135 phe426ja5390jr05 0.047 a01 4.0 9.0 13.0 200 135 phe426ja5470jr05 0.056 a01 4.0 9.0 13.0 200 135 phe426ja5560jr05 0.068 a02 4.5 10.5 13.0 200 120 phe426ja5680jr05 0.082 a02 4.5 10.5 13.0 200 120 phe426ja5820jr05 0.10 a03 5.0 11.0 13.0 200 113 phe426ja6100jr05 0.12 a03 5.0 11.0 13.0 200 113 phe426ja6120jr05 0.15 a04 6.0 12.0 13.0 200 105 phe426ja6150jr05 lead sp acing 15 mm 0.10 b04 5.5 10.5 18.0 150 99 phe426jb6100jr06 0.12 b04 5.5 10.5 18.0 150 99 phe426jb6120jr06 0.15 b04 5.5 10.5 18.0 150 99 phe426jb6150jr06 0.18 b05 5.5 12.5 18.0 150 85 phe426jb6180jr06 0.22 b15 6.0 12.0 18.0 150 83 phe426jb6220jr06 0.27 b10 6.5 12.5 18.0 150 82 phe426jb6270jr06 0.33 b06 7.5 14.5 18.0 150 74 phe426jb6330jr06 0.39 b06 7.5 14.5 18.0 150 74 phe426jb6390jr06 0.47 b12 8.0 15.0 18.0 150 71 phe426jb6470jr06 0.56 b11 8.5 16.0 18.0 150 64 phe426jb6560jr06 0.68 b14 9.5 17.5 18.0 150 60 phe426jb6680jr06 lead sp acing 22.5 mm 0.33 d13 6.5 14.5 26.0 100 58 phe426jd6330jr06l2 0.39 d13 6.5 14.5 26.0 100 58 phe426jd6390jr06l2 0.47 d13 6.5 14.5 26.0 100 58 phe426jd6470jr06l2 0.56 d13 6.5 14.5 26.0 100 58 phe426jd6560jr06l2 0.68 d17 7.0 16.5 26.0 100 53 phe426jd6680jr06l2 0.82 d14 8.0 16.0 26.0 100 53 phe426jd6820jr06l2 1.0 d15 9.0 18.5 26.0 100 48 phe426jd7100jr06l2
ar ticle table phe426 400 vdc/220 vac (1 section ) lead sp acing 7.5 mm 0.0010 k01 4.0 8.0 10.0 200 160 phe426kk4100jr05 0.0012 k01 4.0 8.0 10.0 200 160 phe426kk4120jr05 0.0015 k01 4.0 8.0 10.0 200 160 phe426kk4150jr05 0.0018 k01 4.0 8.0 10.0 200 160 phe426kk4180jr05 0.0022 k01 4.0 8.0 10.0 200 160 phe426kk4220jr05 0.0027 k01 4.0 8.0 10.0 200 160 phe426kk4270jr05 0.0033 k01 4.0 8.0 10.0 200 160 phe426kk4330jr05 0.0039 k01 4.0 8.0 10.0 200 160 phe426kk4390jr05 0.0047 k01 4.0 8.0 10.0 200 160 phe426kk4470jr05 0.0056 k01 4.0 8.0 10.0 200 160 phe426kk4560jr05 0.0068 k01 4.0 8.0 10.0 200 160 phe426kk4680jr05 0.0082 k01 4.0 8.0 10.0 200 160 phe426kk4820jr05 0.010 k01 4.0 8.0 10.0 200 160 phe426kk5100jr05 0.012 k01 4.0 8.0 10.0 200 160 phe426kk5120jr05 0.015 k01 4.0 8.0 10.0 200 160 phe426kk5150jr05 0.018 k01 4.0 8.0 10.0 200 160 phe426kk5180jr05 0.022 k01 4.0 8.0 10.0 200 160 phe426kk5220jr05 0.027 k01 4.0 8.0 10.0 200 160 phe426kk5270jr05 0.033 k03 5.0 11.0 10.0 200 160 phe426kk5330jr05 0.039 k03 5.0 11.0 10.0 200 160 phe426kk5390jr05 0.047 k03 5.0 11.0 10.0 200 160 phe426kk5470jr05 0.056 k04 6.0 12.0 10.5 200 160 phe426kk5560jr05 0.068 k04 6.0 12.0 10.5 200 160 phe426kk5680jr05 lead sp acing 10 mm 0.022 a01 4.0 9.0 13.0 300 135 phe426ka5220jr05 0.027 a01 4.0 9.0 13.0 300 135 phe426ka5270jr05 0.033 a02 4.5 10.5 13.0 300 120 phe426ka5330jr05 0.039 a02 4.5 10.5 13.0 300 120 phe426ka5390jr05 0.047 a02 4.5 10.5 13.0 300 120 phe426ka5470jr05 0.056 a03 5.0 11.0 13.0 300 113 phe426ka5560jr05 0.068 a04 6.0 12.0 13.0 300 105 phe426ka5680jr05 0.082 a04 6.0 12.0 13.0 300 105 phe426ka5820jr05 lead sp acing 15 mm 0.068 b04 5.5 10.5 18.0 200 99 phe426kb5680jr06 0.082 b04 5.5 10.5 18.0 200 99 phe426kb5820jr06 0.10 b04 5.5 10.5 18.0 200 99 phe426kb6100jr06 0.12 b05 5.5 12.5 18.0 200 85 phe426kb6120jr06 0.15 b10 6.5 12.5 18.0 200 84 phe426kb6150jr06 0.18 b06 7.5 14.5 18.0 200 74 phe426kb6180jr06 0.22 b06 7.5 14.5 18.0 200 74 phe426kb6220jr06 0.27 b12 8.0 15.0 18.0 200 71 phe426kb6270jr06 0.33 b11 8.5 16.0 18.0 200 64 phe426kb6330jr06 0.39 b14 9.5 17.5 18.0 200 60 phe426kb6390jr06 0.47 b14 9.5 17.5 18.0 200 60 phe426kb6470jr06 lead sp acing 22.5 mm 0.18 d13 6.5 14.5 26.0 150 58 phe426kd6180jr06l2 0.22 d13 6.5 14.5 26.0 150 58 phe426kd6220jr06l2 0.27 d13 6.5 14.5 26.0 150 58 phe426kd6270jr06l2 0.33 d13 6.5 14.5 26.0 150 58 phe426kd6330jr06l2 0.39 d17 7.0 16.5 26.0 150 53 phe426kd6390jr06l2 0.47 d14 8.0 16.0 26.0 150 53 phe426kd6470jr06l2 0.56 d15 9.0 18.5 26.0 150 48 phe426kd6560jr06l2 0.68 d15 9.0 18.5 26.0 150 48 phe426kd6680jr06l2 0.82 d18 10.5 19.0 26.0 150 45 phe426kd6820jr06l2 1.0 d16 11.0 21.5 26.0 150 40 phe426kd7100jr06l2 1.2 d20 13.5 23.0 26.0 150 40 phe426kd7120jr06l2 c apaci- box m ax dimensions m ax r thha a rticle code tance code in mm d u /dt c / w f b h l v /s 85 c 0.2 m/s c apaci- box m ax dimensions m ax r thha a rticle code tance code in mm d u /dt c / w f b h l v /s 85 c 0.2 m/s 400 vdc/220 vac (1 section ) lead sp acing 22.5 mm 1.5 d20 13.5 23.0 26.0 150 40 phe426kd7150jr06l2 1.8 d19 15.5 24.5 26.0 150 40 phe426kd7180jr06l2 lead sp acing 27.5 mm 0.56 f11 10.5 20.5 31.5 90 37 phe426kf6560jr06l2 0.68 f11 10.5 20.5 31.5 90 37 phe426kf6680jr06l2 0.82 f11 10.5 20.5 31.5 90 37 phe426kf6820jr06l2 1.0 f11 10.5 20.5 31.5 90 34 phe426kf7100jr06l2 1.2 f11 10.5 20.5 31.5 90 34 phe426kf7120jr06l2 1.2 f17 21.0 12.5 31.5 90 34 phe426kt7120jr06l2 1.5 f12 11.5 22.5 31.5 90 32 phe426kf7150jr06l2 1.8 f03 13.5 23.0 31.5 90 28 phe426kf7180jr06l2 2.2 f13 14.5 24.5 31.5 90 28 phe426kf7220jr06l2 2.7 f14 17.5 28.0 31.5 90 26 phe426kf7270jr06l2 2.7 f19 27.5 16.0 31.5 90 26 phe426kt7270jr06l2 3.3 f15 19.0 29.0 31.5 90 26 phe426kf7330jr06l2 3.9 f16 21.0 30.0 31.5 90 26 phe426kf7390jr06l2 3.9 f18 31.0 19.0 31.5 90 26 phe426kt7390jr06l2 lead sp acing 37.5 mm 1.5 r05 13.0 24.0 41.0 60 27 phe426kr7150jr06l2 1.8 r05 13.0 24.0 41.0 60 27 phe426kr7180jr06l2 2.2 r05 13.0 24.0 41.0 60 27 phe426kr7220jr06l2 2.7 r04 15.0 26.0 41.0 60 25 phe426kr7270jr06l2 3.3 r02 16.5 32.0 41.0 60 21 phe426kr7330jr06l2 3.9 r02 16.5 32.0 41.0 60 21 phe426kr7390jr06l2 4.7 r03 19.0 36.0 41.0 60 19 phe426kr7470jr06l2 5.6 r03 19.0 36.0 41.0 60 19 phe426kr7560jr06l2 6.8 r06 21.0 38.0 41.0 60 17 phe426kr7680jr06l2 8.2 r08 28.0 43.0 41.0 60 17 phe426kr7820jr06l2 10 r08 28.0 43.0 41.0 60 17 phe426kr8100jr06l2 450 vdc/220 vac (1 section ) lead sp acing 15 mm 0.10 b04 5.5 10.5 18.0 200 99 phe426lb6100jr06 0.12 b05 5.5 12.5 18.0 200 85 phe426lb6120jr06 0.15 b10 6.5 12.5 18.0 200 84 phe426lb6150jr06 0.18 b06 7.5 14.5 18.0 200 74 phe426lb6180jr06 0.22 b06 7.5 14.5 18.0 200 74 phe426lb6220jr06 0.27 b12 8.0 15.0 18.0 200 71 phe426lb6270jr06 0.33 b11 8.5 16.0 18.0 200 64 phe426lb6330jr06 0.39 b14 9.5 17.5 18.0 200 60 phe426lb6390jr06 0.47 b14 9.5 17.5 18.0 200 60 phe426lb6470jr06 lead sp acing 22.5 mm 0.18 d13 6.5 14.5 26.0 150 58 phe426ld6180jr06l2 0.22 d13 6.5 14.5 26.0 150 58 phe426ld6220jr06l2 0.27 d13 6.5 14.5 26.0 150 58 phe426ld6270jr06l2 0.33 d13 6.5 14.5 26.0 150 58 phe426ld6330jr06l2 0.39 d17 7.0 16.5 26.0 150 53 phe426ld6390jr06l2 0.47 d14 8.0 16.0 26.0 150 53 phe426ld6470jr06l2 0.56 d15 9.0 18.5 26.0 150 48 phe426ld6560jr06l2 0.68 d15 9.0 18.5 26.0 150 48 phe426ld6680jr06l2 0.82 d18 10.5 19.0 26.0 150 45 phe426ld6820jr06l2 1.0 d16 11.0 21.5 26.0 150 40 phe426ld7100jr06l2 1.2 d20 13.5 23.0 26.0 150 40 phe426ld7120jr06l2 1.5 d20 13.5 23.0 26.0 150 40 phe426ld7150jr06l2 1.8 d19 15.5 24.5 26.0 150 40 phe426ld7180jr06l2
101 evox rifa leaded film capacitors ar ticle table phe426 c apaci- box m ax dimensions m ax r thha a rticle code tance code in mm d u /dt c / w f b h l v /s 85 c 0.2 m/s c apaci- box m ax dimensions m ax r thha a rticle code tance code in mm d u /dt c / w f b h l v /s 85 c 0.2 m/s 630 vdc/250 vac (1 section ) lead sp acing 10 mm 0.010 a01 4.0 9.0 13.0 400 135 phe426ma5100jr05 0.012 a01 4.0 9.0 13.0 400 135 phe426ma5120jr05 0.015 a01 4.0 9.0 13.0 400 135 phe426ma5150jr05 0.018 a01 4.0 9.0 13.0 400 135 phe426ma5180jr05 0.022 a02 4.5 10.5 13.0 400 120 phe426ma5220jr05 0.027 a02 4.5 10.5 13.0 400 120 phe426ma5270jr05 0.033 a03 5.0 11.0 13.0 400 113 phe426ma5330jr05 0.039 a04 6.0 12.0 13.0 400 105 phe426ma5390jr05 0.047 a04 6.0 12.0 13.0 400 105 phe426ma5470jr05 lead sp acing 15 mm 0.033 b04 5.5 10.5 18.0 300 99 phe426mb5330jr06 0.039 b04 5.5 10.5 18.0 300 99 phe426mb5390jr06 0.047 b04 5.5 10.5 18.0 300 99 phe426mb5470jr06 0.056 b05 5.5 12.5 18.0 300 85 phe426mb5560jr06 0.068 b15 6.0 12.0 18.0 300 83 phe426mb5680jr06 0.082 b10 6.5 12.5 18.0 300 84 phe426mb5820jr06 0.10 b06 7.5 14.5 18.0 300 74 phe426mb6100jr06 0.12 b06 7.5 14.5 18.0 300 74 phe426mb6120jr06 0.15 b11 8.5 16.0 18.0 300 64 phe426mb6150jr06 0.18 b14 9.5 17.5 18.0 300 60 phe426mb6180jr06 0.22 b14 9.5 17.5 18.0 300 60 phe426mb6220jr06 lead sp acing 22.5 mm 0.10 d13 6.5 14.5 26.0 200 58 phe426md6100jr06l2 0.12 d13 6.5 14.5 26.0 200 58 phe426md6120jr06l2 0.15 d13 6.5 14.5 26.0 200 58 phe426md6150jr06l2 0.18 d17 7.0 16.5 26.0 200 53 phe426md6180jr06l2 0.22 d14 8.0 16.0 26.0 200 53 phe426md6220jr06l2 0.27 d15 9.0 18.5 26.0 200 48 phe426md6270jr06l2 0.33 d15 9.0 18.5 26.0 200 48 phe426md6330jr06l2 0.39 d18 10.5 19.0 26.0 200 45 phe426md6390jr06l2 0.47 d16 11.0 21.5 26.0 200 40 phe426md6470jr06l2 0.56 d20 13.5 23.0 26.0 200 40 phe426md6560jr06l2 0.68 d19 15.5 24.5 26.0 200 40 phe426md6680jr06l2 0.82 d19 15.5 24.5 26.0 200 40 phe426md6820jr06l2 lead sp acing 27.5 mm 0.33 f11 10.5 20.5 31.5 140 37 phe426mf6330jr06l2 0.39 f11 10.5 20.5 31.5 140 37 phe426mf6390jr06l2 0.47 f11 10.5 20.5 31.5 140 37 phe426mf6470jr06l2 0.56 f12 11.5 22.5 31.5 140 34 phe426mf6560jr06l2 0.56 f17 21.0 12.5 31.5 140 34 phe426mt6560jr06l2 0.68 f12 11.5 22.5 31.5 140 34 phe426mf6680jr06l2 0.82 f03 13.5 23.0 31.5 140 33 phe426mf6820jr06l2 1.0 f13 14.5 24.5 31.5 140 32 phe426mf7100jr06l2 1.2 f14 17.5 28.0 31.5 140 28 phe426mf7120jr06l2 1.2 f19 27.5 16.0 31.5 140 28 phe426mt7120jr06l2 1.5 f15 19.0 29.0 31.5 140 26 phe426mf7150jr06l2 1.8 f16 21.0 30.0 31.5 140 26 phe426mf7180jr06l2 1.8 f18 31.0 19.0 31.5 140 26 phe426mt7180jr06l2 lead sp acing 37.5 mm 0.82 r05 13.0 24.0 41.0 80 27 phe426mr6820jr06l2 1.0 r05 13.0 24.0 41.0 80 27 phe426mr7100jr06l2 1.2 r04 15.0 26.0 41.0 80 25 phe426mr7120jr06l2 1.5 r04 15.0 26.0 41.0 80 25 phe426mr7150jr06l2 1.8 r02 16.5 32.0 41.0 80 21 phe426mr7180jr06l2 450 vdc/220 vac (1 section ) lead sp acing 27.5 mm 0.56 f11 10.5 20.5 31.5 90 37 phe426lf6560jr06 l2 0.68 f11 10.5 20.5 31.5 90 37 phe426lf6680jr06 l2 0.82 f11 10.5 20.5 31.5 90 37 phe426lf6820jr06 l2 1.0 f11 10.5 20.5 31.5 90 34 phe426lf7100jr06 l2 1.2 f11 10.5 20.5 31.5 90 34 phe426lf7120jr06 l2 1.5 f12 11.5 22.5 31.5 90 32 phe426lf7150jr06 l2 1.8 f03 13.5 23.0 31.5 90 28 phe426lf7180jr06 l2 2.2 f13 14.5 24.5 31.5 90 28 phe426lf7220jr06 l2 2.7 f14 17.5 28.0 31.5 90 26 phe426lf7270jr06 l2 3.3 f15 19.0 29.0 31.5 90 26 phe426lf7330jr06 l2 3.9 f16 21.0 30.0 31.5 90 26 phe426lf7390jr06 l2 630 vdc/250 vac (1 section ) lead sp acing 5 mm 0.0010 j01 2.5 6.5 7.2 30 230 phe426mj4100jr05 0.0012 j01 2.5 6.5 7.2 30 230 phe426mj4120jr05 0.0015 j01 2.5 6.5 7.2 30 230 phe426mj4150jr05 0.0018 j01 2.5 6.5 7.2 30 230 phe426mj4180jr05 0.0022 j01 2.5 6.5 7.2 30 230 phe426mj4220jr05 0.0027 j01 2.5 6.5 7.2 30 230 phe426mj4270jr05 0.0033 j01 2.5 6.5 7.2 30 230 phe426mj4330jr05 0.0039 j01 2.5 6.5 7.2 30 230 phe426mj4390jr05 0.0047 j02 3.5 8.0 7.2 30 230 phe426mj4470jr05 0.0056 j02 3.5 8.0 7.2 30 230 phe426mj4560jr05 0.0068 j03 4.5 9.0 7.2 30 230 phe426mj4680jr05 0.0082 j03 4.5 9.0 7.2 30 230 phe426mj4820jr05 0.010 j03 4.5 9.0 7.2 30 230 phe426mj5100jr05 0.012 j04 5.0 10.0 7.2 30 230 phe426mj5120jr05 0.015 j05 6.0 11.0 7.2 30 230 phe426mj5150jr05 0.018 j05 6.0 11.0 7.2 30 230 phe426mj5180jr05 0.022 j06 7.2 13.0 7.2 30 230 phe426mj5220jr05 0.027 j06 7.2 13.0 7.2 30 230 phe426mj5270jr05 0.033 j06 7.2 13.0 7.2 30 230 phe426mj5330jr05 0.039 j06 7.2 13.0 7.2 30 230 phe426mj5390jr05 0.047 j06 7.2 13.0 7.2 30 230 phe426mj5470jr05 lead sp acing 7.5 mm 0.0010 k01 4.0 8.0 10.0 200 160 phe426mk4100jr05 0.0012 k01 4.0 8.0 10.0 200 160 phe426mk4120jr05 0.0015 k01 4.0 8.0 10.0 200 160 phe426mk4150jr05 0.0018 k01 4.0 8.0 10.0 200 160 phe426mk4180jr05 0.0022 k01 4.0 8.0 10.0 200 160 phe426mk4220jr05 0.0027 k01 4.0 8.0 10.0 200 160 phe426mk4270jr05 0.0033 k01 4.0 8.0 10.0 200 160 phe426mk4330jr05 0.0039 k01 4.0 8.0 10.0 200 160 phe426mk4390jr05 0.0047 k01 4.0 8.0 10.0 200 160 phe426mk4470jr05 0.0056 k01 4.0 8.0 10.0 200 160 phe426mk4560jr05 0.0068 k03 5.0 11.0 10.0 200 160 phe426mk4680jr05 0.0082 k03 5.0 11.0 10.0 200 160 phe426mk4820jr05 0.010 k03 5.0 11.0 10.0 200 160 phe426mk5100jr05 0.012 k03 5.0 11.0 10.0 200 160 phe426mk5120jr05 0.015 k04 6.0 12.0 10.5 200 160 phe426mk5150jr05 0.018 k04 6.0 12.0 10.5 200 160 phe426mk5180jr05 0.022 k04 6.0 12.0 10.5 200 160 phe426mk5220jr05 0.027 k04 6.0 12.0 10.5 200 160 phe426mk5270jr05 0.033 k04 6.0 12.0 10.5 200 160 phe426mk5330jr05
a r ti cle ta ble phe426 630 vdc /250 vac (1 s ection ) le ad s p acin g 37.5 mm 2.2 r02 16.5 32.0 41.0 80 21 phe426mr7220jr06l2 2.7 r03 19.0 36.0 41.0 80 19 phe426mr7270jr06l2 3.3 r03 19.0 36.0 41.0 80 19 phe426mr7330jr06l2 3.9 r06 21.0 38.0 41.0 80 17 phe426mr7390jr06l2 4.7 r08 28.0 43.0 41.0 80 17 phe426mr7470jr06l2 5.6 r08 28.0 43.0 41.0 80 17 phe426mr7560jr06l2 1000 vdc /250 vac (1 s ection ) le ad s p acin g 10 mm 0.0027 a01 4.0 9.0 13.0 600 135 phe426pa4270jr05 0.0033 a01 4.0 9.0 13.0 600 135 phe426pa4330jr05 0.0047 a01 4.0 9.0 13.0 600 135 phe426pa4470jr05 0.0056 a02 4.5 10.5 13.0 600 120 phe426pa4560jr05 0.0068 a02 4.5 10.5 13.0 600 120 phe426pa4680jr05 0.0082 a03 5.0 11.0 13.0 600 113 phe426pa4820jr05 0.010 a03 5.0 11.0 13.0 600 113 phe426pa5100jr05 0.012 a04 6.0 12.0 13.0 600 105 phe426pa5120jr05 0.015 a04 6.0 12.0 13.0 600 105 phe426pa5150jr05 le ad s p acin g 15 mm 0.010 b04 5.5 10.5 18.0 450 99 phe426pb5100jr06 0.012 b04 5.5 10.5 18.0 450 99 phe426pb5120jr06 0.015 b04 5.5 10.5 18.0 450 99 phe426pb5150jr06 0.018 b05 5.5 12.5 18.0 450 85 phe426pb5180jr06 0.022 b05 5.5 12.5 18.0 450 85 phe426pb5220jr06 0.027 b15 6.0 12.0 18.0 450 83 phe426pb5270jr06 0.033 b10 6.5 12.5 18.0 450 84 phe426pb5330jr06 0.039 b06 7.5 14.5 18.0 450 74 phe426pb5390jr06 0.047 b06 7.5 14.5 18.0 450 74 phe426pb5470jr06 0.056 b11 8.5 16.0 18.0 450 64 phe426pb5560jr06 0.068 b14 9.5 17.5 18.0 450 60 phe426pb5680jr06 0.082 b14 9.5 17.5 18.0 450 60 phe426pb5820jr06 0.10 b14 9.5 17.5 18.0 450 60 phe426pb6100jr06 le ad s p acin g 22.5 mm 0.033 d13 6.5 14.5 26.0 300 58 phe426pd5330jr06l2 0.039 d13 6.5 14.5 26.0 300 58 phe426pd5390jr06l2 0.047 d13 6.5 14.5 26.0 300 58 phe426pd5470jr06l2 0.056 d17 7.0 16.5 26.0 300 53 phe426pd5560jr06l2 0.068 d17 7.0 16.5 26.0 300 53 phe426pd5680jr06l2 0.082 d14 8.0 16.0 26.0 300 53 phe426pd5820jr06l2 0.10 d15 9.0 18.5 26.0 300 48 phe426pd6100jr06l2 0.12 d15 9.0 18.5 26.0 300 48 phe426pd6120jr06l2 0.15 d18 10.5 19.0 26.0 300 45 phe426pd6150jr06l2 0.18 d16 11.0 21.5 26.0 300 40 phe426pd6180jr06l2 0.22 d16 11.0 21.5 26.0 300 40 phe426pd6220jr06l2 0.27 d19 15.5 24.5 26.0 300 40 phe426pd6270jr06l2 le ad s p acin g 27.5 mm 0.10 f11 10.5 20.5 31.5 180 37 phe426pf6100jr06l2 0.12 f11 10.5 20.5 31.5 180 37 phe426pf6120jr06l2 0.15 f11 10.5 20.5 31.5 180 37 phe426pf6150jr06l2 0.18 f11 10.5 20.5 31.5 180 37 phe426pf6180jr06l2 0.18 f17 21.0 12.5 31.5 180 37 phe426pt6180jr06l2 0.22 f12 11.5 22.5 31.5 180 34 phe426pf6220jr06l2 0.27 f03 13.5 23.0 31.5 180 33 phe426pf6270jr06l2 0.33 f13 14.5 24.5 31.5 180 32 phe426pf6330jr06l2 0.39 f14 17.5 28.0 31.5 180 28 phe426pf6390jr06l2 0.39 f19 27.5 16.0 31.5 180 28 phe426pt6390jr06l2 c apaci- box m ax dimensions m ax r thha a rticle code tance code in mm d u /dt c / w f b h l v /s 85 c 0.2 m/s c apaci- box m ax dimensions m ax r thha a rticle code tance code in mm d u /dt c / w f b h l v /s 85 c 0.2 m/s 1000 vdc /250 vac (1 s ection ) le ad s p acin g 27.5 mm 0.47 f14 17.5 28.0 31.5 180 28 phe426pf6470jr06l2 0.56 f15 19.0 29.0 31.5 180 26 phe426pf6560jr06l2 0.56 f18 31.0 19.0 31.5 180 26 phe426pt6560jr06l2 0.68 f16 21.0 30.0 31.5 180 26 phe426pf6680jr06l2 le ad s p acin g 37.5 mm 0.33 r05 13.0 24.0 41.0 100 27 phe426pr6330jr06l2 0.39 r05 13.0 24.0 41.0 100 27 phe426pr6390jr06l2 0.47 r04 15.0 26.0 41.0 100 25 phe426pr6470jr06l2 0.56 r04 15.0 26.0 41.0 100 25 phe426pr6560jr06l2 0.68 r02 16.5 32.0 41.0 100 21 phe426pr6680jr06l2 0.82 r02 16.5 32.0 41.0 100 21 phe426pr6820jr06l2 1.0 r03 19.0 36.0 41.0 100 19 phe426pr7100jr06l2 1.2 r03 19.0 36.0 41.0 100 19 phe426pr7120jr06l2 1.5 r03 19.0 36.0 41.0 100 19 phe426pr7150jr03r06l2* 1.8 r06 21.0 38.0 41.0 100 17 phe426pr7180jr06l2 2.2 r06 21.0 38.0 41.0 100 17 phe426pr7220jr06r06l2* 2.7 r08 28.0 43.0 41.0 100 15 phe426pr7270jr06l2 3.3 r08 28.0 43.0 41.0 100 15 phe426pr7330jr06l2 1600 vdc /650 vac (2 s ection ) le ad s p acin g 15 mm 0.0047 b04 5.5 10.5 18.0 1500 99 phe426rb4470jr06 0.0056 b04 5.5 10.5 18.0 1500 99 phe426rb4560jr06 0.0068 b04 5.5 10.5 18.0 1500 99 phe426rb4680jr06 0.0082 b05 5.5 12.5 18.0 1500 85 phe426rb4820jr06 0.0100 b05 5.5 12.5 18.0 1500 85 phe426rb5100jr06 0.0120 b10 6.5 12.5 18.0 1500 84 phe426rb5120jr06 0.0150 b06 7.5 14.5 18.0 1500 74 phe426rb5150jr06 0.0180 b06 7.5 14.5 18.0 1500 74 phe426rb5180jr06 0.0220 b12 8.0 15.0 18.0 1500 71 phe426rb5220jr06 0.0270 b14 9.5 17.5 18.0 1500 60 phe426rb5270jr06 0.0330 b14 9.5 17.5 18.0 1500 60 phe426rb5330jr06 0.0390 b16 11.0 19.0 18.0 1500 59 phe426rb5390jr06 0.0470 b16 11.0 19.0 18.0 1500 59 phe426rb5470jr06 2000 vdc /700 vac (2 s ection ) le ad s p acin g 15 mm 0.0010 b04 5.5 10.5 18.0 1500 99 phe426sb4100jr06 0.0012 b04 5.5 10.5 18.0 1500 99 phe426sb4120jr06 0.0015 b04 5.5 10.5 18.0 1500 99 phe426sb4150jr06 0.0018 b04 5.5 10.5 18.0 1500 99 phe426sb4180jr06 0.0022 b04 5.5 10.5 18.0 1500 99 phe426sb4220jr06 0.0027 b04 5.5 10.5 18.0 1500 99 phe426sb4270jr06 0.0033 b04 5.5 10.5 18.0 1500 99 phe426sb4330jr06 0.0039 b04 5.5 10.5 18.0 1500 99 phe426sb4390jr06 0.0047 b05 5.5 12.5 18.0 1500 85 phe426sb4470jr06 0.0056 b05 5.5 12.5 18.0 1500 85 phe426sb4560jr06 0.0068 b10 6.5 12.5 18.0 1500 84 phe426sb4680jr06 0.0082 b06 7.5 14.5 18.0 1500 74 phe426sb4820jr06 0.0100 b06 7.5 14.5 18.0 1500 74 phe426sb5100jr06 0.0120 b12 8.0 15.0 18.0 1500 71 phe426sb5120jr06 0.0150 b11 8.5 16.0 18.0 1500 64 phe426sb5150jr06 0.0180 b14 9.5 17.5 18.0 1500 60 phe426sb5180jr06 0.0220 b16 11.0 19.0 18.0 1500 59 phe426sb5220jr06 0.0270 b16 11.0 19.0 18.0 1500 59 phe426sb5270jr06 * please note: these articles have a box code included in the article code, see page 12. statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applic ations, but are not intended to constitute and we specifically disclaim any warranty concerning suitabi lity for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice in ferred from this inform ation or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the ad vice given or results obtained.


▲Up To Search▲   

 
Price & Availability of PHE426HR7470JR06L2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X