Part Number Hot Search : 
D214ERU N1N961AU 280FM C2506 E000722 LT18T M54566DP KF200
Product Description
Full Text Search
 

To Download NC7SVL04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  september 2009 ? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.3 NC7SVL04 ? tinylogic ? low-i cct inverter NC7SVL04 tinylogic ? low-i cct inverter features ? 0.9v to 3.6v v cc supply operation ? 3.6v over-voltage tolerant i/os at v cc from 0.9v to 3.6v ? power-off high impedance inputs and outputs ? proprietary quiet series? noise / emi reduction circuitry ? ultra-small micropak? package ? ultra-low dynamic power description the NC7SVL04 is a single inverter with a low-i cct input design from fairchild?s ultr a-low power (ulp-a) series of tinylogic ? . the NC7SVL04 features very low quiescent current, even when the input voltage is lower than the v cc supply. this feature services mobile handset applications very well, allowing for direct interface with baseband processor general-purpose i/os. since mobile devices rely on a battery supply, the NC7SVL04 facilitates lower power consumption in mixed-voltage rail environments. this product is designed on an advanced cmos technology for a wide low-voltage operating range (0.9v to 3.6v v cc ), high drive needs (up to 24ma), and speed (maximum propagation delay of 3.5ns, v cc =3.3v). it achieves this performance while maintaining low cmos power dissipation. ordering information part number top mark eco status package packing method NC7SVL04p5x l04 rohs 5-lead sc70, eiaj sc-88a, 1.25mm wide 3000 units on tape & reel NC7SVL04l6x cd rohs 6-lead micropak?, 1.00mm wide 5000 units on tape & reel NC7SVL04fhx cd green 6-lead, micropak2, 1x1mm body, .35mm pitch 5000 units on tape & reel for fairchild?s definition of eco status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html .
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.3 2 NC7SVL04 ? tinylogic ? low-i cct inverter connection diagram ieee/iec figure 1. logic symbol pin configurations figure 2. sc70 (top view) figure 3. micropak? (top through view) pin definitions pin # sc70 pin # micropak name description 1 1 nc no connect 2 2 a input 3 3 gnd ground 4 4 y output 5 6 v cc supply voltage 5 nc no connect function table y=/a inputs output a y l h h l h = high logic level l = low logic level
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.3 3 NC7SVL04 ? tinylogic ? low-i cct inverter absolute maximum ratings stresses exceeding the absolute maximum ratings may damage the device. the device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. in addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. symbol parameter min. max. unit v cc supply voltage -0.5 4.6 v v in dc input voltage -0.5 4.6 v high or low state (1) -0.5 v cc + 0.5 v out dc output voltage v cc = 0v -0.5 4.6 v i ik dc input diode current v in < 0v -50 ma v out < 0v -50 i ok dc output diode current v out > v cc +50 ma i oh / i ol dc output source/sink current 50 ma i cc or i gnd dc v cc or ground current per supply pin 50 ma t stg storage temperature range -65 +150 c t j junction temperature under bias +150 c t l junction lead temperature, soldering 10 seconds +260 c sc70-5 150 micropak-6 130 p d power dissipation at +85c micropak2-6 120 mw human body model, jedec:jesd22-a114 4000 esd charge device model, jedec:jesd22-c101 2000 v note: 1. i o absolute maximum ratings must be observed. recommended operating conditions the recommended operating conditions table defines the conditions for actual device operation. recommended operating conditions are specified to ens ure optimal performance to the datasheet specifications. fairchild does not recommend exceeding them or designing to absolute maximum ratings. symbol parameter conditions min. max. unit v cc supply voltage 0.9 3.6 v v in input voltage 0 3.6 v v cc = 0v 0 3.6 v out output voltage high or low state 0 v cc v v cc = 3.0v to 3.6v 24.0 v cc = 2.3v to 2.7v 18.0 v cc = 1.65v to 1.95v 6.0 v cc = 1.4v to 1.6v 4.0 v cc = 1.1v to 1.3v 2.0 i oh /i ol output current in i oh /i ol v cc = 0.9v 0.1 ma t a operating temperature, free air -40 +85 c t/ v minimum input edge rate v in = 0.8v to 2.0v, v cc = 3.0v 10 ns/v sc70-5 425 micropak-6 500 ja thermal resistance micropak2-6 560 c/w note: 2. unused inputs must be held high or low. they may not float.
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.3 4 NC7SVL04 ? tinylogic ? low-i cct inverter dc electrical characteristics t a =25c t a =-40 to +85c symbol parameter v cc conditions min. max. min. max. units 0.90 .65 x v cc .65 x v cc 1.10 v cc 1.30 .65 x v cc .65 x v cc 1.40 v cc 1.60 .65 x v cc .65 x v cc 1.65 v cc 1.95 0.90 .0.90 2.30 v cc 2.70 1.50 1.50 v ih high level input voltage 2.70 v cc 3.60 1.50 1.50 v 0.90 .25 x v cc .25 x v cc 1.10 v cc 1.30 .25 x v cc .25 x v cc 1.40 v cc 1.60 .25 x v cc .25 x v cc 1.65 v cc 1.95 .25 x v cc .25 x v cc 2.30 v cc 2.70 0.70 0.70 v il low level input voltage 2.70 v cc 3.60 0.80 0.80 v 0.90 v cc -0.10 v cc -0.10 1.10 v cc 1.30 v cc -0.10 v cc -0.10 1.40 v cc 1.60 v cc -0.20 v cc -0.20 1.65 v cc 1.95 v cc -0.20 v cc -0.20 2.30 v cc 2.70 v cc -0.20 v cc -0.20 2.70 v cc 3.60 i oh =-100a v cc -0.20 v cc -0.20 1.10 v cc 1.30 i oh =-2ma .75 x v cc .75 x v cc 1.40 v cc 1.60 i oh =-4ma .75 x v cc .75 x v cc 1.65 v cc 1.95 1.25 1.25 2.30 v cc 2.70 i oh =-6ma 2.00 2.00 2.30 v cc 2.70 1.80 1.80 2.70 v cc 3.60 i oh =-12ma 2.20 2.20 2.30 v cc 2.70 1.70 1.70 2.70 v cc 3.60 i oh =-18ma 2.40 2.40 v oh high level output voltage 2.70 v cc 3.60 i oh =-24ma 2.20 2.20 v continued on the following page?
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.3 5 NC7SVL04 ? tinylogic ? low-i cct inverter dc electrical characteristics (continued) t a =25c t a =-40 to 85c symbol parameter v cc conditions min. max. min. max. units 0.90 0.10 0.10 1.10 v cc 1.30 0.10 0.10 1.40 v cc 1.60 0.20 0.20 1.65 v cc 1.95 0.20 0.20 2.30 v cc 2.70 0.20 0.20 2.70 v cc 3.60 i ol =100a 0.20 0.20 1.10 v cc 1.30 i ol =2ma 0.25 x v cc 0.25 x v cc 1.40 v cc 1.60 i ol =4ma 0.25 x v cc 0.25 x v cc 1.65 v cc 1.95 i ol =6ma 0.30 0.30 2.30 v cc 2.70 0.40 0.40 2.70 v cc 3.60 i ol =12ma 0.40 0.40 2.30 v cc 2.70 0.60 0.60 2.70 v cc 3.60 i ol =18ma 0.40 0.40 v ol low level output voltage 2.70 v cc 3.60 i ol =24ma 0.55 0.55 v i in input leakage current 0.90 to 3.60 0 v in 3.60v 0.1 0.5 a i off power off leakage current 0 0 (v in, v o ) 3.60v 0.5 0.5 a v in =v cc or gnd 0.9 0.9 i cc quiescent supply current 0.90 to 3.60 v cc v in 3.60v 0.9 a 1.95 v in =0.9v 6 8 i cct increase in i cc per input 3.60 v in =1.5v 6 8 a ac electrical characteristics t a =25c t a =-40 to 85c symbol parameter v cc conditions min. typ. max. min. max. units figure 0.90 c l =15pf, r l =1m 34.0 1.10 v cc 1.30 3.5 8.1 16.5 3.0 27.8 1.40 v cc 1.60 c l =15pf, r l =2k 1.5 3.7 7.0 1.5 7.5 1.65 v cc 1.95 1.1 2.8 5.8 1.0 6.3 2.30 v cc 2.70 0.6 2.0 4.0 0.6 4.5 t phl , t plh propagation delay 2.70 v cc 3.60 c l =30pf, r l =500 0.5 1.5 3.5 0.5 4.0 ns figure 4 figure 5 c in input capacitance 0 3 pf c pd power dissipation capacitance 0.90 to 3.60 v in =0v or v cc , f=10mhz 5 pf
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.3 6 NC7SVL04 ? tinylogic ? low-i cct inverter ac loadings and waveforms figure 4. ac test circuit figure 5. ac waveforms v cc symbol 3.3v 0.3v 2.5v 0.2v 1.8v 0. 15v 1.5v 0.1v 1.2v 0.1v 0.9v v mi 1.5v v cc /2 v cc /2 v cc /2 v cc /2 v cc /2 v mo 1.5v v cc /2 v cc /2 v cc /2 v cc /2 v cc /2
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.3 7 NC7SVL04 ? tinylogic ? low-i cct inverter physical dimensions figure 6. 5-lead, sc70, eiaj sc-88a, 1.25mm wide package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and condition s, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . tape and reel specifications please visit fairchild semiconductor?s online packaging area for the most recent tape and reel specifications: http://www.fairchildsemi.com/products/analog/pdf/sc70-5_tr.pdf . package designator tape section cavity number cavity status cover type status leader (start end) 125 (typical) empty sealed carrier 3000 filled sealed p5x trailer (hub end) 75 (typical) empty sealed
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.3 8 NC7SVL04 ? tinylogic ? low-i cct inverter physical dimensions 2. dimensions are in millimeters 1. conforms to jedec standard m0-252 variation uaad mac06arevc notes: 3. drawing conforms to asme y14.5m-1994 top view recommened land pattern bottom view 1.45 1.00 a b 0.05 c 0.05 c 2x 2x 0.55max 0.05 c (0.49) (1) (0.75) (0.52) (0.30) 6x 1x 6x pin 1 detail a 0.075 x 45 chamfer 0.25 0.15 0.35 0.25 0.40 0.30 0.5 (0.05) 1.0 5x detail a pin 1 terminal 0.40 0.30 0.45 0.35 0.10 0.00 0.10 cba 0.05 c c 0.05 c 0.05 0.00 5x 5x 6x (0.13) 4x 6x figure 7. 6-lead, micropak?, 1.0mm wide package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and condition s, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . tape and reel specifications please visit fairchild semiconductor?s online packaging area for the most recent tape and reel specifications: http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf . package designator tape section cavity number cavity status cover type status leader (start end) 125 (typical) empty sealed carrier 5000 filled sealed l6x trailer (hub end) 75 (typical) empty sealed
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.3 9 NC7SVL04 ? tinylogic ? low-i cct inverter physical dimensions 5x detail a figure 8. 6-lead, micropak2, 1x1mm body, .35mm pitch package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and condition s, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . tape and reel specifications please visit fairchild semiconductor?s online packaging area for the most recent tape and reel specifications: http://www.fairchildsemi.com/packaging/micropak2_6l_tr.pdf . package designator tape section cavity number cavity status cover type status leader (start end) 125 (typical) empty sealed carrier 5000 filled sealed fhx trailer (hub end) 75 (typical) empty sealed
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.3 10 NC7SVL04 ? tinylogic ? low-i cct inverter


▲Up To Search▲   

 
Price & Availability of NC7SVL04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X