Part Number Hot Search : 
DMR76C 24A12 B99027 BD7956FS 0263003 2SK2201 NLU2G04 LE120CZ
Product Description
Full Text Search
 

To Download MBR240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  40v-200v 2.0a MBR240 thru mbr2200 web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com maximum ratings and electrical characteristics m e c h a n i c a l d a t a ? plastic package has underwriters laboratory flammability classification 94v-o utilizing flame retardant epoxy molding compound.  exceeds environmental standards of mil-s-19500/228  for use in low voltage,high frequency inverters ,free wheeling , and polarity protection applications.  in compliance with eu rohs 2002/95/ec directives  case: do-15 molded plastic  terminals: axial leads, solderable per mil-std-750,method 2026  polarity: color band denotes cathode  mounting position: any  weight: 0.014 ounces, 0.397 grams ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. retemara pl obmys 042rb m5 42rb m0 52rb m0 62rb m0 82rb m0 92rb m0 012rb m0 512rb m0 022rbm stinu egatlovesreverkaeptnerrucermumixa mv mrr 0 45 40 50 60 80 90 0 10 5 10 0 2v egatlovsmrmumixa mv smr 8 25 .1 35 32 46 53 60 75 0 10 4 1v egatlovgnikcolbcdmumixa mv cd 0 45 40 50 60 80 90 0 10 5 10 0 2v tnerrucdeifitcerdrawrofegarevamumixam )1gifees(htgneldael)mm5.9("573. i )va(f 0. 2a -enisflahelgnissm3.8:tnerrucegrusdrawrofkaep )dohtemcedej(daoldetarnodesopmirepusevaw i msf 0 5a cnatsiserlamrehtlacipy t) 2eton( er aj 53 o /c w )1eton(a0.2taegatlovdrawrofmumixa mv f 7. 04 7. 08 . 09 . 0v ttatnerrucesrevercdmumixam j 52= o c tegatlovgnikcolbcddetar j 001= o c i r 50.0 02 am gnarerutarepmetegarotsdnanoitcnujgnitarep ot j t, gts 051+ot55- 571+ot56- o c notes: 1.pulse test : 300s pulse with , 1% duty cycle. 2thermal resistance junction to lead p.c.b mounted 0.375?(9.5mm) lead length. schottky barrier rectifiers
ratings and characteristic curves MBR240 thru mbr2200 e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 fig.1- forward current derating curve fig.4- typical instantaneous forward characteristic peak forwardsurge current, amperes no. of cycle at 60hz lead temperature, c o 2.5 2.0 1.0 0 .375" 9.5mmleadlenghts resistiveorinductiveload 0.5 1.5 0 20406080100 0.01 0.1 1.0 10 0.2 0.4 0.6 0.8 1.0 1.2 120 140 160 1 10 100 60 50 40 30 20 10 0 50-60v 80-100v 150-200v t=25c a o forward voltage, volts forward current, amperes 40-45v fig.3-typical reverse characteristic 20 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 10 5 40 60 80 100 t=25c j o percent of r a ted peak reverse vo l t age ,% v =40-60v v =80-200v rrm rrm t=75c j o t =125 c j o 180 average forward rectified current amperes fig.2- maximum non-repetitivepeakforward surge current =40v = 45-200v r e v erse c u rren t , m a 40v-200v 2.0a MBR240 thru mbr2200 schottky barrier rectifiers


▲Up To Search▲   

 
Price & Availability of MBR240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X