Part Number Hot Search : 
D3595 EPA368 333ML ABKL2M6 R0800 SK3591 03870 2SC1685
Product Description
Full Text Search
 

To Download LB1930M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications of any and all sanyo semiconductor co.,l td. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' sproductsor equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general el ectronics equipment (home appliances, av equipment, communication device, office equipment, industrial equ ipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medica l equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, t ransportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of re liability and can directly threaten human lives in case of failure or malfunction of the product or may cause har m to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for app lications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is n o consultation or inquiry before the intended use, our customer shall be solely responsible for the use. 61511 sy / 22509 ms / 51199rm (ot) no.6068-1/5 LB1930M overview the LB1930M is single-channel forward/reverse dc brush motor driver. this device is optimal for cd, dvd and blue ray disk player loading motors. and it is possible to use it for others as a general-purpose product. features ? the low saturation voltage reduces ic internal heating and allows a high voltage to be applied to the motor. thus this device can be used even in environments with a high operating ambient temperature. output saturation voltage: vsat1 = 0.25v typical (i o = 0.2a) (high side + low side): vsat2 = 0.55v typical (i o = 0.5a) operating temperature range: ta = -30 to +85c ? the LB1930M features the wide operating voltage range of 2.2 to 10.8v and the low standby current drain of 0.1 a, and therefore can easily be used in battery operated systems. ? to minimize through currents, the LB1930M internal logic passes through an internal standby state when switched by the input signals between forward/reverse and brake, or between forward and reverse. ? there are no constraints on the relationship between the input voltage and the supply voltage. for example, the LB1930M can be used with v cc = 3v, and v in = 5v. ? if the ic chip exceeds 180c due to an output short caus ing a large current flow, the built-in thermal protection circuit suppresses the drive current to prevent fires or destruction of the ic. ? mfp-10s miniature package. also, the LB1930M features the high allowable power dissipation of pd = 800mw. specifications absolute maximum ratings at ta = 25 c parameter symbol conditions ratings unit supply voltage v cc max 11 v output current i out max 1000 ma output voltage handling v out max v cc + v sf v applied input voltage i h max 10.5 v continued on next page. monolithic digital ic low-voltage, low-saturation bidirectional motor driver orderin g numbe r : en6068c
LB1930M no.6068-2/5 continued from preceding page. parameter symbol conditions ratings unit allowable power dissipation pd max mounted on a specified board * 800 mw operating temperature topr -30 to +85 c storage temperature tstg -55 to +150 c * specified board: 114.3mm 76.1mm 1.5mm, glass epoxy board. allowable operating ranges at ta = 25 c parameter symbol conditions ratings unit supply voltage v cc 2.2 to 10.8 v high-level input voltage v ih 2.0 to 10 v low-level input voltage v il -0.3 to +0.3 v electrical characteristics at ta = 25 c, v cc = 3v parameter symbol conditions ratings unit min typ max current drain i cc 1 standby mode 0.1 5 a i cc 2 forward or reverse drive operation 15 21 ma i cc 3 braking 22 31 ma output saturation voltage v o (sat)1 forward or reverse drive: high side + low side, i o = 200ma 0.25 0.35 v v o (sat)2 forward or reverse drive: high side + low side, i o = 500ma 0.55 0.75 v v o (sat)3 forward or reverse drive: high side only, i o = 200ma 0.15 0.25 v input current i in v in = 5v 70 95 a thermal detection operating temperature thd design guarantee value* 150 180 200 c spark killer diode forward voltage v sf i o = 200ma 0.9 1.7 v reverse current i rs v out = 10v 0.1 5 a * design guarantee value, do not measurement. package dimensions unit : mm (typ) 3086b sanyo : mfp10s(225mil) 1 10 5 6 (0.5) 1.7max 1.0 0.35 5.0 0.15 6.4 (1.5) 0.1 4.4 0.63 -20 0 20 40 60 80 100 0 1000 800 600 400 200 pd max -- ta -30 85 416 ambient temperature, ta -- c allowable power dissipation, pd max -- mw spesified board: 114.3 76.1 1.5mm 3 glass epoxy board.
LB1930M no.6068-3/5 pin assignment 1 v cc 2 nc 3 in1 4 in2 5 s-gnd 6 7 8 10 9 nc out1 nc out2 p-gnd top view LB1930M block diagram and application circuit example v cc in1 in2 s-gnd out1 out2 p-gnd 3 60k 80k 4 60k 80k 9 7 1 5 6 m cpu control block c1=1 f truth table in1 in2 out1 out2 mode l l off off standby h l h l forward l h l h reverse h h h h brake
LB1930M no.6068-4/5 v o (sat) -- i o v o (sat) -- tc i cc -- v cc i cc -- tc i cc -- tc i in -- v in ta = 25 c v cc = 5v total (low + high side) i o = 500ma i o = 200ma 1.0 0 0.9 0.6 0.4 0.2 1.0 0 0.9 0.6 0.4 0.2 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 -40 -20 0 20 40 60 80 100 140 120 -40 -20 0 20 40 60 80 100 140 120 -40 -20 0 20 40 60 80 100 140 120 -40 -20 0 20 40 60 80 100 140 120 -40 -20 0 20 40 60 80 100 140 120 28 0 24 16 8 4 20 12 20 0 12 8 4 16 28 0 24 16 8 4 20 12 160 0 40 120 80 1.8 0 1.6 0.8 0.4 1.2 100 0 80 40 20 60 v cc = 8v v cc = 3v v cc = 2v v cc = 8v v cc = 3v v cc = 2v v cc = 3v v cc = 11v v in = 5v 0.29 01234567 12 10 89 11 01234567 10 89 output current, i o -- a output saturation voltage, v o (sat) -- v output saturation voltage, v o (sat) -- v case temperature, tc -- c case temperature, tc -- c case temperature, tc -- c case temperature, tc -- c case temperature, tc -- c current drain, i cc -- ma current drain, i cc -- ma current drain, i cc -- ma current drain, i cc -- a input current, i in -- a input current, i in -- a i cc standby temperature characteristics in pin input current vs. temperature characteristics brake forward/reverse forward/reverse brake input voltage, v in -- v supply voltage, v cc -- v under 0.01 a
LB1930M ps no.6068-5/5 sanyo semiconductor co.,ltd. assumes no responsib ility for equipment failures that result from using products at values that exceed, even momentarily, rate d values (such as maximum ra tings, operating condition ranges, or other parameters) listed in products specif ications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-qual ity high-reliability products, however, any and all semiconductor products fail or malfunction with some probabi lity. it is possible that these probabilistic failures or malfunction could give rise to acci dents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause dam age to other property. when designing equipment, adopt safety measures so that these kinds of accidents or e vents cannot occur. such measures include but are not limited to protective circuits and error prevention c ircuits for safe design, redundant design, and structural design. upon using the technical information or products descri bed herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable f or any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagr ams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equi pment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor c o.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities conc erned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any in formation storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. usage notes oscillation may occur in the v cc and p-gnd lines, since these lines carry a wide range of currents. the following may help if this is a problem. (1) lower the inductance of the wiring by making lines wider and shorter. (2) insert capacitors with good frequency characteristics close to the ic. (3) consider adopting the following methods if the cpu and this ic are mounted on different printed circuit boards that could easily have different ground potentials. ? connect s-gnd to the cpu ground and connect p-gnd to the power system ground. ? insert resistors of about 10k in series between the controller outputs and the inputs on this ic. this catalog provides information as of june, 2011. specifications and information herein are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of LB1930M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X